Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3808G25DRVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS3808G25DRVR
Descripción Electrónicos  Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3808G25DRVR Datasheet(HTML) 4 Page - Texas Instruments

  TPS3808G25DRVR Datasheet HTML 1Page - Texas Instruments TPS3808G25DRVR Datasheet HTML 2Page - Texas Instruments TPS3808G25DRVR Datasheet HTML 3Page - Texas Instruments TPS3808G25DRVR Datasheet HTML 4Page - Texas Instruments TPS3808G25DRVR Datasheet HTML 5Page - Texas Instruments TPS3808G25DRVR Datasheet HTML 6Page - Texas Instruments TPS3808G25DRVR Datasheet HTML 7Page - Texas Instruments TPS3808G25DRVR Datasheet HTML 8Page - Texas Instruments TPS3808G25DRVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
6
5
4
1
2
3
RESET
GND
MR
C
T
SENSE
V
DD
THERMAL
PAD
1
2
3
6
5
4
RESET
GND
MR
C
T
SENSE
V
DD
TPS3808
SBVS050K – MAY 2004 – REVISED OCTOBER 2015
www.ti.com
6 Pin Configuration and Functions
DBV Package
DRV Package
6-Pin SOT-23
6-Pin (2.00 mm × 2.00 mm) WSON With Thermal Pad
Top View
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
SOT-23
WSON
Reset period programming pin. Connecting this pin to VDD through a 40-kΩ to 200-kΩ
resistor or leaving it open results in fixed delay times (see Electrical Characteristics).
CT
4
3
I
Connecting this pin to a ground referenced capacitor
≥ 100 pF gives a user-programmable
delay time. See the Selecting the RESET Delay Time section for more information.
GND
2
5
Ground
Driving the manual reset pin (MR) low asserts RESET. MR is internally tied to VDD by a 90-
MR
3
4
I
k
Ω pull-up resistor.
RESET is an open-drain output that is driven to a low-impedance state when RESET is
asserted (either the SENSE input is lower than the threshold voltage (VIT) or the MR pin is
RESET
1
6
O
set to a logic low). RESET remains low (asserted) for the reset period after both SENSE is
above VIT and MR is set to a logic high. A pull-up resistor from 10 kΩ to 1 MΩ should be
used on this pin, and allows the reset pin to attain voltages higher than VDD.
This pin is connected to the voltage to be monitored. If the voltage at this terminal drops
SENSE
5
2
I
below the threshold voltage VIT, then RESET is asserted.
Supply voltage. It is good analog design practice to place a 0.1-
μF ceramic capacitor close
VDD
6
1
I
to this pin.
Thermal
Pad
Thermal Pad. Connect to ground plane to enhance thermal performance of package.
Pad
4
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: TPS3808


Número de pieza similar - TPS3808G25DRVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3808G25DRVR TI-TPS3808G25DRVR Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G25DRVR TI-TPS3808G25DRVR Datasheet
486Kb / 18P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G25DRVR TI-TPS3808G25DRVR Datasheet
689Kb / 20P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G25DRVR TI-TPS3808G25DRVR Datasheet
680Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G25DRVR TI-TPS3808G25DRVR Datasheet
696Kb / 22P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
More results

Descripción similar - TPS3808G25DRVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3808G125 TI-TPS3808G125 Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_101 TI-TPS3808_101 Datasheet
696Kb / 22P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MPQ6400 MPS-MPQ6400 Datasheet
285Kb / 10P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808-EP TI1-TPS3808-EP Datasheet
464Kb / 15P
[Old version datasheet]   LOW QUIESCENT CURRENT, PROGRAMMABLE DELAY SUPERVISORY CIRCUIT
TPS3808 TI1-TPS3808_17 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808 Datasheet
417Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808_07 Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G01-Q1 TI1-TPS3808G01-Q1_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Quiescent-Current Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MP6400 MPS-MP6400 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808 TI-TPS3808_10 Datasheet
680Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_0808 TI-TPS3808_0808 Datasheet
689Kb / 20P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com