Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3837J25-Q1 Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza TPS3837J25-Q1
Descripción Electrónicos  NANOPOWER SUPERVIDORY CIRCUITS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3837J25-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  TPS3837J25-Q1 Datasheet HTML 1Page - Texas Instruments TPS3837J25-Q1 Datasheet HTML 2Page - Texas Instruments TPS3837J25-Q1 Datasheet HTML 3Page - Texas Instruments TPS3837J25-Q1 Datasheet HTML 4Page - Texas Instruments TPS3837J25-Q1 Datasheet HTML 5Page - Texas Instruments TPS3837J25-Q1 Datasheet HTML 6Page - Texas Instruments TPS3837J25-Q1 Datasheet HTML 7Page - Texas Instruments TPS3837J25-Q1 Datasheet HTML 8Page - Texas Instruments TPS3837J25-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TPS3836E18-Q1 / J25-Q1 / H30-Q1 / L30-Q1 / K33-Q1
TPS3837E18-Q1 / J25-Q1 / L30-Q1 / K33-Q1, TPS3838E18-Q1 / J25-Q1 / L30-Q1 / K33-Q1
NANOPOWER SUPERVISORY CIRCUITS
SGLS141A − DECEMBER 2002 − REVISED JANUARY 2007
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
VDD
GND
CT
MR
RESET
TPS3836K33
VCC
VSS
RST
Xin
MSP430
Xout
T
Quartz
32 kHz
Lithium
Battery
3.6 V
TYPICAL OPERATING CIRCUIT
The product spectrum is designed for supply voltages of 1.8 V, 2.5 V, 3 V, and 3.3 V. The circuits are available
in a 5-pin SOT-23 package. The TPS3836-Q-Q1, TPS3837-Q-Q1, TPS3838-Q-Q1 families are characterized
for operation over a temperature range of −40
°C to 125°C.
PACKAGE INFORMATION
TA
DEVICE NAME
THRESHOLD VOLTAGE
SYMBOL
TPS3836E18QDBVRQ1
1.71 V
PDNQ
TPS3836J25QDBVRQ1
2.25 V
PDSQ
TPS3836H30QDBVRQ1
2.79 V
PHRQ
TPS3836L30QDBVRQ1
2.64 V
PCAQ
TPS3836K33QDBVRQ1
2.93 V
PDTQ
TPS3837E18QDBVRQ1
1.71 V
PDOQ
−40
°C to 125°C
TPS3837J25QDBVRQ1
2.25 V
PDRQ
40 C to 125 C
TPS3837L30QDBVRQ1
2.64 V
PCBQ
TPS3837K33QDBVRQ1
2.93 V
PDUQ
TPS3838E18QDBVRQ1
1.71 V
PDQQ
TPS3838J25QDBVRQ1
2.25 V
PDPQ
TPS3838L30QDBVRQ1
2.64 V
PCCQ
TPS3838K33QDBVRQ1
2.93 V
PDVQ
DBVR indicates tape and reel of 3000 parts.
ORDERING INFORMATION
TPS383 6 E 18 Q DBV R Q1
Automotive Designator
Reel
Package
Q-Temperature Designator
Nominal Supply Voltage
Typical Reset Threshold Voltage
Functionality
Family


Número de pieza similar - TPS3837J25-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3837J25-Q1 TI-TPS3837J25-Q1 Datasheet
230Kb / 13P
[Old version datasheet]   NANOPOWER SUPERVIDORY CIRCUITS
More results

Descripción similar - TPS3837J25-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3836E18-Q1 TI-TPS3836E18-Q1 Datasheet
230Kb / 13P
[Old version datasheet]   NANOPOWER SUPERVIDORY CIRCUITS
TPS3836 TI1-TPS3836 Datasheet
708Kb / 16P
[Old version datasheet]   NanoPower Supervisory Circuits
TPS3836E18 TI-TPS3836E18 Datasheet
173Kb / 11P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
TPS3836E18-EP TI1-TPS3836E18-EP_16 Datasheet
789Kb / 16P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
TPS3836E18-EP TI-TPS3836E18-EP Datasheet
400Kb / 15P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
TLV3691 TI1-TLV3691_15 Datasheet
3Mb / 29P
[Old version datasheet]   Nanopower Comparator
logo
Advanced Analog Technol...
AAT3560 AAT-AAT3560 Datasheet
93Kb / 8P
   NanoPower??Voltage Detector
logo
Advanced Analogic Techn...
AAT3560 ANALOGICTECH-AAT3560 Datasheet
272Kb / 8P
   NanoPower Voltage Detector
logo
Texas Instruments
LPV801 TI1-LPV801 Datasheet
771Kb / 24P
[Old version datasheet]   Nanopower Operational Amplifiers
LPV811 TI1-LPV811 Datasheet
251Kb / 12P
[Old version datasheet]   Nanopower Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com