Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0734153352 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 0734153352
Descripción Electrónicos  50 Ohms, SMP Jack to Jack Adapter, 13.21mm Length
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0734153352 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0734153352 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 06/17/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0734153352
Status:
Active
Overview:
SMPM and SMP RF Connectors
Description:
50 Ohms, SMP Jack to Jack Adapter, 13.21mm Length
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
RF/Coax Connectors
Series
73415
Overview
SMPM and SMP RF Connectors
Product Name
Adapter, SMP
Style
Adapter
UPC
822350786478
Wire/Cable Type
N/A
Physical
Gender
Jack/Jack
Keying to Mating Part
None
Orientation
Straight
PCB Mounting
N/A
Packaging Type
Tray
Panel Mount
No
Panel Mount Method
N/A
Reverse Polar
No
Electrical
Impedance
50#
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-73415-335
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
73415 Series
This document was generated on 06/17/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - 0734153352

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0734153350 MOLEX11-0734153350 Datasheet
55Kb / 1P
   50 Ohms, RF Adapter SMP Jack-to-Jack, Length 23.80mm
0734153351 MOLEX11-0734153351 Datasheet
55Kb / 1P
   50 Ohms, RF Adapter SMP Jack-to-Jack, Length 20.30mm
0734153353 MOLEX11-0734153353 Datasheet
55Kb / 1P
   50 Ohms, SMP Jack to Jack Adapter, 14.50mm Length
0734153354 MOLEX-0734153354 Datasheet
47Kb / 1P
   50 Ohms, SMP Jack-to-SMP Jack Adapter, 28.73mm Length, Tray
08/27/2022
0734153355 MOLEX11-0734153355 Datasheet
55Kb / 1P
   50 Ohms, SMP Jack to Jack Adapter, 23.80mm Length
More results

Descripción similar - 0734153352

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0734153357 MOLEX11-0734153357 Datasheet
55Kb / 1P
   50 Ohms, SMP Jack to Jack Adapter, 11.40mm Length
0734153353 MOLEX11-0734153353 Datasheet
55Kb / 1P
   50 Ohms, SMP Jack to Jack Adapter, 14.50mm Length
0734153355 MOLEX11-0734153355 Datasheet
55Kb / 1P
   50 Ohms, SMP Jack to Jack Adapter, 23.80mm Length
0734153356 MOLEX11-0734153356 Datasheet
55Kb / 1P
   50 Ohms, SMP Jack to Jack Adapter, 20.30mm Length
0734153358 MOLEX11-0734153358 Datasheet
55Kb / 1P
   50 Ohms, SMP Jack to Jack Adapter, 17.20mm Length
0734153359 MOLEX-0734153359 Datasheet
47Kb / 1P
   50 Ohms, SMP Jack-to-SMP Jack Adapter, 16.40mm Length, Tray
08/27/2022
734060590 MOLEX-734060590 Datasheet
100Kb / 1P
   SMP JACK TO JACK ADAPTER 50 OHMS
2022/08/26
0734153354 MOLEX-0734153354 Datasheet
47Kb / 1P
   50 Ohms, SMP Jack-to-SMP Jack Adapter, 28.73mm Length, Tray
08/27/2022
0734153350 MOLEX11-0734153350 Datasheet
55Kb / 1P
   50 Ohms, RF Adapter SMP Jack-to-Jack, Length 23.80mm
0734153351 MOLEX11-0734153351 Datasheet
55Kb / 1P
   50 Ohms, RF Adapter SMP Jack-to-Jack, Length 20.30mm
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com