Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3808G15DBVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS3808G15DBVT
Descripción Electrónicos  Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3808G15DBVT Datasheet(HTML) 5 Page - Texas Instruments

  TPS3808G15DBVT Datasheet HTML 1Page - Texas Instruments TPS3808G15DBVT Datasheet HTML 2Page - Texas Instruments TPS3808G15DBVT Datasheet HTML 3Page - Texas Instruments TPS3808G15DBVT Datasheet HTML 4Page - Texas Instruments TPS3808G15DBVT Datasheet HTML 5Page - Texas Instruments TPS3808G15DBVT Datasheet HTML 6Page - Texas Instruments TPS3808G15DBVT Datasheet HTML 7Page - Texas Instruments TPS3808G15DBVT Datasheet HTML 8Page - Texas Instruments TPS3808G15DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
TPS3808
www.ti.com
SBVS050K – MAY 2004 – REVISED OCTOBER 2015
7 Specifications
7.1 Absolute Maximum Ratings
over operating junction temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VDD
–0.3
7
V
Voltage
VCT
–0.3
VDD + 0.3
V
VRESET, VMR, VSENSE
–0.3
7
V
Current
RESET pin
–5
5
mA
Operating junction, TJ
(2)
–40
150
°C
Temperature
Storage, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
As a result of the low dissipated power in this device, it is assumed that TJ = TA.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001,
±2000
all pins(1)
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification
±500
JESD22-C101, all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD
Input supply range
1.7
6.5
V
VSENSE
SENSE pin voltage
0
6.5
V
V(Ct)
CT pin voltage
VDD
V
VMR
MR pin voltage
0
6.5
V
VRESET
RESET pin voltage
0
6.5
V
IRESET
RESET pin current
0.0003
5
mA
7.4 Thermal Information
TPS3808
THERMAL METRIC(1)
DBV (SOT-23)
DRV (WSON)
UNIT
6 PINS
6 PINS
RθJA
Junction-to-ambient thermal resistance
180.9
178.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
117.8
95.6
°C/W
RθJB
Junction-to-board thermal resistance
27.8
135
°C/W
ψJT
Junction-to-top characterization parameter
1.12
6.3
°C/W
ψJB
Junction-to-board characterization parameter
27.3
136.6
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
7.3
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS3808


Número de pieza similar - TPS3808G15DBVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3808G15DBVT TI-TPS3808G15DBVT Datasheet
417Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G15DBVT TI-TPS3808G15DBVT Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G15DBVT TI-TPS3808G15DBVT Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G15DBVT TI-TPS3808G15DBVT Datasheet
486Kb / 18P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G15DBVT TI-TPS3808G15DBVT Datasheet
689Kb / 20P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
More results

Descripción similar - TPS3808G15DBVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3808G125 TI-TPS3808G125 Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_101 TI-TPS3808_101 Datasheet
696Kb / 22P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MPQ6400 MPS-MPQ6400 Datasheet
285Kb / 10P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808-EP TI1-TPS3808-EP Datasheet
464Kb / 15P
[Old version datasheet]   LOW QUIESCENT CURRENT, PROGRAMMABLE DELAY SUPERVISORY CIRCUIT
TPS3808 TI1-TPS3808_17 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808 Datasheet
417Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808_07 Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G01-Q1 TI1-TPS3808G01-Q1_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Quiescent-Current Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MP6400 MPS-MP6400 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808 TI-TPS3808_10 Datasheet
680Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_0808 TI-TPS3808_0808 Datasheet
689Kb / 20P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com