Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS7952-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS7952-Q1
Descripción Electrónicos  ADS79xx-Q1 8-, 10-, and 12-Bit, 1-MSPS, 4-, 8-, 12-, and 16-Channel, Single-Ended, Micropower, Serial Interface, Analog-to-Digital Converters
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7952-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  ADS7952-Q1 Datasheet HTML 1Page - Texas Instruments ADS7952-Q1 Datasheet HTML 2Page - Texas Instruments ADS7952-Q1 Datasheet HTML 3Page - Texas Instruments ADS7952-Q1 Datasheet HTML 4Page - Texas Instruments ADS7952-Q1 Datasheet HTML 5Page - Texas Instruments ADS7952-Q1 Datasheet HTML 6Page - Texas Instruments ADS7952-Q1 Datasheet HTML 7Page - Texas Instruments ADS7952-Q1 Datasheet HTML 8Page - Texas Instruments ADS7952-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
ADS7950-Q1, ADS7951-Q1, ADS7952-Q1, ADS7953-Q1, ADS7954-Q1
ADS7956-Q1, ADS7957-Q1, ADS7958-Q1, ADS7959-Q1, ADS7960-Q1, ADS7961-Q1
SBAS652A – MAY 2014 – REVISED AUGUST 2014
www.ti.com
Pin Functions
PIN
NUMBER
I/O
DESCRIPTION
ADS7953-Q1, ADS7952-Q1,
ADS7950-Q1,
NAME
ADS7951-Q1,
ADS7957-Q1, ADS7956-Q1,
ADS7954-Q1,
ADS7959-Q1
ADS7961-Q1
ADS7960-Q1
ADS7958-Q1
ADC ANALOG INPUT
AINM
9
9
9
9
I
ADC input ground
AINP
8
8
8
8
I
Signal input to ADC
DIGITAL CONTROL SIGNALS
CS
31
31
23
23
I
Chip-select input
SCLK
32
32
24
24
I
Serial clock input
SDI
33
33
25
25
I
Serial data input
SDO
34
34
26
26
O
Serial data output
GENERAL PURPOSE INPUTS AND OUTPUTS(1)
GPIO0
I/O
General-purpose input or output
37
37
29
29
High or low
Active high output indicating high alarm or low alarm, depending on
O
alarm
programming
GPIO1
I/O
General-purpose input or output
38
38
30
30
Low alarm
O
Active high output indicating low alarm
GPIO2
I/O
General-purpose input or output
1
1
1
1
Range
I
Selects range: High
→ Range 2; Low → Range 1
GPIO3
I/O
Genera-purpose input or output
2
2
2
2
PD
I
Active low power-down input
MULTIPLEXER
Ch0
28
28
20
20
I
Ch1
27
27
19
18
I
Ch2
26
26
18
14
I
Ch3
25
25
17
12
I
Ch4
24
24
14
I
Ch5
23
23
13
I
Ch6
22
22
12
I
Ch7
21
21
11
I
Analog channels for multiplexer
Ch8
18
18
I
Ch9
17
17
I
Ch10
16
16
I
Ch11
15
15
I
Ch12
14
I
Ch13
13
I
Ch14
12
I
Ch15
11
I
MXO
7
7
7
7
O
Multiplexer output
NC PINS
11
15
11
12
16
13
13
15
NC
Pins internally not connected, do not float these pins
14
16
17
19
(1)
These pins have programmable dual functionality. See Table 12 for functionality programming.
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: ADS7950-Q1 ADS7951-Q1 ADS7952-Q1 ADS7953-Q1 ADS7954-Q1 ADS7956-Q1 ADS7957-
Q1 ADS7958-Q1 ADS7959-Q1 ADS7960-Q1 ADS7961-Q1


Número de pieza similar - ADS7952-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS7952 TI-ADS7952 Datasheet
1Mb / 43P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7952 TI1-ADS7952 Datasheet
1Mb / 32P
[Old version datasheet]   Contains all support circuitry needed
ADS7952 TI1-ADS7952 Datasheet
1Mb / 65P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7952 TI1-ADS7952 Datasheet
2Mb / 66P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7952SBDBT TI-ADS7952SBDBT Datasheet
1Mb / 43P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
More results

Descripción similar - ADS7952-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS7950 TI1-ADS7950_12 Datasheet
1Mb / 65P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7950 TI-ADS7950 Datasheet
1Mb / 43P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7950 TI1-ADS7950_14 Datasheet
2Mb / 66P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7955-Q1 TI1-ADS7955-Q1 Datasheet
628Kb / 32P
[Old version datasheet]   10-Bit, 1 MSPS, 8-Channel, Single-Ended, MicroPower, Serial Interface ADC
ADS5296 TI-ADS5296 Datasheet
2Mb / 104P
[Old version datasheet]   10-Bit, 200-MSPS, 4-Channel and 12-Bit, 80-MSPS, 8-Channel Analog-to-Digital Converter
ADS5296A TI1-ADS5296A Datasheet
2Mb / 107P
[Old version datasheet]   10-Bit, 200-MSPS, 4-Channel and 12-Bit, 80-MSPS, 8-Channel Analog-to-Digital Converter
logo
Analog Devices
AD9747 AD-AD9747_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9743 AD-AD9743_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9745 AD-AD9745_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9741 AD-AD9741 Datasheet
638Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com