Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS8910BRGET Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS8910BRGET
Descripción Electrónicos  ADS891xB 18-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI??Digital Interface
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8910BRGET Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS8910BRGET Datasheet HTML 3Page - Texas Instruments ADS8910BRGET Datasheet HTML 4Page - Texas Instruments ADS8910BRGET Datasheet HTML 5Page - Texas Instruments ADS8910BRGET Datasheet HTML 6Page - Texas Instruments ADS8910BRGET Datasheet HTML 7Page - Texas Instruments ADS8910BRGET Datasheet HTML 8Page - Texas Instruments ADS8910BRGET Datasheet HTML 9Page - Texas Instruments ADS8910BRGET Datasheet HTML 10Page - Texas Instruments ADS8910BRGET Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
7
ADS8910B
ADS8912B
ADS8914B
www.ti.com
SBAS707A – JUNE 2016 – REVISED JULY 2016
Product Folder Links: ADS8910B ADS8912B ADS8914B
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
At RVDD = 5.5 V, DVDD = 2.35 V to 3.6 V, VREF = 5 V, and maximum throughput (unless otherwise noted).
Minimum and maximum values at TA = –40°C to +125°C; typical values at TA = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(7)
See the PD_CNTL Register.
SAMPLING DYNAMICS
Aperture delay
4
ns
tj-rms
Aperture jitter
2
ps RMS
f3-DB(small)
Small-signal bandwidth
23
MHz
LDO OUTPUT (DECAP)
VLDO
LDO output voltage
(DECAP pins)
2.85
V
CLDO
External ceramic capacitor on
DECAP pins
1
µF
tPU_LDO
LDO power-up time
CLDO = 1 µF, RVDD > VLDO
1
ms
ISHRT-LDO
Short-circuit current
100
mA
DIGITAL INPUTS
VIH
High-level input voltage
1.65 V < DVDD < 2.3 V
0.8 DVDD
DVDD + 0.3
V
2.3 V < DVDD < 3.6 V
0.7 DVDD
DVDD + 0.3
VIL
Low-level input voltage
1.65 V < DVDD < 2.3 V
–0.3
0.2 DVDD
V
2.3 V < DVDD < 3.6 V
–0.3
0.3 DVDD
Input current
±0.01
0.1
μA
DIGITAL OUTPUTS
VOH
High-level output voltage
IOH = 500-µA source
0.8 DVDD
DVDD
V
VOL
Low-level output voltage
IOH = 500-µA sink
0
0.2 DVDD
V
POWER SUPPLY
IRVDD
Analog supply current
ADS8910B at RVDD = 5 V,
1-MSPS
4.2
5.8
mA
ADS8912B at RVDD = 5 V,
500-KSPS
3.2
4
mA
ADS8914B at RVDD = 5 V,
250-KSPS
2.8
3.6
mA
Static, no conversion
970
μA
Static, PD_ADC = 1b(7)
900
μA
Static, PD_REFBUF = 1b(7)
120
μA
Static, PD_ADC = 1b and
PD_REFBUF = 1b(7)
40
μA
IDVDD
Digital supply current
DVDD = 3 V, CLOAD = 10 pF,
no conversion
1
μA
PRVDD
Power dissipation
ADS8910B at RVDD = 5 V,
1-MSPS
21
29
mW
ADS8912B at RVDD = 5 V,
500-KSPS
16
20
ADS8914B at RVDD = 5 V,
250-KSPS
14
18


Número de pieza similar - ADS8910BRGET

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8900B TI1-ADS8900B Datasheet
1Mb / 76P
[Old version datasheet]   20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
ADS8900BRGER TI1-ADS8900BRGER Datasheet
1Mb / 76P
[Old version datasheet]   20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
ADS8900BRGET TI1-ADS8900BRGET Datasheet
1Mb / 76P
[Old version datasheet]   20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
ADS8902B TI1-ADS8902B Datasheet
1Mb / 76P
[Old version datasheet]   20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
ADS8902BRGER TI1-ADS8902BRGER Datasheet
1Mb / 76P
[Old version datasheet]   20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
More results

Descripción similar - ADS8910BRGET

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8900B TI1-ADS8900B Datasheet
1Mb / 76P
[Old version datasheet]   20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
ADS8920B TI1-ADS8920B Datasheet
125Kb / 6P
[Old version datasheet]   ADS892xB 16-bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI??Digital Interface
logo
Linear Technology
LTC2387 LINER-LTC2387 Datasheet
665Kb / 8P
   18-/16-Bit, 15Msps/10Msps/5Msps, High Speed SAR ADCs
logo
Maxim Integrated Produc...
MAX154 MAXIM-MAX154 Datasheet
153Kb / 12P
   CMOS High-Speed 8-Bit ADCs with Multiplexer and Reference
19-0892; Rev 3; 12/96
logo
Texas Instruments
ADS61B49 TI-ADS61B49_09 Datasheet
1Mb / 62P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
ADS61B29 TI-ADS61B29 Datasheet
1Mb / 61P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
logo
Linear Technology
LTC2348 LINER-LTC2348 Datasheet
1Mb / 10P
   16-/18-Bit, Octal 200ksps SAR ADCs
logo
Texas Instruments
REF6025 TI1-REF6025 Datasheet
2Mb / 37P
[Old version datasheet]   High-Precision Voltage Reference With Integrated ADC Drive Buffer
REF6125 TI1-REF6125 Datasheet
2Mb / 36P
[Old version datasheet]   High-Precision Voltage Reference With Integrated ADC Drive Buffer
logo
Microchip Technology
MCP3421 MICROCHIP-MCP3421_09 Datasheet
761Kb / 42P
   18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com