Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
2SC3837K Datasheet(PDF) 1 Page - Rohm |
|
2SC3837K Datasheet(HTML) 1 Page - Rohm |
1 / 4 page 2SC5661 / 2SC4725 / 2SC4082 / 2SC3837K Transistors Rev.A 1/3 High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz) 2SC5661 / 2SC4725 / 2SC4082 / 2SC3837K Features 1) High transition frequency. (Typ. fT = 1.5GHz) 2) Small rbb’ ⋅Ccand high gain. (Typ. 6ps) 3) Small NF. Packaging specifications and hFE Type 2SC4725 EMT3 NP AC∗ TL 3000 2SC5661 VMT3 NP AC∗ T2L 8000 2SC4082 UMT3 NP 1C∗ T106 3000 2SC3837K SMT3 NP AC∗ T146 3000 ∗ Denotes hFE Package hFE Marking Code Basic ordering unit (pieces) Absolute maximum ratings (Ta=25 °C) Parameter Symbol VCBO VCEO VEBO IC PC Tj Tstg Limits 30 20 3 50 0.2 150 −55 to +150 Unit V V V mA 0.15 2SC4082, 2SC3837K 2SC5661, 2SC4725 W °C °C Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature External dimensions (Unit : mm) (2) Base (3) Collector (1) Emitter (3) Collector (1) Emitter (2) Base (3) Collector (1) Emitter (2) Base Each lead has same dimensions Each lead has same dimensions 0.1Min. 1.6 0.8 (2) (3) (1) 1.25 2.1 0.1to0.4 0.3to0.6 2.8 1.6 2SC4725 2SC4082 2SC3837K 2SC5661 ROHM : VMT3 ROHM : EMT3 EIAJ : SC-75A ROHM : UMT3 EIAJ : SC-70 ROHM : SMT3 EIAJ : SC-59 (1) Base (2) Emitter (3) Collector (3) 1.2 0.8 0.2 0.15Max. 0.2 (2) (1) Electrical characteristics (Ta=25 °C) Parameter Symbol Min. Typ. Max. Unit Conditions BVCBO BVCEO BVEBO ICBO IEBO hFE fT Cob rbb'·Cc NF 30 18 3 − − 56 600 − − − − − − − 1500 0.9 − − − 0.5 0.5 180 − 1.5 V V V µA µA − MHz pF IC = 10µA IC = 1mA IE = 10µA VCB = 15V VEB = 2V VCE(sat) −− 0.5 V IC/IB = 20mA/4mA VCE/IC = 10V/10mA VCE = 10V , IE = −10mA , f = 200MHz VCB = 10V , IE = 0A , f = 1MHz VCB = 10V , IC = 10mA , f = 31.8MHz VCE = 12V , IC = 2mA , f = 200MHz , Rg = 50Ω − 613 ps − 4.5 − dB Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cutoff current Emitter cutoff current DC current transfer ratio Transition frequency Output capacitance Collector-emitter saturation voltage Collector-base time constant Noise factor |
Número de pieza similar - 2SC3837K |
|
Descripción similar - 2SC3837K |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |