Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AC11652 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza 74AC11652
Descripción Electrónicos  OCTAL BUS TRANSCEIVER AND REGISTERS WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11652 Datasheet(HTML) 1 Page - Texas Instruments

  74AC11652 Datasheet HTML 1Page - Texas Instruments 74AC11652 Datasheet HTML 2Page - Texas Instruments 74AC11652 Datasheet HTML 3Page - Texas Instruments 74AC11652 Datasheet HTML 4Page - Texas Instruments 74AC11652 Datasheet HTML 5Page - Texas Instruments 74AC11652 Datasheet HTML 6Page - Texas Instruments 74AC11652 Datasheet HTML 7Page - Texas Instruments 74AC11652 Datasheet HTML 8Page - Texas Instruments 74AC11652 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
74AC11652
OCTAL BUS TRANSCEIVER AND REGISTERS
WITH 3-STATE OUTPUTS
SCAS088A - DECEMBER 1989 - REVISED APRIL 1996
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Independent Registers and Enables for A
and B Buses
D Multiplexed Real-Time and Stored Data
D Inverting Data Paths
D Flow-Through Architecture Optimizes PCB
Layout
D Center-Pin V
CC and GND Configurations
Minimize High-Speed Switching Noise
D EPIC ™ (Enhanced-Performance Implanted
CMOS) 1-
μm Process
D 500-mA Typical Latch-Up Immunity at
125
°C
description
The 74AC11652 consists of bus transceiver
circuits, D-type flip-flops, and control circuitry
arranged for multiplexed transmission of data
directly from the data bus or from the internal
storage registers. Output-enable (OEAB and OEBA) inputs are provided to control the transceiver functions.
The select-control (SAB and SBA) inputs are provided to select whether real-time or stored data is transferred.
A low input level selects real-time data, and a high input level selects stored data. Figure 1 illustrates the four
fundamental bus-management functions that can be performed with the 74AC11652.
Data on the A or B bus, or both, can be stored in the internal D flip-flops by low-to-high transitions at the
appropriate clock (CLKAB or CLKBA) inputs, regardless of the select- or enable-control pins. When SAB and
SBA are in the real-time transfer mode, it is also possible to store data without using the internal D-type flip-flops
by simultaneously enabling OEAB and OEBA. In this configuration, each output reinforces its input. Thus, when
all other data sources to the two sets of bus lines are at high impedance, each set remains at its last state.
The 74AC11652 is characterized for operation from − 40
°C to 85°C.
Copyright
© 1996, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC is a trademark of Texas Instruments Incorporated.
DW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
OEAB
A1
A2
A3
A4
GND
GND
GND
GND
A5
A6
A7
A8
OEBA
CLKAB
SAB
B1
B2
B3
B4
VCC
VCC
B5
B6
B7
B8
CLKBA
SBA


Número de pieza similar - 74AC11652

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
74AC11652 TI-74AC11652 Datasheet
144Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTERS WITH 3-STATE OUTPUTS
74AC11652DW TI-74AC11652DW Datasheet
144Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTERS WITH 3-STATE OUTPUTS
74AC11652DWR TI-74AC11652DWR Datasheet
144Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTERS WITH 3-STATE OUTPUTS
More results

Descripción similar - 74AC11652

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
74AC11652 TI-74AC11652 Datasheet
144Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTERS WITH 3-STATE OUTPUTS
SN74ALS646 TI-SN74ALS646 Datasheet
1Mb / 29P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646_07 Datasheet
385Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT646 TI-SN54ABT646 Datasheet
344Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT2952A TI-SN54ABT2952A_07 Datasheet
548Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646 Datasheet
337Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT652 TI-SN54BCT652 Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC646A TI-SN54LVC646A Datasheet
197Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI-SN54ALS652 Datasheet
331Kb / 22P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54HCT652 TI-SN54HCT652 Datasheet
152Kb / 8P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com