Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5342 Datasheet(PDF) 3 Page - Jinan Jingheng (Group) Co.,Ltd

No. de pieza 1N5342
Descripción Electrónicos  5W SILICON PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Página de inicio  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

1N5342 Datasheet(HTML) 3 Page - Jinan Jingheng (Group) Co.,Ltd

  1N5342 Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd 1N5342 Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd 1N5342 Datasheet HTML 3Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1N
PLASTIC PACKAGE ZENER DIODES
5342...
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
33
-


Número de pieza similar - 1N5342

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
New Jersey Semi-Conduct...
1N5342 NJSEMI-1N5342 Datasheet
108Kb / 2P
   5.0 Watt surmetic 40 silicon zcncr diodes
logo
Jinan Jingheng (Group) ...
1N5342 JINANJINGHENG-1N5342 Datasheet
281Kb / 3P
   5W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
1N5342 JINGHENG-1N5342 Datasheet
69Kb / 2P
   5W SILICON PLANAR ZENER DIODES
logo
EIC discrete Semiconduc...
1N5342A EIC-1N5342A Datasheet
31Kb / 2P
   SILICON ZENER DIODES
1N5342A EIC-1N5342A Datasheet
121Kb / 3P
   SILICON ZENER DIODES
More results

Descripción similar - 1N5342

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jinan Jing Heng Electro...
1N5342 JINGHENG-1N5342 Datasheet
69Kb / 2P
   5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N5342 JINANJINGHENG-1N5342 Datasheet
281Kb / 3P
   5W SILICON PLANAR ZENER DIODES
logo
STMicroelectronics
1N5333B STMICROELECTRONICS-1N5333B Datasheet
208Kb / 5P
   5W SILICON ZENER DIODES
logo
Shanghai Leiditech Elec...
1N5338B LEIDITECH-1N5338B Datasheet
674Kb / 3P
   5W silicon zener diodes
logo
DIYI Electronic Technol...
SMBJ5333A DYELEC-SMBJ5333A Datasheet
1Mb / 4P
   5W Surface Mount Silicon Zener Diodes
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com