Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5349 Datasheet(PDF) 1 Page - Jinan Jingheng (Group) Co.,Ltd

No. de pieza 1N5349
Descripción Electrónicos  5W SILICON PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Página de inicio  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

1N5349 Datasheet(HTML) 1 Page - Jinan Jingheng (Group) Co.,Ltd

  1N5349 Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd 1N5349 Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd 1N5349 Datasheet HTML 3Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
R
SEMICONDUCT OR
1N5342 THRU 1N5388
5W SILICON PLANAR ZENER DIODES
FEATURES
MECHANICAL DATA
ABSOLUTE MAXIMUM RATINGS(LIMITING VALUES) (T =25 C)
A
°
ELECTRICAL CHARACTERISTICS (T =25 C)
A
°
Case: DO-201AE molded plastic
Terminals: Plated axial leads, solderable per
MIL-STD-750,method 2026
Polarity: Color band denotes cathode end
Low leakage, low zener impedance at low current
Maximum power dissipation of 5W is ideally suited for stabilized
power supply, etc.
High temperature soldering guaranteed:260°C/10 seconds at terminals
Zener current see table "Characteristics"
Thermal resistance junction to ambient
Ptot
R JA
W
TSTG
Power dissipation
Forward voltage at I =200mA
F
Junction temperature
Storage temperature range
1) Valid provided that a distance of 8mm from case is kept at ambient temperature
Symbols
Symbols
Value
Typ
Max
Min
Units
Units
-55 to+150
C
C
°C/W
TJ
VF
1.2
100
5
Standard zener voltage tolerance available is
20%.Suffix “A”
±
indicates
10% tolerance.Suffix “B” indicates
5% tolerance.
±±
V
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
31
-
DO-201AE
Dimensions in inches and (millimetrers)
0.375(9.50)
0.210(5.3)
0.042(1.07)
1.0(25.4)
MIN
1.0(25.4)
MIN
0.285(7.20)
0.190(4.8)
DIA
0.037(0.94)
DIA
-55 to+150


Número de pieza similar - 1N5349

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
New Jersey Semi-Conduct...
1N5349 NJSEMI-1N5349 Datasheet
108Kb / 2P
   5.0 Watt surmetic 40 silicon zcncr diodes
logo
EIC discrete Semiconduc...
1N5349A EIC-1N5349A Datasheet
31Kb / 2P
   SILICON ZENER DIODES
1N5349A EIC-1N5349A Datasheet
121Kb / 3P
   SILICON ZENER DIODES
1N5349A EIC-1N5349A Datasheet
103Kb / 3P
   SILICON ZENER DIODES
logo
New Jersey Semi-Conduct...
1N5349A NJSEMI-1N5349A Datasheet
204Kb / 1P
   5-WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
More results

Descripción similar - 1N5349

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jinan Jing Heng Electro...
1N5342 JINGHENG-1N5342 Datasheet
69Kb / 2P
   5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N5342 JINANJINGHENG-1N5342 Datasheet
281Kb / 3P
   5W SILICON PLANAR ZENER DIODES
logo
STMicroelectronics
1N5333B STMICROELECTRONICS-1N5333B Datasheet
208Kb / 5P
   5W SILICON ZENER DIODES
logo
Shanghai Leiditech Elec...
1N5338B LEIDITECH-1N5338B Datasheet
674Kb / 3P
   5W silicon zener diodes
logo
DIYI Electronic Technol...
SMBJ5333A DYELEC-SMBJ5333A Datasheet
1Mb / 4P
   5W Surface Mount Silicon Zener Diodes
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com