Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AC11377D Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza 74AC11377D
Descripción Electrónicos  OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11377D Datasheet(HTML) 2 Page - Texas Instruments

  74AC11377D Datasheet HTML 1Page - Texas Instruments 74AC11377D Datasheet HTML 2Page - Texas Instruments 74AC11377D Datasheet HTML 3Page - Texas Instruments 74AC11377D Datasheet HTML 4Page - Texas Instruments 74AC11377D Datasheet HTML 5Page - Texas Instruments 74AC11377D Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
74ACT11377
OCTAL DTYPE FLIPFLOP
WITH CLOCK ENABLE
SCAS129 − D3450, MARCH 1990 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
2−2
logic symbol
logic diagram (positive logic)
CLKEN
CLK
Six Identical
Stages
Not Shown
1D
C1
1D
C1
1D
8D
13
24
23
14
1
12
8Q
1Q
8D
7D
6D
5D
4D
3D
2D
1D
CLK
CLKEN
14
15
16
17
20
21
22
23
13
24
8Q
7Q
6Q
5Q
4Q
3Q
2Q
1Q
12
11
10
9
4
3
2
1
2D
1C2
G1
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Input voltage range, VI (see Note 1)
− 0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
− 0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC)
± 20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
± 50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
± 50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
± 200 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
− 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
} Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
recommended operating conditions
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
IOH
High-level output current
−24
mA
IOL
Low-level output current
24
mA
Dt/Dv
Input transition rise or fall rate
0
10
ns / V
TA
Operating free-air temperature
−40
85
°C


Número de pieza similar - 74AC11377D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AC11377D PHILIPS-74AC11377D Datasheet
177Kb / 7P
   OCTAL D TYPE FLIP FLOP WITH ENABLE
July 30 1990
logo
Texas Instruments
74AC11377D TI1-74AC11377D Datasheet
107Kb / 8P
[Old version datasheet]   OCTAL D TYPE FLIP FLOP WITH ENABLE
logo
NXP Semiconductors
74AC11377DW PHILIPS-74AC11377DW Datasheet
177Kb / 7P
   OCTAL D TYPE FLIP FLOP WITH ENABLE
July 30 1990
logo
Texas Instruments
74AC11377DW TI1-74AC11377DW Datasheet
107Kb / 8P
[Old version datasheet]   OCTAL D TYPE FLIP FLOP WITH ENABLE
logo
NXP Semiconductors
74AC11377DWR PHILIPS-74AC11377DWR Datasheet
177Kb / 7P
   OCTAL D TYPE FLIP FLOP WITH ENABLE
July 30 1990
More results

Descripción similar - 74AC11377D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74AC377 FAIRCHILD-74AC377_08 Datasheet
426Kb / 13P
   Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
SN74F377A TI1-SN74F377A_16 Datasheet
813Kb / 13P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
SN74F377A TI-SN74F377A Datasheet
69Kb / 5P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
National Semiconductor ...
54FCT377 NSC-54FCT377 Datasheet
151Kb / 8P
   Octal D-Type Flip-Flop with Clock Enable
logo
Fairchild Semiconductor
74F377 FAIRCHILD-74F377_00 Datasheet
75Kb / 7P
   Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
74ACT11377 TI-74ACT11377 Datasheet
71Kb / 5P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
Fairchild Semiconductor
74AC377 FAIRCHILD-74AC377 Datasheet
113Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
logo
National Semiconductor ...
54ABT377 NSC-54ABT377 Datasheet
151Kb / 8P
   Octal D-Type Flip-Flop with Clock Enable
logo
Fairchild Semiconductor
74F377 FAIRCHILD-74F377 Datasheet
62Kb / 6P
   Octal D-Type Flip-Flop with Clock Enable
74ABT377 FAIRCHILD-74ABT377 Datasheet
101Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com