Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ACT11377N Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza 74ACT11377N
Descripción Electrónicos  OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11377N Datasheet(HTML) 4 Page - Texas Instruments

  74ACT11377N Datasheet HTML 1Page - Texas Instruments 74ACT11377N Datasheet HTML 2Page - Texas Instruments 74ACT11377N Datasheet HTML 3Page - Texas Instruments 74ACT11377N Datasheet HTML 4Page - Texas Instruments 74ACT11377N Datasheet HTML 5Page - Texas Instruments 74ACT11377N Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
74ACT11377
OCTAL DTYPE FLIPFLOP
WITH CLOCK ENABLE
SCAS129 − D3450, MARCH 1990 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
2−4
PARAMETER MEASUREMENT INFORMATION
50% VCC
1.5 V
1.5 V
1.5 V
3 V
3 V
0 V
0 V
th
tsu
VOLTAGE WAVEFORMS
Data Input
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
1.5 V
1.5 V
3 V
0 V
50% VCC
50% VCC
Input
(see Note B)
Out-of-Phase
Output
In-Phase
Output
Timing Input
(see Note B)
50% VCC
VOLTAGE WAVEFORMS
3 V
0 V
1.5 V
1.5 V
tw
VOLTAGE WAVEFORMS
Input
LOAD CIRCUIT
From Output
Under Test
CL = 50 pF
(see Note A)
500
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr = 3 ns, tf = 3 ns.
C. The outputs are measured one at a time with one input transition per measurement.
Figure 1. Load Circuit and Voltage Waveforms


Número de pieza similar - 74ACT11377N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ACT11377N PHILIPS-74ACT11377N Datasheet
177Kb / 7P
   OCTAL D TYPE FLIP FLOP WITH ENABLE
July 30 1990
logo
Texas Instruments
74ACT11377N TI1-74ACT11377N Datasheet
107Kb / 8P
[Old version datasheet]   OCTAL D TYPE FLIP FLOP WITH ENABLE
74ACT11377NT TI-74ACT11377NT Datasheet
71Kb / 5P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
More results

Descripción similar - 74ACT11377N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74AC377 FAIRCHILD-74AC377_08 Datasheet
426Kb / 13P
   Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
SN74F377A TI1-SN74F377A_16 Datasheet
813Kb / 13P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
SN74F377A TI-SN74F377A Datasheet
69Kb / 5P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
National Semiconductor ...
54FCT377 NSC-54FCT377 Datasheet
151Kb / 8P
   Octal D-Type Flip-Flop with Clock Enable
logo
Fairchild Semiconductor
74F377 FAIRCHILD-74F377_00 Datasheet
75Kb / 7P
   Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
74ACT11377 TI-74ACT11377 Datasheet
71Kb / 5P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
Fairchild Semiconductor
74AC377 FAIRCHILD-74AC377 Datasheet
113Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
logo
National Semiconductor ...
54ABT377 NSC-54ABT377 Datasheet
151Kb / 8P
   Octal D-Type Flip-Flop with Clock Enable
logo
Fairchild Semiconductor
74F377 FAIRCHILD-74F377 Datasheet
62Kb / 6P
   Octal D-Type Flip-Flop with Clock Enable
74ABT377 FAIRCHILD-74ABT377 Datasheet
101Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com