Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD40174BF Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CD40174BF
Descripción Electrónicos  CMOS HEX D-type Flip-Flop
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CD40174BF Datasheet(HTML) 5 Page - Texas Instruments

  CD40174BF Datasheet HTML 1Page - Texas Instruments CD40174BF Datasheet HTML 2Page - Texas Instruments CD40174BF Datasheet HTML 3Page - Texas Instruments CD40174BF Datasheet HTML 4Page - Texas Instruments CD40174BF Datasheet HTML 5Page - Texas Instruments CD40174BF Datasheet HTML 6Page - Texas Instruments CD40174BF Datasheet HTML 7Page - Texas Instruments CD40174BF Datasheet HTML 8Page - Texas Instruments CD40174BF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
24-Aug-2014
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
CD40174BE
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
-55 to 125
CD40174BE
CD40174BEE4
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
-55 to 125
CD40174BE
CD40174BF
ACTIVE
CDIP
J
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
CD40174BF
CD40174BF3A
ACTIVE
CDIP
J
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
CD40174BF3A
CD40174BM
ACTIVE
SOIC
D
16
40
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD40174BM
CD40174BM96
ACTIVE
SOIC
D
16
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD40174BM
CD40174BNSR
ACTIVE
SO
NS
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD40174B
CD40174BPW
ACTIVE
TSSOP
PW
16
90
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM0174B
CD40174BPWE4
ACTIVE
TSSOP
PW
16
90
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM0174B
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.


Número de pieza similar - CD40174BF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD40174BF TI-CD40174BF Datasheet
215Kb / 5P
[Old version datasheet]   CMOS HEX D-TYPE FLIP-FLOP
More results

Descripción similar - CD40174BF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD40174B TI-CD40174B Datasheet
215Kb / 5P
[Old version datasheet]   CMOS HEX D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
CD40174BMS RENESAS-CD40174BMS Datasheet
332Kb / 8P
   CMOS Hex ‘D’-Type Flip-Flop
Jan 13, 2017
logo
Intersil Corporation
CD40174BMS INTERSIL-CD40174BMS Datasheet
70Kb / 8P
   CMOS Hex ‘D’-Type Flip-Flop
December 1992
logo
Fairchild Semiconductor
MM74C174 FAIRCHILD-MM74C174 Datasheet
54Kb / 6P
   Hex D-Type Flip-Flop
logo
ON Semiconductor
MC14174B ONSEMI-MC14174B_11 Datasheet
137Kb / 6P
   Hex Type D Flip-Flop
June, 2011 ??Rev. 7
MC14174B ONSEMI-MC14174B_13 Datasheet
143Kb / 6P
   Hex Type D Flip-Flop
May, 2013 ??Rev. 8
logo
Texas Instruments
CD74AC174 TI1-CD74AC174_14 Datasheet
833Kb / 14P
[Old version datasheet]   HEX D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
CD40174BC FAIRCHILD-CD40174BC Datasheet
58Kb / 7P
   Hex D-Type Flip-Flop 쨌 Quad D-Type Flip-Flop
logo
Hitachi Semiconductor
HD14174B HITACHI-HD14174B Datasheet
74Kb / 7P
   Hex D-type Flip Flop
logo
ON Semiconductor
MC14174B ONSEMI-MC14174B Datasheet
170Kb / 8P
   Hex Type D Flip-Flop
March, 2000 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com