Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD4066BM Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CD4066BM
Descripción Electrónicos  CMOS QUAD BILATERAL SWITCH
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CD4066BM Datasheet(HTML) 8 Page - Texas Instruments

Back Button CD4066BM Datasheet HTML 4Page - Texas Instruments CD4066BM Datasheet HTML 5Page - Texas Instruments CD4066BM Datasheet HTML 6Page - Texas Instruments CD4066BM Datasheet HTML 7Page - Texas Instruments CD4066BM Datasheet HTML 8Page - Texas Instruments CD4066BM Datasheet HTML 9Page - Texas Instruments CD4066BM Datasheet HTML 10Page - Texas Instruments CD4066BM Datasheet HTML 11Page - Texas Instruments CD4066BM Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
CD4066B
CMOS QUAD BILATERAL SWITCH
SCHS051D − NOVEMBER 1998 − REVISED SEPTEMBER 2003
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
VDD = 5 V
VC = −5 V
VSS = −5 V
Cios
Cis
Cos
CD4066B
1 of 4
Switches
Measured on Boonton capacitance bridge, model 75a (1 MHz);
test-fixture capacitance nulled out.
92CS-30921
Figure 10. Typical On Characteristics
for One of Four Channels
VDD
VC = VSS
Vos
VSS
CD4066B
1 of 4
Switches
Vis = VDD
I
92CS-30922
Figure 11. Off-Switch Input or Output Leakage
All unused terminals are connected to VSS.
VDD
VC = VDD
Vos
VSS
CD4066B
1 of 4
Switches
Vis
Figure 12. Propagation Delay Time Signal Input
(Vis) to Signal Output (Vos)
92CS-30923
200 k
50 pF
VDD
tr = tf = 20 ns
All unused terminals are connected to VSS.
VDD
VC
Vos
VSS
CD4066B
1 of 4
Switches
Vis
Figure 13. Crosstalk-Control Input
to Signal Output
+10 V
tr = tf = 20 ns
92CS-30924
10 k
1 k
All unused terminals are connected to VSS.


Número de pieza similar - CD4066BM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
CD4066BM NSC-CD4066BM Datasheet
169Kb / 8P
   Quad Bilateral Switch
logo
Texas Instruments
CD4066BM TI-CD4066BM Datasheet
547Kb / 20P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066BM TI-CD4066BM Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066BM TI-CD4066BM Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066BM TI1-CD4066BM Datasheet
1Mb / 26P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
More results

Descripción similar - CD4066BM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD4066B TI1-CD4066B_14 Datasheet
1Mb / 26P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI1-CD4066B_18 Datasheet
1Mb / 33P
[Old version datasheet]   CMOS Quad Bilateral Switch
CD4066B-Q1 TI1-CD4066B-Q1_14 Datasheet
327Kb / 17P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
logo
Intersil Corporation
CD4016BMS INTERSIL-CD4016BMS Datasheet
201Kb / 10P
   CMOS Quad Bilateral Switch
November 1994
logo
Texas Instruments
CD4066B TI-CD4066B Datasheet
547Kb / 20P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI-CD4066B_15 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4016B TI1-CD4016B_14 Datasheet
994Kb / 19P
[Old version datasheet]   CMOS Quad Bilateral Switch
CD4066BMG4 TI-CD4066BMG4 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066BM96G4 TI-CD4066BM96G4 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B-Q1 TI-CD4066B-Q1_15 Datasheet
290Kb / 16P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com