Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD4044BF Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CD4044BF
Descripción Electrónicos  CMOS Quad 3-State R/S Latches
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CD4044BF Datasheet(HTML) 11 Page - Texas Instruments

Back Button CD4044BF Datasheet HTML 7Page - Texas Instruments CD4044BF Datasheet HTML 8Page - Texas Instruments CD4044BF Datasheet HTML 9Page - Texas Instruments CD4044BF Datasheet HTML 10Page - Texas Instruments CD4044BF Datasheet HTML 11Page - Texas Instruments CD4044BF Datasheet HTML 12Page - Texas Instruments CD4044BF Datasheet HTML 13Page - Texas Instruments CD4044BF Datasheet HTML 14Page - Texas Instruments CD4044BF Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Número de pieza similar - CD4044BF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD4044BF TI-CD4044BF Datasheet
211Kb / 13P
[Old version datasheet]   CMOS QUAD 3-STATE R/S LATCHES
CD4044BF3A TI-CD4044BF3A Datasheet
211Kb / 13P
[Old version datasheet]   CMOS QUAD 3-STATE R/S LATCHES
More results

Descripción similar - CD4044BF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
CD4043BMS RENESAS-CD4043BMS Datasheet
395Kb / 10P
   CMOS Quad 3 State R/S Latches
December 1992
logo
Texas Instruments
CD4043B TI-CD4043B Datasheet
211Kb / 13P
[Old version datasheet]   CMOS QUAD 3-STATE R/S LATCHES
logo
Fairchild Semiconductor
CD4043BC FAIRCHILD-CD4043BC Datasheet
68Kb / 6P
   Quad 3-STATE NOR R/S Latches . Quad 3-STATE NAND R/S Latches
logo
STMicroelectronics
HCC4043B STMICROELECTRONICS-HCC4043B Datasheet
302Kb / 13P
   QUAD 3-STATE R-S LATCHES
logo
List of Unclassifed Man...
MMC4043 ETC1-MMC4043 Datasheet
440Kb / 3P
   QUAD 3-STATE NOR/ NAND R/S LATCHES
logo
KODENSHI_AUK CORP.
KK4043B KODENSHI-KK4043B Datasheet
319Kb / 6P
   Quad 3-State R/S Latches High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4043B IKSEMICON-IW4043B Datasheet
217Kb / 6P
   Quad 3-State R/S Latches High-Voltage Silicon-Gate CMOS
logo
ON Semiconductor
MC14043B ONSEMI-MC14043B Datasheet
192Kb / 8P
   CMOS MSI(Quad R-S Latches)
March, 2000 ??Rev. 3
logo
Hitachi Semiconductor
HD74HC279 HITACHI-HD74HC279 Datasheet
59Kb / 9P
   Quad. S-R Latches
logo
National Semiconductor ...
54LS279 NSC-54LS279 Datasheet
137Kb / 6P
   Quad S-R Latches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com