Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC34J45 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADC34J45
Descripción Electrónicos  ADC34J4x Quad-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter with a JESD204B Interface
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADC34J45 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADC34J45 Datasheet HTML 5Page - Texas Instruments ADC34J45 Datasheet HTML 6Page - Texas Instruments ADC34J45 Datasheet HTML 7Page - Texas Instruments ADC34J45 Datasheet HTML 8Page - Texas Instruments ADC34J45 Datasheet HTML 9Page - Texas Instruments ADC34J45 Datasheet HTML 10Page - Texas Instruments ADC34J45 Datasheet HTML 11Page - Texas Instruments ADC34J45 Datasheet HTML 12Page - Texas Instruments ADC34J45 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 90 page
background image
ADC34J42, ADC34J43, ADC34J44, ADC34J45
www.ti.com
SBAS664B – MAY 2014 – REVISED NOVEMBER 2014
7.9 AC Performance: ADC34J45
Typical values are at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, ADC sampling rate = 160 MSPS,
50% clock duty cycle, AVDD = DVDD = 1.8 V, and –1-dBFS differential input, unless otherwise noted.
ADC34J45 (fS = 160 MSPS)
DITHER ON
DITHER OFF
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
DYNAMIC AC CHARACTERISTICS
fIN = 10 MHz
72.4
72.7
fIN = 70 MHz
70.4
71.6
72
SNR
Signal-to-noise ratio
fIN = 100 MHz
70.9
71.3
dBFS
fIN = 170 MHz
69.9
70.4
fIN = 230 MHz
68.8
69.5
fIN = 10 MHz
–151.4
–151.7
fIN = 70 MHz
–149.5 –150.6
–151
Noise spectral density
NSD
fIN = 100 MHz
–149.9
–150.3
dBFS/Hz
(averaged across Nyquist zone)
fIN = 170 MHz
–148.9
–149.4
fIN = 230 MHz
–147.8
–148.5
fIN = 10 MHz
72.1
72.4
fIN = 70 MHz
69.6
71.2
71.6
SINAD
Signal-to-noise and distortion ratio fIN = 100 MHz
70.7
71.1
dBFS
fIN = 170 MHz
69.5
70
fIN = 230 MHz
68.4
69
fIN = 10 MHz
11.8
11.8
fIN = 70 MHz
11.3
11.7
11.7
ENOB
Effective number of bits
fIN = 100 MHz
11.6
11.6
Bits
fIN = 170 MHz
11.3
11.3
fIN = 230 MHz
11.1
11.1
fIN = 10 MHz
88
86
fIN = 70 MHz
81
86
85
SFDR
Spurious-free dynamic range
fIN = 100 MHz
86
86
dBc
fIN = 170 MHz
83
83
fIN = 230 MHz
80
80
fIN = 10 MHz
–91
–93
fIN = 70 MHz
81
–94
–92
HD2
Second harmonic distortion
fIN = 100 MHz
–93
–91
dBc
fIN = 170 MHz
–83
–83
fIN = 230 MHz
–80
–80
fIN = 10 MHz
–88
–86
fIN = 70 MHz
81
–86
–85
HD3
Third harmonic distortion
fIN = 100 MHz
–86
–86
dBc
fIN = 170 MHz
–92
–87
fIN = 230 MHz
–85
–82
fIN = 10 MHz
98
95
fIN = 70 MHz
87
98
94
Non
Spurious-free dynamic range
fIN = 100 MHz
96
93
dBc
HD2, HD3
(excluding HD2, HD3)
fIN = 170 MHz
92
91
fIN = 230 MHz
92
90
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADC34J42 ADC34J43 ADC34J44 ADC34J45


Número de pieza similar - ADC34J45

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC34J22 TI1-ADC34J22 Datasheet
6Mb / 88P
[Old version datasheet]   Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
ADC34J22IRGZ25 TI1-ADC34J22IRGZ25 Datasheet
6Mb / 88P
[Old version datasheet]   Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
ADC34J22IRGZR TI1-ADC34J22IRGZR Datasheet
6Mb / 88P
[Old version datasheet]   Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
ADC34J22IRGZT TI1-ADC34J22IRGZT Datasheet
6Mb / 88P
[Old version datasheet]   Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
ADC34J23 TI1-ADC34J23 Datasheet
6Mb / 88P
[Old version datasheet]   Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
More results

Descripción similar - ADC34J45

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC32J22 TI-ADC32J22_15 Datasheet
3Mb / 85P
[Old version datasheet]   ADC32J2x Dual-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter with JESD204B Interface
ADC34J22 TI1-ADC34J22 Datasheet
6Mb / 88P
[Old version datasheet]   Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9694 AD-AD9694 Datasheet
2Mb / 101P
   14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
AD9694S-CSL AD-AD9694S-CSL Datasheet
525Kb / 16P
   14-Bit, 500 MSPS, JESD204B, Quad Analog-to-Digital Converter
Rev. 0
AD9694-EP AD-AD9694-EP Datasheet
614Kb / 15P
   14-Bit, 500 MSPS, JESD204B, Quad Analog-to-Digital Converter
Rev. A
AD9683 AD-AD9683 Datasheet
1Mb / 44P
   14-Bit, 170 MSPS/250 MSPS, JESD204B, Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
ADC32J42 TI1-ADC32J42 Datasheet
4Mb / 85P
[Old version datasheet]   Dual-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converters
logo
Analog Devices
AD9697 AD-AD9697 Datasheet
1Mb / 130P
   14-Bit, 1300 MSPS, JESD204B, Analog-to-Digital Converter
Rev. 0
AD9250 AD-AD9250 Datasheet
1Mb / 44P
   14-Bit, 170 MSPS/250 MSPS, JESD204B,Dual Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
ADS42JB46 TI1-ADS42JB46 Datasheet
3Mb / 63P
[Old version datasheet]   Dual-Channel, 14-Bit, 160-MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com