Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

74ACT11898DW Datasheet(PDF) 4 Page - Texas Instruments

No. de Pieza. 74ACT11898DW
Descripción  10-BIT PARALLEL-OUT SERIAL SHIFT REGISTER
Descarga  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

74ACT11898DW Datasheet(HTML) 4 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
74ACT11898
10BIT PARALLELOUT SERIAL SHIFT REGISTER
SCAS144 − OCTOBER 1990 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
2−4
timing requirements over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
TA = 25°C
MIN
MAX
UNIT
PARAMETER
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
0
40
0
40
ns
tw
Pulse duration
CLR low
4.5
4.5
ns
tw
Pulse duration
CLK high or low
12.5
12.5
ns
tsu
Setup time before CLK
Data
10
10
ns
tsu
Setup time before CLK
CLR inactive
1.5
1.5
ns
th
Hold time, data after CLK
0
0
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
fmax
20
65
40
MHz
tPHL
CLR
Any Q
4.6
6.7
11.1
3.8
12.1
ns
tPLH
CLK
Any Q
4.1
5.5
8.8
2.7
9.7
ns
tPHL
CLK
Any Q
4.4
6.3
9.4
3.1
10.6
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 1 MHz
117
pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn