Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0734154220 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 0734154220
Descripción Electrónicos  50 Ohms, MCX Jack, Straight, Surface Mount PCB Receptacle, Gold
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0734154220 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0734154220 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 07/15/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0734154220
Status:
Active
Overview:
MCX RF Connectors
Description:
50 Ohms, MCX Jack, Straight, Surface Mount PCB Receptacle, Gold
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
RF/Coax Connectors
Series
73415
Overview
MCX RF Connectors
Product Name
MCX
Style
PCB
UPC
883906275044
Wire/Cable Type
N/A
Physical
Gender
Jack
Keying to Mating Part
None
Net Weight
0.580/g
Orientation
Straight
PCB Mounting
Through Hole
Packaging Type
Tray
Panel Mount
No
Panel Mount Method
N/A
Reverse Polar
No
Electrical
Impedance
50#
Solder Process Data
Duration at Max. Process Temperature (seconds)
010
Lead-freeProcess Capability
SMC&WAVE
Max. Cycles at Max. Process Temperature
002
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-73415-422
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant with
Exemption 6(c)
REACH SVHC
Not Contained Per -
ED/21/2016 (20 June
2016)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
50 Image
ELV
Not Relevant
Search Parts in this Series
73415 Series
This document was generated on 07/15/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - 0734154220

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0734154222 MOLEX11-0734154222 Datasheet
33Kb / 1P
   50 Ohms, MCX Jack, Straight, Surface Mount PCB Receptacle, Nickel(Ni)
More results

Descripción similar - 0734154220

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
73415-4220 MOLEX11-73415-4220 Datasheet
38Kb / 1P
   50 Ohms, MCX Jack, Straight, Surface Mount PCB Receptacle, Gold
73415-4221 MOLEX11-73415-4221 Datasheet
38Kb / 1P
   50 Ohms, MCX Jack, Straight, Surface Mount PCB Receptacle, Tin(Sn)
73415-4222 MOLEX11-73415-4222 Datasheet
38Kb / 1P
   50 Ohms, MCX Jack, Straight, Surface Mount PCB Receptacle, Nickel(Ni)
0734154222 MOLEX11-0734154222 Datasheet
33Kb / 1P
   50 Ohms, MCX Jack, Straight, Surface Mount PCB Receptacle, Nickel(Ni)
0734151699 MOLEX11-0734151699 Datasheet
65Kb / 1P
   50 Ohms, MCX Vertical Surface Mount Jack Receptacle, Body Gold
73366-0000 MOLEX11-73366-0000 Datasheet
29Kb / 1P
   50 Ohms, MCX PCB Jack Receptacle
0734151060 MOLEX11-0734151060 Datasheet
48Kb / 1P
   50 Ohms, MCX Jack, Edge Mount PCB Receptacle
0734151061 MOLEX11-0734151061 Datasheet
48Kb / 1P
   50 Ohms, MCX Jack, Edge Mount PCB Receptacle,
73415-1061 MOLEX11-73415-1061 Datasheet
34Kb / 1P
   50 Ohms, MCX Jack Edge Mount PCB Receptacle
0733660000 MOLEX11-0733660000 Datasheet
25Kb / 1P
   50 Ohms, MCX PCB Jack Receptacle
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com