Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0734154222 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 0734154222
Descripción Electrónicos  50 Ohms, MCX Jack, Straight, Surface Mount PCB Receptacle, Nickel(Ni)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0734154222 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0734154222 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 03/07/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0734154222
Status:
Active
Overview:
MCX RF Connectors
Description:
50 Ohms, MCX Jack, Straight, Surface Mount PCB Receptacle, Nickel(Ni)
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
RF/Coax Connectors
Series
73415
Overview
MCX RF Connectors
Product Name
MCX
Style
PCB
UPC
884982699427
Wire/Cable Type
N/A
Physical
Gender
Jack
Keying to Mating Part
None
Orientation
Straight
PCB Mounting
Through Hole
Packaging Type
Tray
Panel Mount
No
Panel Mount Method
N/A
Reverse Polar
No
Electrical
Impedance
50#
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-73415-422
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
73415 Series
This document was generated on 03/07/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - 0734154222

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0734154220 MOLEX11-0734154220 Datasheet
34Kb / 1P
   50 Ohms, MCX Jack, Straight, Surface Mount PCB Receptacle, Gold
More results

Descripción similar - 0734154222

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
73415-4222 MOLEX11-73415-4222 Datasheet
38Kb / 1P
   50 Ohms, MCX Jack, Straight, Surface Mount PCB Receptacle, Nickel(Ni)
73415-1101 MOLEX11-73415-1101 Datasheet
34Kb / 1P
   50 Ohms, MCX Right-Angle Surface Mount Jack Receptacle, Nickel (Ni) Plating
73415-1100 MOLEX11-73415-1100 Datasheet
32Kb / 1P
   50 Ohms, MCX Right-Angle Surface Mount Jack Receptacle, Nickel (Ni) Plating
0734151690 MOLEX11-0734151690 Datasheet
65Kb / 1P
   50 Ohms, MCX Vertical Surface Mount Jack Receptacle, Body Nickel (Ni) Plated
0734151100 MOLEX11-0734151100 Datasheet
46Kb / 1P
   50 Ohms, MCX Right-Angle Surface Mount Jack Receptacle, Nickel (Ni) Plating
73415-1690 MOLEX11-73415-1690 Datasheet
32Kb / 1P
   50 Ohms, MCX Vertical Surface Mount Jack Receptacle, Body Nickel (Ni) Plated, Bulk
73415-4220 MOLEX11-73415-4220 Datasheet
38Kb / 1P
   50 Ohms, MCX Jack, Straight, Surface Mount PCB Receptacle, Gold
0734154220 MOLEX11-0734154220 Datasheet
34Kb / 1P
   50 Ohms, MCX Jack, Straight, Surface Mount PCB Receptacle, Gold
0734151693 MOLEX-0734151693 Datasheet
35Kb / 1P
   50 Ohms, MCX Vertical Surface Mount Jack Receptacle, Nickel (Ni) Plated Body, Small Tray
73415-4221 MOLEX11-73415-4221 Datasheet
38Kb / 1P
   50 Ohms, MCX Jack, Straight, Surface Mount PCB Receptacle, Tin(Sn)
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com