Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

54LS169 Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza 54LS169
Descripción Electrónicos  SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

54LS169 Datasheet(HTML) 2 Page - Texas Instruments

  54LS169 Datasheet HTML 1Page - Texas Instruments 54LS169 Datasheet HTML 2Page - Texas Instruments 54LS169 Datasheet HTML 3Page - Texas Instruments 54LS169 Datasheet HTML 4Page - Texas Instruments 54LS169 Datasheet HTML 5Page - Texas Instruments 54LS169 Datasheet HTML 6Page - Texas Instruments 54LS169 Datasheet HTML 7Page - Texas Instruments 54LS169 Datasheet HTML 8Page - Texas Instruments 54LS169 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TLF6401
June 1989
54LS169DM54LS169ADM74LS169A
Synchronous 4-Bit UpDown Binary Counter
General Description
This synchronous presettable counter features an internal
carry look-ahead for cascading in high-speed counting ap-
plications Synchronous operation is provided by having all
flip-flops clocked simultaneously so that the outputs all
change at the same time when so instructed by the count-
enable inputs and internal gating This mode of operation
helps eliminate the output counting spikes that are normally
associated with asynchronous (ripple clock) counters A
buffered clock input triggers the four master-slave flip-flops
on the rising edge of the clock waveform
This counter is fully programmable that is the outputs may
each be preset either high or low The load input circuitry
allows loading with the carry-enable output of cascaded
counters As loading is synchronous setting up a low level
at the load input disables the counter and causes the out-
puts to agree with the data inputs after the next clock pulse
The carry look-ahead circuitry permits cascading counters
for n-bit synchronous applications without additional gating
Both count-enable inputs (P and T) must be low to count
The direction of the count is determined by the level of the
updown input When the input is high the counter counts
up when low it counts down Input T is fed forward to en-
able the carry outputs The carry output thus enabled will
produce a low-level output pulse with a duration approxi-
mately equal to the high portion of the QA output when
counting up and approximately equal to the low portion of
the QA output when counting down This low-level overflow
carry pulse can be used to enable successively cascaded
stages Transitions at the enable P or T inputs are allowed
regardless of the level of the clock input All inputs are diode
clamped to minimize transmission-line effects thereby sim-
plifying system design
This counter features a fully independent clock circuit
Changes at control inputs (enable P enable T load up
down) which modify the operating mode have no effect
until clocking occurs The function of the counter (whether
enabled disabled loading or counting) will be dictated
solely by the conditions meeting the stable setup and hold
times
Features
Y
Fully
synchronous
operation
for
counting
and
programming
Y
Internal look-ahead for fast counting
Y
Carry output for n-bit cascading
Y
Fully independent clock circuit
Y
Alternate
MilitaryAerospace
device
(54LS169)
is
available
Contact a National Semiconductor Sales
OfficeDistributor for specifications
Connection Diagram
Dual-In-Line Package
TLF6401 – 1
Order Number 54LS169DMQB 54LS169FMQB 54LS169LMQB
DM54LS169AJ DM54LS169AW DM74LS169AM or DM74LS169AN
See NS Package Number E20A J16A M16A N16E or W16A
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Número de pieza similar - 54LS169

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
54LS169 NSC-54LS169 Datasheet
165Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
54LS169DMQB NSC-54LS169DMQB Datasheet
165Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
54LS169FMQB NSC-54LS169FMQB Datasheet
165Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
54LS169LMQB NSC-54LS169LMQB Datasheet
165Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
More results

Descripción similar - 54LS169

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Aeroflex Circuit Techno...
UT54ACS191 AEROFLEX-UT54ACS191 Datasheet
258Kb / 10P
   Synchronous 4-Bit Up-Down Binary Counters
logo
Texas Instruments
SN54ALS191A TI1-SN54ALS191A_15 Datasheet
625Kb / 18P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS169B TI-SN54ALS169B_07 Datasheet
686Kb / 19P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS169B TI-SN54ALS169B Datasheet
148Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS191A TI-SN54ALS191A Datasheet
133Kb / 8P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS193A TI1-SN54ALS193A_15 Datasheet
404Kb / 15P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54LS169B TI-SN54LS169B_99 Datasheet
421Kb / 12P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54HC191 TI-SN54HC191 Datasheet
473Kb / 17P
[Old version datasheet]   4-BIT SYNCHRONOUS UP/DOWN BINARY COUNTERS
SN54LS169B TI-SN54LS169B Datasheet
823Kb / 20P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
logo
Hitachi Semiconductor
HD74LS669 HITACHI-HD74LS669 Datasheet
102Kb / 7P
   Synchronous Up/Down 4-bit Binary Counters
logo
Texas Instruments
SN54ALS169B TI-SN54ALS169B_08 Datasheet
826Kb / 20P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com