Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC2G132DCUTE4 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza 74LVC2G132DCUTE4
Descripción Electrónicos  Dual 2-Input NAND Gate With Schmitt-Trigger Inputs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

74LVC2G132DCUTE4 Datasheet(HTML) 1 Page - Texas Instruments

  74LVC2G132DCUTE4 Datasheet HTML 1Page - Texas Instruments 74LVC2G132DCUTE4 Datasheet HTML 2Page - Texas Instruments 74LVC2G132DCUTE4 Datasheet HTML 3Page - Texas Instruments 74LVC2G132DCUTE4 Datasheet HTML 4Page - Texas Instruments 74LVC2G132DCUTE4 Datasheet HTML 5Page - Texas Instruments 74LVC2G132DCUTE4 Datasheet HTML 6Page - Texas Instruments 74LVC2G132DCUTE4 Datasheet HTML 7Page - Texas Instruments 74LVC2G132DCUTE4 Datasheet HTML 8Page - Texas Instruments 74LVC2G132DCUTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Seemechanicaldrawingsfordimensions.
DCTPACKAGE
(TOP VIEW)
DCUPACKAGE
(TOP VIEW)
YZP PACKAGE
(BOTTOMVIEW)
1
V
CC
8
1A
2
7
1B
1Y
3
6
2Y
2B
4
5
GND
2A
3
6
2B
2Y
8
1
V
CC
1A
5
GND
4
2A
2
7
1Y
1B
GND
5
4
2A
3 6
2B
2Y
2 7
1Y
1B
8
V
CC
1
1A
SN74LVC2G132
www.ti.com
SCES547D – FEBRUARY 2004 – REVISED DECEMBER 2013
Dual 2-Input NAND Gate With Schmitt-Trigger Inputs
Check for Samples: SN74LVC2G132
1
FEATURES
DESCRIPTION
This dual 2-input NAND gate with Schmitt-trigger
2
Available in Texas Instruments NanoFree™
inputs is designed for 1.65-V to 5.5-V VCC operation.
Package
The SN74LVC2G132 contains two inverters and
Supports 5-V VCC Operation
performs the Boolean function Y = A
⋅ B or Y = A + B
Inputs Accept Voltages to 5.5 V
in positive logic. The device functions as two
Max tpd of 5.3 ns at 3.3 V
independent inverters, but because of Schmitt action,
it has different input threshold levels for positive-going
Low Power Consumption, 10-
μA Max ICC
(VT+) and negative-going (VT-) signals.
±24-mA Output Drive at 3.3 V
NanoFree™
package
technology
is
a
major
Typical VOLP (Output Ground Bounce) <0.8 V at
breakthrough in IC packaging concepts, using the die
VCC = 3.3 V, TA = 25°C
as the package.
Typical VOHV (Output VOH Undershoot) >2 V at
This device can be triggered from the slowest of input
VCC = 3.3 V, TA = 25°C
ramps and still give clean jitter-free output signals.
Ioff Supports Live Insertion, Partial Power
Down Mode, and Back Drive Protection
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
Support Translation Down (5V to 3.3V and 3.3V
outputs,
preventing
damaging
current
backflow
to 1.8V)
through the device when it is powered down.
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Protection Exceeds JESD 22
2000-V Human-Body Model (A114-A)
200-V Machine Model (A115-A)
1000-V Charged-Device Model (C101)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - 74LVC2G132DCUTE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
74LVC2G132DCUTE4 TI-74LVC2G132DCUTE4 Datasheet
241Kb / 13P
[Old version datasheet]   DUAL 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
More results

Descripción similar - 74LVC2G132DCUTE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74LVC2G132 TI-SN74LVC2G132 Datasheet
241Kb / 13P
[Old version datasheet]   DUAL 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
SN74LVC2G132 TI1-SN74LVC2G132_V01 Datasheet
1Mb / 20P
[Old version datasheet]   Dual 2-Input NAND Gate With Schmitt-Trigger Inputs
logo
Unisonic Technologies
U74LVC2G132 UTC-U74LVC2G132 Datasheet
181Kb / 5P
   DUAL 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
logo
Texas Instruments
SN74LVC2G132 TI-SN74LVC2G132_07 Datasheet
426Kb / 14P
[Old version datasheet]   DUAL 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
logo
ON Semiconductor
NC7WZ132 ONSEMI-NC7WZ132 Datasheet
578Kb / 12P
   UHS Dual 2-Input NAND Gate with Schmitt Trigger Inputs
March 2008 Rev. 1.11.0
MC74HC132A ONSEMI-MC74HC132A Datasheet
148Kb / 8P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs
March, 2000 ??Rev. 7
logo
Unisonic Technologies
U74LVC1G132 UTC-U74LVC1G132 Datasheet
180Kb / 6P
   SINGLE 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
logo
Integral Corp.
IN74ACT132 INTEGRAL-IN74ACT132 Datasheet
154Kb / 4P
   QUAD 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
logo
Texas Instruments
SN74LVC1G132 TI-SN74LVC1G132_07 Datasheet
468Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
SN74LVC1G132 TI-SN74LVC1G132 Datasheet
270Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com