Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74SSTVF16859 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza SN74SSTVF16859
Descripción Electrónicos  13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74SSTVF16859 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74SSTVF16859_16 Datasheet HTML 3Page - Texas Instruments SN74SSTVF16859_16 Datasheet HTML 4Page - Texas Instruments SN74SSTVF16859_16 Datasheet HTML 5Page - Texas Instruments SN74SSTVF16859_16 Datasheet HTML 6Page - Texas Instruments SN74SSTVF16859_16 Datasheet HTML 7Page - Texas Instruments SN74SSTVF16859_16 Datasheet HTML 8Page - Texas Instruments SN74SSTVF16859_16 Datasheet HTML 9Page - Texas Instruments SN74SSTVF16859_16 Datasheet HTML 10Page - Texas Instruments SN74SSTVF16859_16 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
SN74SSTVF16859
13BIT TO 26BIT REGISTERED BUFFER
WITH SSTL_2 INPUTS AND OUTPUTS
SCES429B − MARCH 2003 − REVISED FEBRUARY 2004
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VCC = 2.5 V ± 0.2 V AND VCC = 2.6 V ± 0.1 V
VCC/2
VOLTAGE AND CURRENT WAVEFORMS
INPUTS ACTIVE AND INACTIVE TIMES
NOTES: A. CL includes probe and jig capacitance.
B. ICC tested with clock and data inputs held at VCC or GND, and IO = 0 mA.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω,
input slew rate = 1 V/ns
±20% (unless otherwise noted).
D. The outputs are measured one at a time, with one transition per measurement.
E. VTT = VREF = VDDQ/2
F. VIH = VREF + 310 mV (ac voltage levels) for differential inputs. VIH = VCC for LVCMOS input.
G. VIL = VREF − 310 mV (ac voltage levels) for differential inputs. VIL = GND for LVCMOS input.
H. tPLH and tPHL are the same as tpd.
0 V
VCC
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Timing
Inputs
VICR
VREF
Input
VIL
VIH
VREF
VI(PP)
tPHL
VOH
VOL
Output
VDDQ/2
VDDQ/2
tPLH
tPHL
VIH
VIL
VOL
VOH
LVCMOS
RESET
Input
Output
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VDDQ/2
VCC/2
VI(PP)
VICR
Timing
Inputs
VICR
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VCC/2
VREF
VREF
tw
VOLTAGE WAVEFORMS
PULSE DURATION
VIH
VIL
LVCMOS
RESET
Input
tact
tinact
10%
90%
ICC (operating)
ICC (standby)
ICC
(see
Note B)
tsu
th
LOAD CIRCUIT
CL = 30 pF
(see Note A)
Test
Point
From Output
Under Test
RL = 500 Ω
Input
VOH
VOL
20%
VOLTAGE WAVEFORMS
HIGH-TO-LOW SLEW-RATE MEASUREMENT
80%
dt_f
dV_f
VOH
VOL
20%
VOLTAGE WAVEFORMS
LOW-TO-HIGH SLEW-RATE MEASUREMENT
80%
dt_r
dV_r
Output
Output
Figure 1. Load Circuit and Voltage Waveforms


Número de pieza similar - SN74SSTVF16859_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74SSTVF16859 TI1-SN74SSTVF16859_17 Datasheet
897Kb / 16P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
More results

Descripción similar - SN74SSTVF16859_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74SSTVF16859 TI1-SN74SSTVF16859_17 Datasheet
897Kb / 16P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV16859 TI-SN74SSTV16859 Datasheet
166Kb / 10P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTVF16859 TI-SN74SSTVF16859 Datasheet
191Kb / 11P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV16859 TI1-SN74SSTV16859_17 Datasheet
878Kb / 15P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV16859 TI1-SN74SSTV16859_16 Datasheet
663Kb / 15P
[Old version datasheet]   3-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV16857 TI-SN74SSTV16857 Datasheet
156Kb / 9P
[Old version datasheet]   14-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
logo
Integrated Device Techn...
IDT74SSTV16859 IDT-IDT74SSTV16859 Datasheet
71Kb / 6P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVF16859 IDT-IDT74SSTVF16859_07 Datasheet
80Kb / 7P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVF16859 IDT-IDT74SSTVF16859 Datasheet
78Kb / 7P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVN16859 IDT-IDT74SSTVN16859 Datasheet
65Kb / 7P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com