Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC7551IDRNR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DAC7551IDRNR
Descripción Electrónicos  12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7551IDRNR Datasheet(HTML) 4 Page - Texas Instruments

  DAC7551IDRNR Datasheet HTML 1Page - Texas Instruments DAC7551IDRNR Datasheet HTML 2Page - Texas Instruments DAC7551IDRNR Datasheet HTML 3Page - Texas Instruments DAC7551IDRNR Datasheet HTML 4Page - Texas Instruments DAC7551IDRNR Datasheet HTML 5Page - Texas Instruments DAC7551IDRNR Datasheet HTML 6Page - Texas Instruments DAC7551IDRNR Datasheet HTML 7Page - Texas Instruments DAC7551IDRNR Datasheet HTML 8Page - Texas Instruments DAC7551IDRNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
www.ti.com
DAC7551
SLAS441E – MARCH 2005 – REVISED APRIL 2007
ELECTRICAL CHARACTERISTICS (continued)
all specifications at –40
°C to +105°C, V
DD = 2.7V to 5.5V, VREFH = VDD, VREFL = GND, RL = 2kΩ to GND, and CL = 200pF to
GND (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
POWER REQUIREMENTS
VDD
2.7
5.5
V
IOVDD(3)
1.8
VDD
V
Normal operation (DAC
VDD = 3.6V to 5.5V, VIH = IOVDD, VIL = GND
150
200
active and excluding load
µA
VDD = 2.7V to 3.6V, VIH = IOVDD, VIL = GND
100
150
current)
IDD(4)
VDD = 3.6V to 5.5V, VIH = IOVDD, VIL = GND
0.2
2
All power-down modes
µA
VDD = 2.7V to 3.6V, VIH = IOVDD, VIL = GND
0.05
2
POWER EFFICIENCY
IOUT/IDD
ILOAD = 2mA, VDD = 5V
93
%
TEMPERATURE RANGE
Specified performance
–40
+105
°C
(3)
IOVDD operates down to 1.8V with slightly degraded timing, as long as VIH ≥ 0.8 IOVDD and VIL ≤ 0.2 IOVDD.
(4)
IDD tested with digital input code = 0032.
4
Submit Documentation Feedback


Número de pieza similar - DAC7551IDRNR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC7551IDRNR TI-DAC7551IDRNR Datasheet
539Kb / 18P
[Old version datasheet]   12-BIT, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results

Descripción similar - DAC7551IDRNR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC7551-Q1 TI1-DAC7551-Q1 Datasheet
886Kb / 22P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7551-Q1 TI1-DAC7551-Q1_15 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter
DAC7564IAPW TI1-DAC7564IAPW Datasheet
1Mb / 51P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC8550 TI-DAC8550_15 Datasheet
983Kb / 28P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8551 TI-DAC8551 Datasheet
1Mb / 22P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7551 TI-DAC7551 Datasheet
539Kb / 18P
[Old version datasheet]   12-BIT, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8550 TI1-DAC8550_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7553 TI1-DAC7553_14 Datasheet
1Mb / 26P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552 TI-DAC7552 Datasheet
862Kb / 22P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com