Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD54HC74-MIL Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza CD54HC74-MIL
Descripción Electrónicos  Dual D Flip-Flop with Set and Reset
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CD54HC74-MIL Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD54HC74-MIL Datasheet HTML 2Page - Texas Instruments CD54HC74-MIL Datasheet HTML 3Page - Texas Instruments CD54HC74-MIL Datasheet HTML 4Page - Texas Instruments CD54HC74-MIL Datasheet HTML 5Page - Texas Instruments CD54HC74-MIL Datasheet HTML 6Page - Texas Instruments CD54HC74-MIL Datasheet HTML 7Page - Texas Instruments CD54HC74-MIL Datasheet HTML 8Page - Texas Instruments CD54HC74-MIL Datasheet HTML 9Page - Texas Instruments CD54HC74-MIL Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
CP Frequency
fMAX
CL = 15pF
5
-
50
-
----
MHz
Power Dissipation Capacitance
(Notes 4, 5)
CPD
-
5
-
25
-
----
pF
HCT TYPES
Propagation Delay,
CP to Q, Q (Figure 4)
tPLH, tPHL CL = 50pF
4.5
-
-
35
-
44
-
53
ns
Propagation Delay,
R, S to Q, Q (Figure 4)
tPHL, tPLH CL = 50pF
4.5
-
-
40
-
50
-
60
ns
Transition Time (Figure 4)
tTLH, tTHL CL = 50pF
4.5
-
-
15
-
19
-
22
ns
Input Capacitance
CI
-
-
-
-
10
-
10
-
10
pF
CP Frequency
fMAX
CL = 15pF
5
-
50
-
----
MHz
Power Dissipation Capacitance
(Notes 4, 5)
CPD
-
5
-
30
-
----
pF
NOTES:
4. CPD is used to determine the dynamic power consumption, per flip-flop.
5. PD =CPD VCC
2 f
i + Σ (CL VCC
2 f
o) where fi = input frequency, fo = output frequency, CL = output load capacitance, VCC = supply voltage.
Switching Specifications Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
Test Circuits and Waveforms
NOTE: Outputs should be switching from 10% VCC to 90% VCC in
accordance with device truth table. For fMAX, input duty cycle = 50%.
FIGURE 1. HC CLOCK PULSE RISE AND FALL TIMES AND
PULSE WIDTH
NOTE: Outputs should be switching from 10% VCC to 90% VCC in
accordance with device truth table. For fMAX, input duty cycle = 50%.
FIGURE 2. HCT CLOCK PULSE RISE AND FALL TIMES AND
PULSE WIDTH
FIGURE 3. HC AND HCU TRANSITION TIMES AND PROPAGA-
TION DELAY TIMES, COMBINATION LOGIC
FIGURE 4. HCT TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
CLOCK
90%
50%
10%
GND
VCC
trCL
tfCL
50%
50%
tWL
tWH
10%
tWL + tWH =
fCL
I
CLOCK
2.7V
1.3V
0.3V
GND
3V
trCL = 6ns
tfCL = 6ns
1.3V
1.3V
tWL
tWH
0.3V
tWL + tWH =
fCL
I
tPHL
tPLH
tTHL
tTLH
90%
50%
10%
50%
10%
INVERTING
OUTPUT
INPUT
GND
VCC
tr = 6ns
tf = 6ns
90%
tPHL
tPLH
tTHL
tTLH
2.7V
1.3V
0.3V
1.3V
10%
INVERTING
OUTPUT
INPUT
GND
3V
tr = 6ns
tf = 6ns
90%
CD54HC74, CD74HC74, CD54HCT74, CD74HCT74


Número de pieza similar - CD54HC74-MIL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD54HC74 TI-CD54HC74 Datasheet
43Kb / 8P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset Positive-Edge Trigger
CD54HC74 TI-CD54HC74 Datasheet
276Kb / 12P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset Positive-Edge Trigger
CD54HC74F TI-CD54HC74F Datasheet
43Kb / 8P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset Positive-Edge Trigger
CD54HC74F TI-CD54HC74F Datasheet
276Kb / 12P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset Positive-Edge Trigger
CD54HC74F3A TI-CD54HC74F3A Datasheet
276Kb / 12P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset Positive-Edge Trigger
More results

Descripción similar - CD54HC74-MIL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KODENSHI_AUK CORP.
KK74VHC74 KODENSHI-KK74VHC74 Datasheet
311Kb / 7P
   DUAL D FLIP-FLOP WITH SET AND RESET
logo
IK Semicon Co., Ltd
IN74VHCT74 IKSEMICON-IN74VHCT74 Datasheet
290Kb / 7P
   Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HC74A ONSEMI-MC74HC74A Datasheet
187Kb / 8P
   Dual D Flip-Flop with Set and Reset
March, 2000 ??Rev. 8
logo
KODENSHI_AUK CORP.
KK74VHCT74 KODENSHI-KK74VHCT74 Datasheet
303Kb / 7P
   Dual D Flip-Flop with Set and Reset
logo
IK Semicon Co., Ltd
IN74HC74A IKSEMICON-IN74HC74A Datasheet
228Kb / 6P
   Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HC74A ONSEMI-MC74HC74A_11 Datasheet
150Kb / 9P
   Dual D Flip-Flop with Set and Reset
May, 2011 ??Rev. 12
logo
Integral Corp.
IN74VHC74 INTEGRAL-IN74VHC74 Datasheet
295Kb / 7P
   DUAL D FLIP-FLOP WITH SET AND RESET
logo
KODENSHI_AUK CORP.
KK74HC74A KODENSHI-KK74HC74A Datasheet
241Kb / 6P
   Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HCT74A ONSEMI-MC74HCT74A_14 Datasheet
103Kb / 5P
   Dual D Flip-Flop with Set and Reset
September, 2014 ??Rev. 12
MC74HC74A ONSEMI-MC74HC74A_14 Datasheet
116Kb / 7P
   Dual D Flip-Flop with Set and Reset
August, 2014 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com