Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DAC9881B Datasheet(PDF) 5 Page - Texas Instruments |
|
DAC9881B Datasheet(HTML) 5 Page - Texas Instruments |
5 / 39 page ELECTRICAL CHARACTERISTICS: AVDD = 2.7V DAC9881 www.ti.com ......................................................................................................................................................... SBAS438A – MAY 2008 – REVISED AUGUST 2008 All specifications at TA = TMIN to TMAX, AVDD = +2.7V to +3.3V, IOVDD = +1.8V to AVDD, VREFH = 2.5V, VREFL = 0V and gain = 1X mode, unless otherwise noted. DAC9881 PARAMETER CONDITIONS MIN TYP MAX UNIT ACCURACY(1) Measured by line DAC9881S ±2.5 ±3.5 LSB passing through Integral linearity error codes 2048 and DAC9881SB ±2 ±3 LSB 262143 Measured by line DAC9881S ±1 ±2 LSB passing through Differential linearity error codes 2048 and DAC9881SB ±0.75 ±1.5 LSB 262143 TA = +25°C, code = 2048 ±32 LSB Zero-scale error TMIN to TMAX, code = 2048 ±64 LSB Zero-scale drift(2) Code = 2048 ±0.5 ±1.6 ppm/°C of FSR TA = +25°C, measured by line passing through codes 2048 Gain error ±32 ±64 LSB and 262143 Gain temperature drift(2) Measured by line passing through codes 2048 and 262143 ±0.5 ±0.8 ppm/°C PSRR(2) VOUT = full-scale, AVDD = +3V ±10% 64 LSB/V ANALOG OUTPUT(2) Voltage output(3) 0 AVDD V Device operating for 500 hours at +25°C 0.2 ppm of FSR Output voltage drift vs time Device operating for 1000 hours at +25°C 0.4 ppm of FSR Output current(4) 2.5 mA Maximum load capacitance 200 pF Short-circuit current +31/–50 mA REFERENCE INPUT(2) VREFH input voltage range AVDD = +3V 1.25 2.5 AVDD V VREFH input capacitance 5 pF VREFH input impedance 4.5 k Ω VREFL input voltage range –0.2 0 +0.2 V VREFL input capacitance 4.5 pF VREFL input impedance 5 k Ω DYNAMIC PERFORMANCE(2) To ±0.003% FS, RL = 10kΩ, CL = 50pF, code 04000h to Settling time 5 µs 3C000h Slew rate From 10% to 90% of 0V to +2.5V 2.5 V/ µs VREFH = 2.5V, gain = 1X mode 18 nV-s Code = 1FFFFh to Code change glitch VREFH = 1.25V, gain = 1X mode 9 nV-s 20000h to 1FFFFh VREFH = 1.25V, gain = 2X mode 10 nV-s Digital feedthrough CS = high, fSCLK = 1kHz 1 nV-s Gain = 1 24 30 nV/ √Hz f = 1kHz to 100kHz, Output noise voltage density full-scale output Gain = 2 40 48 nV/ √Hz Output noise voltage f = 0.1Hz to 10Hz, full-scale output 2 µV PP (1) DAC output range is 0V to +2.5V. 1LSB = 9.5 µV. (2) Ensured by design. Not production tested. (3) The output from the VOUT pin = [(VREFH – VREFL)/262144] × CODE × Buffer GAIN + VREFL. The maximum range of VOUT is 0V to AVDD. The full-scale of the output must be less than AVDD; otherwise, output saturation occurs. (4) Refer to Figure 55, Figure 56, and Figure 57 for details. Copyright © 2008, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Link(s): DAC9881 |
Número de pieza similar - DAC9881B |
|
Descripción similar - DAC9881B |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |