Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC70004 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DAC70004
Descripción Electrónicos  Quad 16-,14-,12-Bit, 1 LSB INL, Buffered, Voltage-Output Digital-to-Analog Converters
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DAC70004 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC70004 Datasheet HTML 6Page - Texas Instruments DAC70004 Datasheet HTML 7Page - Texas Instruments DAC70004 Datasheet HTML 8Page - Texas Instruments DAC70004 Datasheet HTML 9Page - Texas Instruments DAC70004 Datasheet HTML 10Page - Texas Instruments DAC70004 Datasheet HTML 11Page - Texas Instruments DAC70004 Datasheet HTML 12Page - Texas Instruments DAC70004 Datasheet HTML 13Page - Texas Instruments DAC70004 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Digital Input Code
0
8192 16384 24576 32768 40960 49152 57344 65536
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
D001
Channel A
Channel B
Channel C
Channel D
Digital Input Code
0
8192 16384 24576 32768 40960 49152 57344 65536
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
D001
Channel A
Channel B
Channel C
Channel D
Digital Input Code
0
8192 16384 24576 32768 40960 49152 57344 65536
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
D001
Channel A
Channel B
Channel C
Channel D
Digital Input Code
0
8192 16384 24576 32768 40960 49152 57344 65536
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
D001
Channel A
Channel B
Channel C
Channel D
Digital Input Code
0
8192 16384 24576 32768 40960 49152 57344 65536
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
D001
Channel A
Channel B
Channel C
Channel D
Digital Input Code
0
8192 16384 24576 32768 40960 49152 57344 65536
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
D001
Channel A
Channel B
Channel C
Channel D
10
DAC80004, DAC70004, DAC60004
SLASED6B – APRIL 2016 – REVISED JUNE 2016
www.ti.com
Product Folder Links: DAC80004 DAC70004 DAC60004
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.7 Typical Characteristics
At TA = 25°C, VDD = 5.5 V, REFIN = 5.45 V, DAC outputs unloaded, unless otherwise noted.
Figure 3. Linearity Error vs Digital Input Code
Figure 4. Differential Linearity Error vs Digital Input Code
DAC load 5 k
Ω//200 pF
Figure 5. Linearity Error vs Digital Input Code
DAC load 5 k
Ω//200 pF
Figure 6. Differential Linearity Error vs Digital Input Code
Figure 7. Total Unadjusted Error vs Digital Input Code
DAC load 5 k
Ω//200 pF
Figure 8. Total Unadjusted Error vs Digital Input Code


Número de pieza similar - DAC70004

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
DAC70 BURR-BROWN-DAC70 Datasheet
481Kb / 10P
   Monlithic 16-bit digital-to-analog converters
DAC701 BURR-BROWN-DAC701 Datasheet
301Kb / 12P
   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC701 TI-DAC701 Datasheet
279Kb / 11P
[Old version datasheet]   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC701BH BURR-BROWN-DAC701BH Datasheet
301Kb / 12P
   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC701BH TI-DAC701BH Datasheet
279Kb / 11P
[Old version datasheet]   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
More results

Descripción similar - DAC70004

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC80501 TI1-DAC80501 Datasheet
488Kb / 32P
[Old version datasheet]   16-, 14-, 12-Bit, 1-LSB INL, Voltage-Output Digital-to-Analog Converters
DAC80501 TI1-DAC80501_V01 Datasheet
840Kb / 37P
[Old version datasheet]   DACx0501, 16-, 14-, 12-Bit, 1-LSB INL, Voltage-Output Digital-to-Analog Converters With Precision Internal Reference
logo
Microchip Technology
MCP47FXBX4 MICROCHIP-MCP47FXBX4 Datasheet
9Mb / 124P
   8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
02/28/20
MCP48FXBX4 MICROCHIP-MCP48FXBX4 Datasheet
9Mb / 112P
   8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
02/28/20
logo
Analog Devices
AD7676 AD-AD7676_17 Datasheet
389Kb / 21P
   16-Bit, 1 LSB INL
logo
Microchip Technology
MCP48CXBXX MICROCHIP-MCP48CXBXX Datasheet
8Mb / 106P
   8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with SPI Interface
08/15/18
MCP47CXBXX MICROCHIP-MCP47CXBXX Datasheet
8Mb / 124P
   8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
05/14/19
logo
Analog Devices
AD9778 AD-AD9778_15 Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9778A AD-AD9778A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9779 AD-AD9779_15 Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com