Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC9881SRGETG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DAC9881SRGETG4
Descripción Electrónicos  18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DAC9881SRGETG4 Datasheet(HTML) 4 Page - Texas Instruments

  DAC9881SRGETG4 Datasheet HTML 1Page - Texas Instruments DAC9881SRGETG4 Datasheet HTML 2Page - Texas Instruments DAC9881SRGETG4 Datasheet HTML 3Page - Texas Instruments DAC9881SRGETG4 Datasheet HTML 4Page - Texas Instruments DAC9881SRGETG4 Datasheet HTML 5Page - Texas Instruments DAC9881SRGETG4 Datasheet HTML 6Page - Texas Instruments DAC9881SRGETG4 Datasheet HTML 7Page - Texas Instruments DAC9881SRGETG4 Datasheet HTML 8Page - Texas Instruments DAC9881SRGETG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
DAC9881
SBAS438A – MAY 2008 – REVISED AUGUST 2008 ......................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS: AVDD = 5V (continued)
All specifications at TA = TMIN to TMAX, AVDD = +4.75V to +5.5V, IOVDD = +1.8V to +5.5V, VREFH = 5V, VREFL = 0V, and gain =
1X mode, unless otherwise noted.
DAC9881
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUTS(5)
IOVDD = 4.5V to 5.5V
3.8
IOVDD + 0.3
V
High-level input voltage, VIH
IOVDD = 2.7V to 3.3V
2.1
IOVDD + 0.3
V
IOVDD = 1.7V to 2.0V
1.5
IOVDD + 0.3
V
IOVDD = 4.5V to 5.5V
–0.3
0.8
V
Low-level input voltage, VIL
IOVDD = 2.7V to 3.3V
–0.3
0.6
V
IOVDD = 1.7V to 2.0V
–0.3
0.3
V
Digital input current (IIN)
±1
±10
µA
Digital input capacitance
5
pF
DIGITAL OUTPUT(5)
IOVDD = 2.7V to 5.5V, IOH = –1mA
IOVDD – 0.2
V
High-level output voltage, VOH
IOVDD = 1.7V to 2.0V, IOH = –500µA
IOVDD – 0.2
V
IOVDD = 2.7V to 5.5V, IOL = 1mA
0.2
V
Low-level output voltage, VOL
IOVDD = 1.7 to 2.0V, IOL = 500µA
0.2
V
POWER SUPPLY
AVDD
+4.75
+5.0
+5.5
V
IOVDD
+1.7
AVDD
V
AIDD
VIH = IOVDD, VIL = DGND
0.85
1.5
mA
IOIDD
VIH = IOVDD, VIL = DGND
1
10
µA
AIDD power-down
PDN pin = IOVDD
25
50
µA
Power dissipation
AVDD = 5.0V
4.3
7.5
mW
TEMPERATURE RANGE
Specified performance
–40
+105
°C
(5)
Ensured by design. Not production tested.
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): DAC9881


Número de pieza similar - DAC9881SRGETG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC9881SRGET TI-DAC9881SRGET Datasheet
1Mb / 38P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
More results

Descripción similar - DAC9881SRGETG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC9881_0808 TI-DAC9881_0808 Datasheet
1Mb / 38P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC9881 TI-DAC9881 Datasheet
296Kb / 13P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC8881 TI-DAC8881 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC8581 TI-DAC8581 Datasheet
507Kb / 14P
[Old version datasheet]   16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8581 TI1-DAC8581_16 Datasheet
1Mb / 20P
[Old version datasheet]   16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7613 TI1-DAC7613_14 Datasheet
1Mb / 14P
[Old version datasheet]   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7641 TI1-DAC7641_08 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7641 BURR-BROWN-DAC7641 Datasheet
1,000Kb / 18P
   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7613 BURR-BROWN-DAC7613 Datasheet
559Kb / 9P
   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7613E TI1-DAC7613E Datasheet
746Kb / 13P
[Old version datasheet]   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com