Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DLPC3430 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DLPC3430
Descripción Electrónicos  0.2 WVGA DMD
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3430 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DLPC3430 Datasheet HTML 7Page - Texas Instruments DLPC3430 Datasheet HTML 8Page - Texas Instruments DLPC3430 Datasheet HTML 9Page - Texas Instruments DLPC3430 Datasheet HTML 10Page - Texas Instruments DLPC3430 Datasheet HTML 11Page - Texas Instruments DLPC3430 Datasheet HTML 12Page - Texas Instruments DLPC3430 Datasheet HTML 13Page - Texas Instruments DLPC3430 Datasheet HTML 14Page - Texas Instruments DLPC3430 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
11
DLP2010
www.ti.com
DLPS046B – JULY 2014 – REVISED JULY 2016
Product Folder Links: DLP2010
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
Specification is for LS_CLK and LS_WDATA pins. Refer to LPSDR input rise slew rate and fall slew rate in Figure 3.
(2)
Specification is for DMD_DEN_ARSTZ pin. Refer to LPSDR input rise and fall slew rate in Figure 3.
(3)
Window time derating example: 0.5-V/ns slew rate increases the window time by 0.7 ns, from 3 to 3.7 ns.
(4)
Specification is for SubLVDS receiver time only and does not take into account commanding and latency after commanding.
6.7 Timing Requirements
Device electrical characteristics are over Recommended Operating Conditions unless otherwise noted.
MIN
NOM
MAX
UNIT
LPSDR
tR
Rise slew rate(1)
(30% to 80%) × VDD, Figure 3
1
3
V/ns
tV
Fall slew rate(1)
(70% to 20%) × VDD, Figure 3
1
3
V/ns
tR
Rise slew rate(2)
(20% to 80%) × VDD, Figure 3
0.25
V/ns
tF
Fall slew rate(2)
(80% to 20%) × VDD, Figure 3
0.25
V/ns
tC
Cycle time LS_CLK,
Figure 2
7.7
8.3
ns
tW(H)
Pulse duration LS_CLK
high
50% to 50% reference points,Figure 2
3.1
ns
tW(L)
Pulse duration LS_CLK
low
50% to 50% reference points, Figure 2
3.1
ns
tSU
Setup time
LS_WDATA valid before LS_CLK
↑, Figure 2
1.5
ns
tH
Hold time
LS_WDATA valid after LS_CLK
↑, Figure 2
1.5
ns
tWINDOW
Window time(1)(3)
Setup time + Hold time, Figure 2
3
ns
tDERATING
Window time derating(1)(3)
For each 0.25 V/ns reduction in slew rate below
1 V/ns, Figure 5
0.35
ns
SubLVDS
tR
Rise slew rate
20% to 80% reference points, Figure 4
0.7
1
V/ns
tF
Fall slew rate
80% to 20% reference points, Figure 4
0.7
1
V/ns
tC
Cycle time LS_CLK,
Figure 6
1.61
1.67
ns
tW(H)
Pulse duration DCLK high
50% to 50% reference points, Figure 6
0.71
ns
tW(L)
Pulse duration DCLK low
50% to 50% reference points, Figure 6
0.71
ns
tSU
Setup time
D(0:3) valid before
DCLK
↑ or DCLK ↓, Figure 6
tH
Hold time
D(0:3) valid after
DCLK
↑ or DCLK ↓, Figure 6
tWINDOW
Window time
Setup time + Hold time, Figure 6, Figure 7
0.3
ns
tLVDS-
ENABLE+REFGEN
Power-up receiver(4)
2000
ns


Número de pieza similar - DLPC3430

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DLPC3430 TI1-DLPC3430 Datasheet
1Mb / 59P
[Old version datasheet]   Display Controller
DLPC3430CZVBR TI1-DLPC3430CZVBR Datasheet
1Mb / 59P
[Old version datasheet]   Display Controller
DLPC3430ZVBR TI1-DLPC3430ZVBR Datasheet
1Mb / 59P
[Old version datasheet]   Display Controller
More results

Descripción similar - DLPC3430

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DLP2010NIR TI1-DLP2010NIR Datasheet
742Kb / 39P
[Old version datasheet]   0.2 WVGA Near-Infrared DMD
DLP2010 TI1-DLP2010 Datasheet
670Kb / 41P
[Old version datasheet]   WVGA DMD
DLP2010 TI1-DLP2010_19 Datasheet
680Kb / 42P
[Old version datasheet]   DLP2010 .2 WVGA DMD
DLP3030-Q1 TI1-DLP3030-Q1 Datasheet
143Kb / 7P
[Old version datasheet]   0.3 WVGA S450 DMD
DLP3021-Q1 TI1-DLP3021-Q1 Datasheet
626Kb / 38P
[Old version datasheet]   0.3-In WVGA DMD
DLP2010LC TI1-DLP2010LC Datasheet
737Kb / 43P
[Old version datasheet]   DLP2010LC .2 WVGA DMD
DLP2010NIR TI1-DLP2010NIR_18 Datasheet
720Kb / 39P
[Old version datasheet]   2 WVGA Near-Infrared DMD
DLP3000 TI1-DLP3000 Datasheet
1Mb / 30P
[Old version datasheet]   DLP짰 0.3 WVGA Series 220 DMD
DLP3000 TI1-DLP3000_17 Datasheet
1,020Kb / 37P
[Old version datasheet]   DLP 0.3 WVGA Series 220 DMD
DLP3021-Q1 TI1-DLP3021-Q1_V01 Datasheet
593Kb / 39P
[Old version datasheet]   DLP3021-Q1 0.3-Inch WVGA DMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com