Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DLPC3439 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DLPC3439
Descripción Electrónicos  0.47 1080p DMD
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3439 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DLPC3439 Datasheet HTML 6Page - Texas Instruments DLPC3439 Datasheet HTML 7Page - Texas Instruments DLPC3439 Datasheet HTML 8Page - Texas Instruments DLPC3439 Datasheet HTML 9Page - Texas Instruments DLPC3439 Datasheet HTML 10Page - Texas Instruments DLPC3439 Datasheet HTML 11Page - Texas Instruments DLPC3439 Datasheet HTML 12Page - Texas Instruments DLPC3439 Datasheet HTML 13Page - Texas Instruments DLPC3439 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Micromirror Landed Duty Cycle
0/100 5/95 10/90 15/85 20/80 25/75 30/70 35/65 40/60 45/55
30
40
50
60
70
80
D001
50/50
100/0
95/5
90/10
85/15
80/20
75/25
70/30
65/35
60/40
55/45
10
DLP4710
DLPS056B – NOVEMBER 2014 – REVISED JULY 2016
www.ti.com
Product Folder Links: DLP4710
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Recommended Operating Conditions (continued)
Over operating free-air temperature range (unless otherwise noted)
(1) (2) (3)
MIN
NOM
MAX
UNIT
(11) Simultaneous exposure of the DMD to the maximum Recommended Operating Conditions for temperature and UV illumination will
reduce device lifetime.
(12) The array temperature cannot be measured directly and must be computed analytically from the temperature measured at test point 1
(TP1) shown in Figure 18 and the package thermal resistance using Micromirror Array Temperature Calculation.
(13) Per Figure 1, the maximum operational array temperature should be derated based on the micromirror landed duty cycle that the DMD
experiences in the end application. Refer to Micromirror Landed-On/Landed-Off Duty Cycle for a definition of micromirror landed duty
cycle.
(14) Long-term is defined as the usable life of the device.
(15) Array temperatures beyond those specified as long-term are recommended for short-term conditions only (power-up). Short-term is
defined as cumulative time over the usable life of the device and is less than 500 hours for temperatures between the long-term
maximum and 75ºC, less than 500 hours for temperatures between 0ºC and –10ºC, and less than 25 hours for temperatures between -
10ºC and -20ºC.
(16) Temperature delta is the highest difference between the ceramic test point 1 (TP1) and anywhere on the window edge shown in
Figure 18. The window test points TP2, TP3, TP4, and TP5 shown in Figure 18 are intended to result in the worst case delta
temperature. If a particular application causes another point on the window edge to result in a larger delta temperature, that point should
be used.
(17) Window temperature is the highest temperature on the window edge shown in Figure 18. The locations of thermal test points TP2, TP3,
TP4, and TP5 in Figure 18 are intended to measure the highest window edge temperature. If a particular application causes another
point on the window edge to be at a higher temperature, that point should be used.
(18) Dew points beyond the specified long-term dew point are for short-term conditions only, where short-term is defined as less than 60
cumulative days over the usable life of the device (operating or storage).
ENVIRONMENTAL
TARRAY
Array Temperature – long-term operational(11) (12) (13)
(14)
0
40 to 70(13)
°C
Array Temperature – short-term operational(12) (15)
–20
75
|TDELTA|
Absolute Temperature difference between any point
on the window edge and the ceramic test point TP1(16)
30
°C
TWINDOW
Window Temperature – operational(11) (17)
90
°C
TDP
Dew Point Temperature - long-term (non-
condensing)(14)
24
°C
Dew Point Temperature - short-term (non-
condensing)(18)
28
°C
ILLUV
Illumination wavelengths < 400 nm (11)
0.68
mW/cm2
ILLVIS
Illumination wavelengths between 400 nm and 700 nm
Thermally limited
ILLIR
Illumination wavelengths > 700 nm
10
mW/cm2
SPACE
Figure 1. Max Recommended Array Temperature – Derating Curve


Número de pieza similar - DLPC3439

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DLPC3439 TI1-DLPC3439 Datasheet
2Mb / 63P
[Old version datasheet]   Display Controller
DLPC3439CZEZ TI1-DLPC3439CZEZ Datasheet
2Mb / 63P
[Old version datasheet]   Display Controller
DLPC3439ZEZ TI1-DLPC3439ZEZ Datasheet
2Mb / 63P
[Old version datasheet]   Display Controller
More results

Descripción similar - DLPC3439

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DLP4710 TI1-DLP4710_18 Datasheet
792Kb / 43P
[Old version datasheet]   0.47 1080p DMD
DLP470NE TI1-DLP470NE_19 Datasheet
763Kb / 46P
[Old version datasheet]   0.47 1080P DMD
DLP470NE TI1-DLP470NE Datasheet
469Kb / 42P
[Old version datasheet]   0.47 1080P DMD
DLP4710LC TI1-DLP4710LC Datasheet
760Kb / 44P
[Old version datasheet]   DLP4710LC 0.47 1080p DMD
DLP3310 TI1-DLP3310 Datasheet
145Kb / 5P
[Old version datasheet]   0.33 1080p DMD
DLP230NP TI1-DLP230NP Datasheet
122Kb / 6P
[Old version datasheet]   23 1080p DMD
DLP470TE TI1-DLP470TE Datasheet
684Kb / 44P
[Old version datasheet]   0.47 4K UHD DMD
DLP781NE TI-DLP781NE Datasheet
1Mb / 44P
[Old version datasheet]   DLP781NE 0.78 1080P DMD
OCTOBER 2022
DLP3310 TI1-DLP3310_18 Datasheet
901Kb / 41P
[Old version datasheet]   DLP3310 0.33 1080p DMD
DLP651NE TI-DLP651NE Datasheet
1Mb / 43P
[Old version datasheet]   DLP651NE 0.65 1080p DMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com