Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DLP9000X Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DLP9000X
Descripción Electrónicos  Family of 0.9 WQXGA Type A DMDs
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DLP9000X Datasheet(HTML) 1 Page - Texas Instruments

  DLP9000X Datasheet HTML 1Page - Texas Instruments DLP9000X Datasheet HTML 2Page - Texas Instruments DLP9000X Datasheet HTML 3Page - Texas Instruments DLP9000X Datasheet HTML 4Page - Texas Instruments DLP9000X Datasheet HTML 5Page - Texas Instruments DLP9000X Datasheet HTML 6Page - Texas Instruments DLP9000X Datasheet HTML 7Page - Texas Instruments DLP9000X Datasheet HTML 8Page - Texas Instruments DLP9000X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
DLPC900
OSC
LED
Driver
Voltage
Supplies
FAN
PCLK, DE
HSYNC, VSYNC
24-bit RGB Data
I
2C
USB
SCP
DMD CTL, DATA
Red,Green,Blue PWM
LED Strobes
Flash
DLPC900
Flash
DMD DATA
I
2C
SCP
24-bit RGB Data
DLP9000FLS
DMD DATA
LED0
LED0
LED1
LED1
LVDS Interface
DLPC910
LVD Interface
RESET Signals
SCP Interface
Power Management
OSC
50 MHz
CTRL_RSTZ
JTAG(3:0)
DLPR910
PGM(4:0)
Illumination
Driver
Illumination
Sensor
I2C
Row and Block Signals
Control Signals
Status Signals
VLED0
VLED1
DLP9000XFLS
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DLP9000
DLPS036A – SEPTEMBER 2014 – REVISED OCTOBER 2015
DLP9000 Family of 0.9 WQXGA Type A DMDs
1 Features
2 Applications
1
High resolution 2560×1600 (WQXGA) Array
Industrial
> 4 Million Micromirrors
Machine Vision and Quality Control
7.56-µm Micromirror Pitch
3D Printing
0.9-Inch Micromirror Array Diagonal
Direct Imaging Lithography
±12° Micromirror Tilt Angle (Relative to Flat
Laser Marking and Repair
State)
Medical
Designed for Corner Illumination
Ophthalmology
Integrated Micromirror Driver Circuitry
3D Scanners for Limb and Skin Measurement
Two High Speed Options
Hyper-Spectral Imaging
DLP9000XFLS with DLPC910 Controller
Hyper-Spectral Scanning
480 MHz Input Data Clock Rate
Displays
>61 Giga-Bits Per Second Max Pixel Data
3D Imaging Microscopes
Rate with Continuous Streaming Input Data
Intelligent and Adaptive Lighting
1-Bit Binary Pattern Rates to 15 kHz
3 Description
8-Bit Gray Scale Pattern Rates to 1.8 kHz with
Modulated Illumination
Featuring over 4 million micromirrors, the high
resolution DLP9000FLS and DLP9000XFLS digital
DLP9000FLS with Dual DLPC900 Controllers
micromirror
devices
(DMDs)
are
spatial
light
400-MHz Input Data Clock Rate
modulators (SLMs) that modulate the amplitude,
>38 Giga-Bits Per Second Max Pixel Data
direction, and/or phase of incoming light. This
Rate with up to 400 Pre-Stored Binary Patterns
advanced light control technology has numerous
applications in the industrial, medical, and consumer
1-Bit Binary Pattern Rates to 9.5 kHz
markets. The streaming nature of the DLP9000XFLS
8-Bit Gray Scale Pattern Rates to 247 Hz
and its DLPC910 controller enable very high speed
Designed for Use with Broad Wavelength Range
continuous
data
streaming
for
lithographic
applications. Both DMDs enable large build sizes and
400 nm to 700 nm
fine resolution for 3D printing applications. The high
Window Transmission 95% (Single Pass,
resolution provides the direct benefit of scanning
Through Two Window Surfaces)
larger objects for 3D machine vision applications.
Micromirror Reflectivity 88%
Device Information(1)
Array Diffraction Efficiency 86%
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Array Fill Factor 92%
DLP9000
42.20 mm x 42.20 mm x
CLGA (355)
7.00 mm
DLP9000X
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
SPACE
Typical DLP9000XFLS Application
Typical DLP9000FLS Application
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - DLP9000X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DLP9000X TI1-DLP9000X Datasheet
948Kb / 59P
[Old version datasheet]   Family of 0.9 WQXGA Type A DMDs
DLP9000XBFLS TI1-DLP9000XBFLS Datasheet
948Kb / 59P
[Old version datasheet]   Family of 0.9 WQXGA Type A DMDs
DLP9000XFLS TI1-DLP9000XFLS Datasheet
932Kb / 56P
[Old version datasheet]   ype A DMDs
DLP9000XFLS TI1-DLP9000XFLS Datasheet
948Kb / 59P
[Old version datasheet]   Family of 0.9 WQXGA Type A DMDs
DLP9000XUV TI1-DLP9000XUV Datasheet
2Mb / 57P
[Old version datasheet]   DLP9000XUV 0.9 UV WQXGA Type A DMD
More results

Descripción similar - DLP9000X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DLP9000_016 TI1-DLP9000_016 Datasheet
948Kb / 59P
[Old version datasheet]   Family of 0.9 WQXGA Type A DMDs
DLP9000XUV TI1-DLP9000XUV Datasheet
2Mb / 57P
[Old version datasheet]   DLP9000XUV 0.9 UV WQXGA Type A DMD
DLP9000 TI1-DLP9000 Datasheet
932Kb / 56P
[Old version datasheet]   ype A DMDs
logo
Freescale Semiconductor...
MC68HC05F32 FREESCALE-MC68HC05F32 Datasheet
3Mb / 198P
   a member of the M68HC05 family of HCMOS
logo
ams AG
LOE67B AMSCO-LOE67B Datasheet
1Mb / 23P
   PowerTOPLED, a powerful member of the TOPLED family.
Version 1.2 2022-09-01
logo
STMicroelectronics
AN1335 STMICROELECTRONICS-AN1335 Datasheet
214Kb / 10P
   ST10F280 is a new member of ST10 family
logo
NXP Semiconductors
SL2S2002 NXP-SL2S2002 Datasheet
108Kb / 13P
   ICODE SLIX a product family of smart label ICs
Rev. 3.2-10 January 2011
logo
Freescale Semiconductor...
MC9328MX21S FREESCALE-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
logo
Motorola, Inc
MC9328MX21 MOTOROLA-MC9328MX21 Datasheet
1Mb / 106P
   i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21S NXP-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
Rev. 1.3, 06/2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com