Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

9338FMQB Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza 9338FMQB
Descripción Electrónicos  9338/DM9338 8-Bit Multiple Port Register
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

9338FMQB Datasheet(HTML) 4 Page - Texas Instruments

  9338FMQB Datasheet HTML 1Page - Texas Instruments 9338FMQB Datasheet HTML 2Page - Texas Instruments 9338FMQB Datasheet HTML 3Page - Texas Instruments 9338FMQB Datasheet HTML 4Page - Texas Instruments 9338FMQB Datasheet HTML 5Page - Texas Instruments 9338FMQB Datasheet HTML 6Page - Texas Instruments 9338FMQB Datasheet HTML 7Page - Texas Instruments 9338FMQB Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Switching Characteristics
VCC ea50V TA ea25 C (See Section 1 for waveforms and load configurations)
CL e 15 pF
Symbol
Parameter
9338 (MIL)
DM9338 (COM)
Units
Min
Max
Min
Max
tPLH
Propagation Delay
40
13
40
ns
tPHL
Bn or Cn to Zn
35
18
35
tPLH
Propagation Delay
45
25
45
ns
tPHL
DA to Zn
50
25
50
tPLH
Propagation Delay
35
18
35
ns
tPHL
CP to Zn
30
13
30
Functional Description
The 9338 8-bit multiple port register can be considered a 1-
bit slice of eight high speed working registers Data can be
written into any one and read from any two of the eight
locations simultaneously Masterslave operation eliminates
all race problems associated with simultaneous readwrite
activity from the same location When the clock input (CP) is
LOW data applied to the data input line (DA) enters the
selected master This selection is accomplished by coding
the three write input select lines (A0 – A2) appropriately
Data is stored synchronously with the rising edge of the
clock pulse
The information for each of the two slaved (output) latches
is selected by two sets of read address inputs (B0 – B2 and
C0 – C2) The information enters the slave while the clock is
HIGH and is stored while the clock is LOW If Slave Enable
is LOW (SLE) the slave latches are continuously enabled
The signals are available on the output pins (ZB and ZC)
The input bit selection and the two output bit selections can
be accomplished independently or simultaneously The data
flows into the device is demultiplexed according to the state
of the write address lines and is clocked into the selected
latch The eight latches function as masters and store the
input data The two output latches are slaves and hold the
data during the read operation The state of each slave is
determined by the state of the master selected by its associ-
ated set of read address inputs
The method of parallel expansion is shown in
Figure a One
9338 is needed for each bit of the required word length The
read and write input lines should be connected in common
on all of the devices This register configuration provides
two words of n-bits each at one time where n devices are
connected in parallel
Logic Symbol
TLF9794 – 2
VCC e Pin 16
GND e Pin 8
TLF9794 – 4
FIGURE a Parallel Expansion
3


Número de pieza similar - 9338FMQB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
9338FMQB NSC-9338FMQB Datasheet
136Kb / 6P
   8-Bit Multiple Port Register
More results

Descripción similar - 9338FMQB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
DM93L38 FAIRCHILD-DM93L38 Datasheet
64Kb / 6P
   8-Bit Multiple Port Register
logo
National Semiconductor ...
9338 NSC-9338 Datasheet
136Kb / 6P
   8-Bit Multiple Port Register
93L38 NSC-93L38 Datasheet
121Kb / 6P
   8-Bit Multiple Port Register
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
   8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
logo
Texas Instruments
SN74172 TI-SN74172 Datasheet
240Kb / 7P
[Old version datasheet]   16-BIT MULTIPLE-PORT REGISTER FILE WITH 3-STATE OUTPUTS
logo
Diodes Incorporated
74AHC594 DIODES-74AHC594 Datasheet
272Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
logo
Texas Instruments
CY5474FCT377T TI-CY5474FCT377T Datasheet
71Kb / 7P
[Old version datasheet]   8-Bit Register
CY5474FCT273T TI-CY5474FCT273T Datasheet
78Kb / 7P
[Old version datasheet]   8-Bit Register
logo
Diodes Incorporated
74HCT594 DIODES-74HCT594 Datasheet
277Kb / 12P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HCT595 DIODES-74HCT595 Datasheet
346Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com