Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

9338 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza 9338
Descripción Electrónicos  9338/DM9338 8-Bit Multiple Port Register
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

9338 Datasheet(HTML) 3 Page - Texas Instruments

  9338 Datasheet HTML 1Page - Texas Instruments 9338 Datasheet HTML 2Page - Texas Instruments 9338 Datasheet HTML 3Page - Texas Instruments 9338 Datasheet HTML 4Page - Texas Instruments 9338 Datasheet HTML 5Page - Texas Instruments 9338 Datasheet HTML 6Page - Texas Instruments 9338 Datasheet HTML 7Page - Texas Instruments 9338 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Absolute Maximum Ratings (Note)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
7V
Input Voltage
55V
Operating Free Air Temperature Range
Military
b
55 Cto a125 C
Commercial
0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
Note
The ‘‘Absolute Maximum Ratings’’ are those values
beyond which the safety of the device cannot be guaran-
teed The device should not be operated at these limits The
parametric values defined in the ‘‘Electrical Characteristics’’
table are not guaranteed at the absolute maximum ratings
The ‘‘Recommended Operating Conditions’’ table will define
the conditions for actual device operation
Recommended Operating Conditions
Symbol
Parameter
Military
Commercial
Units
Min
Nom
Max
Min
Nom
Max
VCC
Supply Voltage
45
5
55
475
5
525
V
VIH
High Level Input Voltage
2
2
V
VIL
Low Level Input Voltage
08
08
V
IOH
High Level Output Current
b
08
b
08
mA
IOL
Low Level Output Current
16
16
mA
TA
Free Air Operating Temperature
b
55
125
0
70
C
ts (H)
Setup Time HIGH or LOW
20
20
ns
ts (L)
DA to CP
12
12
th (H)
Hold Time HIGH or LOW
0
0
ns
th (L)
DA to CP
b
80
b
80
ts (H)
Setup Time HIGH or LOW
10
10
ns
ts (L)
An to CP
10
10
th (H)
Hold Time HIGH or LOW
0
0
ns
th (L)
An to CP
0
0
tw (H)
CP Pulse Width HIGH or LOW
23
23
ns
tw (L)
13
13
Electrical Characteristics
Over recommended operating free air temperature range (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 1)
VI
Input Clamp Voltage
VCC e Min II eb12 mA
b
15
V
VOH
High Level Output Voltage
VCC e Min IOH e Max
24
34
V
VIL e Max
VOL
Low Level Output Voltage
VCC e Min IOL e Max
02
04
V
VIH e Min
II
Input Current
Max
VCC e Max VI e 55V
1mA
Input Voltage
IIH
High Level Input Current
VCC e Max VI e 24V
27
m
A
IIL
Low Level Input Current
VCC e Max VI e 04V
b
11
mA
IOS
Short Circuit
VCC e Max
MIL
b
10
b
70
mA
Output Current
(Note 2)
COM
b
10
b
70
ICC
Supply Current
VCC e Max
135
mA
Note 1
All typicals are at VCC e 5V TA e 25 C
Note 2
Not more than one output should be shorted at a time
2


Número de pieza similar - 9338

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
9338 NSC-9338 Datasheet
136Kb / 6P
   8-Bit Multiple Port Register
logo
Keystone Electronics Co...
9338 KEYSTONE-9338 Datasheet
255Kb / 1P
   6-32 PAN HEAD SCREW
9338 KEYSTONE-9338 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
logo
National Semiconductor ...
9338DMQB NSC-9338DMQB Datasheet
136Kb / 6P
   8-Bit Multiple Port Register
9338FMQB NSC-9338FMQB Datasheet
136Kb / 6P
   8-Bit Multiple Port Register
More results

Descripción similar - 9338

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
DM93L38 FAIRCHILD-DM93L38 Datasheet
64Kb / 6P
   8-Bit Multiple Port Register
logo
National Semiconductor ...
9338 NSC-9338 Datasheet
136Kb / 6P
   8-Bit Multiple Port Register
93L38 NSC-93L38 Datasheet
121Kb / 6P
   8-Bit Multiple Port Register
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
   8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
logo
Texas Instruments
SN74172 TI-SN74172 Datasheet
240Kb / 7P
[Old version datasheet]   16-BIT MULTIPLE-PORT REGISTER FILE WITH 3-STATE OUTPUTS
logo
Diodes Incorporated
74AHC594 DIODES-74AHC594 Datasheet
272Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
logo
Texas Instruments
CY5474FCT377T TI-CY5474FCT377T Datasheet
71Kb / 7P
[Old version datasheet]   8-Bit Register
CY5474FCT273T TI-CY5474FCT273T Datasheet
78Kb / 7P
[Old version datasheet]   8-Bit Register
logo
Diodes Incorporated
74HCT594 DIODES-74HCT594 Datasheet
277Kb / 12P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HCT595 DIODES-74HCT595 Datasheet
346Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com