Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74HC190PW Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CD74HC190PW
Descripción Electrónicos  SYNCHORONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HC190PW Datasheet(HTML) 20 Page - Texas Instruments

Back Button CD74HC190PW Datasheet HTML 16Page - Texas Instruments CD74HC190PW Datasheet HTML 17Page - Texas Instruments CD74HC190PW Datasheet HTML 18Page - Texas Instruments CD74HC190PW Datasheet HTML 19Page - Texas Instruments CD74HC190PW Datasheet HTML 20Page - Texas Instruments CD74HC190PW Datasheet HTML 21Page - Texas Instruments CD74HC190PW Datasheet HTML 22Page - Texas Instruments CD74HC190PW Datasheet HTML 23Page - Texas Instruments CD74HC190PW Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
24-Aug-2014
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
CD74HCT191E
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
-55 to 125
CD74HCT191E
CD74HCT191M
ACTIVE
SOIC
D
16
40
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
HCT191M
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Número de pieza similar - CD74HC190PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC190PW TI-CD74HC190PW Datasheet
614Kb / 26P
[Old version datasheet]   SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
CD74HC190PWE4 TI-CD74HC190PWE4 Datasheet
614Kb / 26P
[Old version datasheet]   SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
CD74HC190PWR TI-CD74HC190PWR Datasheet
614Kb / 26P
[Old version datasheet]   SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
CD74HC190PWRE4 TI-CD74HC190PWRE4 Datasheet
614Kb / 26P
[Old version datasheet]   SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
CD74HC190PWT TI-CD74HC190PWT Datasheet
614Kb / 26P
[Old version datasheet]   SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
More results

Descripción similar - CD74HC190PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN54190 TI-SN54190 Datasheet
512Kb / 14P
[Old version datasheet]   SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
SN54190 TI1-SN54190_13 Datasheet
1Mb / 16P
[Old version datasheet]   SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
CD54HC190 TI-CD54HC190 Datasheet
614Kb / 26P
[Old version datasheet]   SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
logo
National Semiconductor ...
MM54HC190 NSC-MM54HC190 Datasheet
202Kb / 8P
   MM54HC190/MM74HC190 Synchronous Decade Up/Down Counters with Mode Control MM54HC191/MM74HC191 Synchronous Binary Up/Down Counters with Mode Control
DM54LS190 NSC-DM54LS190 Datasheet
174Kb / 8P
   Synchronous 4-Bit Up/Down Counters with Mode Control
logo
Microsemi Corporation
TSC373 MICROSEMI-TSC373 Datasheet
1Mb / 4P
   Up-Down Counters
logo
National Semiconductor ...
MM54HC192 NSC-MM54HC192 Datasheet
180Kb / 8P
   Synchronous Decade Up/Down Counters Synchronous Binary Up/Down Counters
logo
STMicroelectronics
HCF4510B STMICROELECTRONICS-HCF4510B Datasheet
136Kb / 12P
   PRESETTABLE UP/DOWN COUNTERS
logo
Micro Electronics
MMC40192 MICRO-ELECTRONICS-MMC40192 Datasheet
181Kb / 5P
   PRESETTABLE UP / DOWN COUNTERS
logo
List of Unclassifed Man...
MMC4510 ETC1-MMC4510 Datasheet
224Kb / 6P
   PRESETTABLE UP / DOWN COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com