Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74HCT652 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CD74HCT652
Descripción Electrónicos  High-Speed CMOS Logic Octal-Bus Transceiver/Registers, Three-State
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HCT652 Datasheet(HTML) 1 Page - Texas Instruments

  CD74HCT652 Datasheet HTML 1Page - Texas Instruments CD74HCT652 Datasheet HTML 2Page - Texas Instruments CD74HCT652 Datasheet HTML 3Page - Texas Instruments CD74HCT652 Datasheet HTML 4Page - Texas Instruments CD74HCT652 Datasheet HTML 5Page - Texas Instruments CD74HCT652 Datasheet HTML 6Page - Texas Instruments CD74HCT652 Datasheet HTML 7Page - Texas Instruments CD74HCT652 Datasheet HTML 8Page - Texas Instruments CD74HCT652 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS194A
[ /Title (CD74HC652, CD74HCT652)
/Subject (High-Speed CMOS Logic Octal-Bus
Transceiver/Registers, Three-State)
/Author ()
/Keywords ()
/Creator ()
/DOCINFO pdfmark
[ /PageMode /UseOutlines
/DOCVIEW pdfmark
Features
• CD74HC652, CD74HCT652 . . . . . . . . . . . Non-Inverting
• Independent Registers for A and B Buses
• Three-State Outputs
• Drives 15 LSTTL Loads
• Typical Propagation Delay = 12ns at VCC =5V, CL = 15pF
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• Alternate Source is Philips
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Pinout
CD74HC652
(PDIP)
CD74HCT652
( SOIC)
TOP VIEW
Description
The CD74HC652 and CD74HCT652 three-state, octal-bus
transceiver/registers use silicon-gate CMOS technology to
achieve operating speeds similar to LSTTL with the low power
consumption of standard CMOS integrated circuits. The
CD74HC652 and CD74HCT652 have non-inverting outputs.
These devices consists of bus transceiver circuits, D-type flip-
flops,
and
control
circuitry
arranged
for
multiplexed
transmission of data directly from the data bus or from the
internal storage registers. Output Enables OEAB and OEBA
are provided to control the transceiver functions. SAB and
SBA control pins are provided to select whether real-time or
stored data is transferred. The circuitry used for select control
will eliminate the typical decoding glitch that occurs in a
multiplexer during the transition between stored and real-time
data. A LOW input level selects real-time data, and a HIGH
selects stored data. The following examples demonstrates the
four fundamentals bus-management functions that can be
performed with the octal-bus transceivers and registers.
Data on the A or B data bus, or both, can be stored in the
internal D flip-flops by low-to-high transitions at the appropriate
clock pins (CAB or CBA) regardless of the select of the control
pins. When SAB and SBA are in the real-time transfer mode, it
is also possible to store data without using the D-type flip-flops
by simultaneously enabling OEAB and OEBA. In this
configuration, each output reinforces its input. Thus, when all
other data sources to the two sets of bus lines are at high
impedance, each set of bus lines will remain at its last state.
1
2
3
4
5
6
7
8
9
10
11
12
CAB
SAB
OEAB
A0
A1
A2
A3
A4
A5
A6
A7
GND
16
17
18
19
20
21
22
23
24
15
14
13
VCC
SBA
OEBA
B0
B1
B3
B5
B6
B7
CBA
B2
B4
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD74HC652EN
-55 to 125
24 Ld PDIP
CD74HCT652M
-55 to 125
24 Ld SOIC
CD74HCT652M96
-55 to 125
24 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel.
February 1998 - Revised May 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD74HC652,
CD74HCT652
High-Speed CMOS Logic
Octal-Bus Transceiver/Registers, Three-State


Número de pieza similar - CD74HCT652

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HCT652 TI-CD74HCT652 Datasheet
72Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Octal-Bus Transceiver/Registers, Three-State
CD74HCT652M TI-CD74HCT652M Datasheet
72Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Octal-Bus Transceiver/Registers, Three-State
More results

Descripción similar - CD74HCT652

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC652 TI-CD74HC652 Datasheet
72Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Octal-Bus Transceiver/Registers, Three-State
CD54HCT640 TI-CD54HCT640 Datasheet
268Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD74HC646 TI1-CD74HC646 Datasheet
327Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Octal Bus Transceiver/Register, Three-State
CD74HC640 TI-CD74HC640 Datasheet
37Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD54HC640 TI-CD54HC640_08 Datasheet
275Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD54HC245 TI1-CD54HC245_16 Datasheet
853Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD54HC245 TI-CD54HC245 Datasheet
37Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD54HC245 TI-CD54HC245_03 Datasheet
261Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD54-74HC646 TI-CD54-74HC646 Datasheet
245Kb / 8P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC(OCTAL BUS TRANSCEIVER/REGISTER,3-STATE)
CD74HCT242 TI-CD74HCT242 Datasheet
48Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Quad-Bus Transceiver with Three-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com