Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CBB136DP Datasheet(PDF) 1 Page - Jianghai Europe GmbH

No. de pieza CBB136DP
Descripción Electrónicos  Polypropylene Film Capacitors for DC-Link Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JIANGHAI [Jianghai Europe GmbH]
Página de inicio  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH

CBB136DP Datasheet(HTML) 1 Page - Jianghai Europe GmbH

  CBB136DP Datasheet HTML 1Page - Jianghai Europe GmbH CBB136DP Datasheet HTML 2Page - Jianghai Europe GmbH CBB136DP Datasheet HTML 3Page - Jianghai Europe GmbH CBB136DP Datasheet HTML 4Page - Jianghai Europe GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CBB 136 DP Series
Polypropylene Film Capacitors for DC-Link Applications
Features
-
Very low dissipation factor
-
High ripple current capability
-
Self-healing
-
Long lifetime
-
Plastic case
-
RoHS compliant (2011/65/EU)
Applications
-
High power frequency converters
-
Motion control, welding equipment, elevators
-
Photovoltaic and wind inverters
Item
Characteristics
Climatic Category
40/85/56 (IEC 61071)
Operating Temperature
–40 ~ +85 °C (
θhotspot ≤ 85 °C)
Storage Temperature
–40 ~ +85 °C
Rated Voltage URDC
600 ~ 1000 VDC
Capacitance Range
75 ~ 280 µF
Capacitance Tolerance
±10 % (K), ±5 % (J)
Voltage between Terminals UTT
1,5 * URDC (20 °C, 10 s)
Voltage between Terminals and Case UTC
2 * URDC
/ √2 + 1000 V or 3000 VAC (20 °C, 50 Hz, 10 s)
Max. Overvoltage
1,1 * URDC (30 % of time under load)
1,15 * URDC (30 min. per day)
1,2 * URDC (5 min. per day)
1,3 * URDC (1 min. per day)
1,5 * URDC (max. 30 ms, 100ms per day)
Insulation Resistance
≥ 5.000 MΩ µF (20 °C, 100 VDC, 1 min)
Capacitor Dissipation Factor
tan δ ≤ 15 * 10-4 (20 °C, 100 Hz)
Dielectric Dissipation Factor
tan δo ≤ 2 * 10-4 (20 °C, 100 Hz)
Life Time Expectancy
≥ 100.000 h, failure rate ≤ 50 FIT (θhotspot ≤ 70 °C, URDC)
Reference Standard
IEC 61071:2007, REACH, RoHS
Ratings for CBB 136 DP Series
URDC
(VDC)
CR
(μF)
Imax(1)
40°C
(A)
Imax(1)
50°C
(A)
Imax(1)
60°C
(A)
Rth(2)
(K/W)
(3)
(A)
RS(4)
(mΩ)
LS(5)
(nH)
D
(mm)
H
(mm)
Ordering Code
600
2S
200
79
69
56
5.3
4000
1.2
20
85
51
FCC2SDP207*K051*40E3
280
76
65
53
5.0
3700
1.4
30
85
65
FCC2SDP287*K065*40E3
800
2K
120
79
69
56
5.3
3000
1.2
20
85
51
FCC2KDP127*K051*40E3
220
76
65
53
5.0
3000
1.4
30
85
65
FCC2KDP227*K065*40E3
1000
3A
75
73
64
52
5.3
2400
1.4
20
85
51
FCC3ADP756*K051*40E3
110
69
59
49
5.0
2300
1.7
30
85
65
FCC3ADP117*K065*40E3
(1) Maximum permissible r.m.s. ripple current (1 kHz) at given ambient temperature
“*” to be defined, see ordering code table
(2) Thermal resistance from hotspot to ambient (free convection)
(3) Maximum permissible peak current
(4) Series resistance at 20°C ambient temperature, 1kHz
(5) Self-inductance at 20°C ambient temperature
Customized products are available on request.
2016 v8.1


Número de pieza similar - CBB136DP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jianghai Europe GmbH
CBB136GDG JIANGHAI-CBB136GDG Datasheet
501Kb / 4P
   Polypropylene Film Capacitors for DC-Link Applications
More results

Descripción similar - CBB136DP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jianghai Europe GmbH
CBB136GDG JIANGHAI-CBB136GDG Datasheet
501Kb / 4P
   Polypropylene Film Capacitors for DC-Link Applications
CBB131DL JIANGHAI-CBB131DL Datasheet
1Mb / 8P
   Polypropylene Film Capacitors for DC-Link Applications
CBB138DS JIANGHAI-CBB138DS Datasheet
404Kb / 4P
   Polypropylene Film Capacitors for DC-Link Application
logo
Cornell Dubilier Electr...
947C CDE-947C Datasheet
316Kb / 8P
   Polypropylene, DC Link Capacitors
logo
Jianghai Europe GmbH
CBB162IP JIANGHAI-CBB162IP Datasheet
438Kb / 5P
   Polypropylene Film Capacitors for Snubber Applications
CBB161GIG JIANGHAI-CBB161GIG Datasheet
478Kb / 5P
   Polypropylene Film Capacitors for Snubber Applications
CBB161IL JIANGHAI-CBB161IL Datasheet
548Kb / 6P
   Polypropylene Film Capacitors for Snubber Applications
CBB165IS JIANGHAI-CBB165IS Datasheet
537Kb / 6P
   Polypropylene Film Capacitors for Snubber Applications
logo
Cornell Dubilier Electr...
944U101K801AA CDE-944U101K801AA Datasheet
471Kb / 4P
   Polypropylene Film Capacitors for DC Filtering
logo
Vishay Siliconix
MKP1848CDCLINK VISHAY-MKP1848CDCLINK Datasheet
191Kb / 20P
   Metallized Polypropylene Film Capacitor DC-Link Capacitor
Revision: 21-Sep-15
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com