Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDC5801A Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza CDC5801A
Descripción Electrónicos  Low Jitter Clock Multiplier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CDC5801A Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDC5801A_14 Datasheet HTML 3Page - Texas Instruments CDC5801A_14 Datasheet HTML 4Page - Texas Instruments CDC5801A_14 Datasheet HTML 5Page - Texas Instruments CDC5801A_14 Datasheet HTML 6Page - Texas Instruments CDC5801A_14 Datasheet HTML 7Page - Texas Instruments CDC5801A_14 Datasheet HTML 8Page - Texas Instruments CDC5801A_14 Datasheet HTML 9Page - Texas Instruments CDC5801A_14 Datasheet HTML 10Page - Texas Instruments CDC5801A_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
CDC5801A
LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH
PROGRAMMABLE DELAY AND PHASE ALIGNMENT
SCAS813A − AUGUST 2005 − REVISED DECEMBER 2005
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
jitter specification over recommended operating free-air temperature range and VCC (unless
otherwise noted)
PARAMETER
CLKOUT
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
155 MHz
Period RMS (1
Σ jitter, full frequency band)
Period p-p
Phase jitter (accumulated, 12 kHz to 20 MHz)
Cycle-to-cycle (+)
Cycle-to-cycle (−)
6
40
50
27
27
ps
200 MHz
Period RMS (1
Σ jitter, full frequency band)
Period p-p
Phase jitter (accumulated, 12 kHz to 20 MHz)
Phase jitter (accumulated, 50 kHz to 80 MHz)
Cycle-to-cycle (+)
Cycle-to-cycle (−)
5.5
36
36
36
23
23
ps
t(jitter)
(Multiplication only mode. Phase alignment
and programmable delay features are not
selected (PA bypass). See Figure 2.)
312 MHz
Period RMS (1
Σ jitter, full frequency band)
Period p-p
Phase jitter (accumulated, 12 kHz to 20 MHz)
Phase jitter (accumulated, 50 kHz to 80 MHz)
Cycle-to-cycle (+)
Cycle-to-cycle (−)
3
20
18
18
17
17
ps
400 MHz
Period RMS (1
Σ jitter, full frequency band)
Period p-p
Phase jitter (accumulated, 12 kHz to 20 MHz)
Phase jitter (accumulated, 50 kHz to 80 MHz)
Cycle-to-cycle (+)
Cycle-to-cycle (−)
2.3
17
12
12
15
15
ps
500 MHz
Period RMS (1
Σ jitter, full frequency band)
Period p-p
Phase jitter (accumulated, 12 kHz to 20 MHz)
Phase jitter (accumulated, 50 kHz to 80 MHz)
Cycle-to-cycle (+)
Cycle-to-cycle (−)
2.1
16
8
8
14
14
ps
155 MHz
Period RMS (1
Σ jitter, full frequency band)
Period p-p
Phase jitter (accumulated, 12 kHz to 20 MHz)
Cycle-to-cycle (+)
Cycle-to-cycle (−)
9
70
50
50
50
ps
t(jitter)
(Multiplication with phase alignment and
200 MHz
Period RMS (1
Σ jitter, full frequency band)
Period p-p
Phase jitter (accumulated, 12 kHz to 20 MHz)
Phase jitter (accumulated, 50 kHz to 80 MHz)
Cycle-to-cycle (+)
Cycle-to-cycle (−)
7
55
36
36
40
40
ps
(jitter)
(Multiplication with phase alignment and
programmable delay features selected. See
Figure 2.)
312 MHz
Period RMS (1
Σ jitter, full frequency band)
Period p-p
Phase jitter (accumulated, 12 kHz to 20 MHz)
Phase jitter (accumulated, 50 kHz to 80 MHz)
Cycle-to-cycle (+)
Cycle-to-cycle (−)
4
35
18
18
30
30
ps
400 MHz
Period RMS (1
Σ jitter, full frequency band)
Period p-p
Phase jitter (accumulated, 12 kHz to 20 MHz)
Phase jitter (accumulated, 50 kHz to 80 MHz)
Cycle-to-cycle (+)
Cycle-to-cycle (−)
3.1
27
13
13
25
25
ps
† All typical values are at VDD = 3.3 V, TA = 25°C.


Número de pieza similar - CDC5801A_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CDC5801ADBQ TI-CDC5801ADBQ Datasheet
626Kb / 18P
[Old version datasheet]   LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY
CDC5801ADBQR TI-CDC5801ADBQR Datasheet
626Kb / 18P
[Old version datasheet]   LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY
More results

Descripción similar - CDC5801A_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMK04906 TI1-LMK04906_15 Datasheet
1Mb / 113P
[Old version datasheet]   Ultra Low Noise Clock Jitter Cleaner/Multiplier
logo
Integrated Circuit Syst...
ICS2059-02 ICST-ICS2059-02 Datasheet
210Kb / 11P
   Clock Multiplier and Jitter Attenuator
logo
Silicon Laboratories
SI5366 SILABS-SI5366 Datasheet
763Kb / 20P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Renesas Technology Corp
ICS2059-02 RENESAS-ICS2059-02 Datasheet
454Kb / 13P
   CLOCK MULTIPLIER AND JITTER ATTENUAT
logo
Skyworks Solutions Inc.
SI5366 SKYWORKS-SI5366 Datasheet
613Kb / 31P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Texas Instruments
CDC5801ADBQ TI-CDC5801ADBQ Datasheet
626Kb / 18P
[Old version datasheet]   LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY
logo
Silicon Laboratories
SI5368 SILABS-SI5368 Datasheet
713Kb / 18P
   ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5319 SILABS-SI5319 Datasheet
257Kb / 16P
   ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com