Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDC421100RGER Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza CDC421100RGER
Descripción Electrónicos  FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CDC421100RGER Datasheet(HTML) 3 Page - Texas Instruments

  CDC421100RGER_14 Datasheet HTML 1Page - Texas Instruments CDC421100RGER_14 Datasheet HTML 2Page - Texas Instruments CDC421100RGER_14 Datasheet HTML 3Page - Texas Instruments CDC421100RGER_14 Datasheet HTML 4Page - Texas Instruments CDC421100RGER_14 Datasheet HTML 5Page - Texas Instruments CDC421100RGER_14 Datasheet HTML 6Page - Texas Instruments CDC421100RGER_14 Datasheet HTML 7Page - Texas Instruments CDC421100RGER_14 Datasheet HTML 8Page - Texas Instruments CDC421100RGER_14 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.ti.com
DEVICE SELECTION
ABSOLUTE MAXIMUM RATINGS
CDC421xxx
SLAS540 – APRIL 2007
Table 1. TERMINAL FUNCTIONS (continued)
TERMINAL
ESD
TYPE
DESCRIPTION
PROTECTION
NAME
NO.
Chip enable (LVCMOS input)
CE
1
I
Y
CE = 1 enables the device and the outputs.
CE = 0 disables all current sources (LVPECLP = LVPECLN = Hi-Z).
OUTP
10
O
Y
High-speed positive differential LVPECL output. (Outputs are enabled by CE )
OUTN
7
O
Y
High-speed negative differential LVPECL output. (Outputs are enabled by CE )
2–6, 11–15,
NC
18–20, 23,
I or O
Y
TI test pin. Do not connect; leave floating.
24
The CDC421xxx device is an LVPECL low-phase-noise clock generator designed to work with a low-frequency
AT-crystal oscillator of a single-ended LVCMOS.
Table 2. Device Selection Table for CDC421xxx
CDC421xxx
OUTPUT FREQUENCY FOR
INPUT FREQUENCY OR
PACKAGE
THE SPECIFIED INPUT
DEVICE
ORDERING
CRYSTAL VALUE (MHz)
FREQUENCY (MHz)
MARKING
PART NUMBER
421100
CDC421100RGER
QFN-24 tape and reel
33.3333
100.00
421100
CDC421100RGET
QFN-24 small tape and reel
33.3333
100.00
421106
CDC421106RGER
QFN-24 tape and reel
35.4167
106.25
421106
CDC421106RGET
QFN-24 small tape and reel
35.4167
106.25
421125
CDC421125RGER
QFN-24 tape and reel
31.2500
125.00
421125
CDC421125RGET
QFN-24 small tape and reel
31.2500
125.00
421156
CDC421156RGER
QFN-24 tape and reel
31.2500
156.25
421156
CDC421156RGET
QFN-24 small tape and reel
31.2500
156.25
421212
CDC421212RGER
QFN-24 tape and reel
35.4167
212.50
421212
CDC421212RGET
QFN-24 small tape and reel
35.4167
212.50
421250
CDC421250RGER
QFN-24 tape and reel
31.2500
250.00
421250
CDC421250RGET
QFN-24 small tape and reel
31.2500
250.00
421312
CDC421312RGER
QFN-24 tape and reel
31.2500
312.50
421312
CDC421312RGET
QFN-24 small tape and reel
31.2500
312.50
over operating free-air temperature range (unless otherwise noted)(1)
VALUE
UNIT
VCC
Supply voltage(2)
–0.5 to 4.6
V
VI
Voltage range for all other input pins(2)
–0.5 to VCC + 0.5
V
IO
Output current for LVPECL
–50
mA
Electrostatic discharge (HBM)
2 k
V
TA
Characterized free-air temperature range (no airflow)
–40 to 85
°C
TJ
Maximum junction temperature
125
°C
Tstg
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
3
Submit Documentation Feedback


Número de pieza similar - CDC421100RGER_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CDC421100RGER TI-CDC421100RGER Datasheet
694Kb / 18P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK GENERATOR
More results

Descripción similar - CDC421100RGER_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CDC421A100 TI1-CDC421A100 Datasheet
619Kb / 15P
[Old version datasheet]   Fully-Integrated, Fixed-Frequency, Low-Jitter Crystal Oscillator Clock Generator
CDC421XXX TI-CDC421XXX Datasheet
694Kb / 18P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK GENERATOR
CDCE421A TI1-CDCE421A Datasheet
815Kb / 27P
[Old version datasheet]   Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
CDCE421 TI1-CDCE421_15 Datasheet
884Kb / 24P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
CDCE421 TI-CDCE421 Datasheet
1,003Kb / 30P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
logo
Abracon Corporation
AK2A ABRACON-AK2A Datasheet
1Mb / 11P
   Ultra-Low Jitter, Fixed-Frequency SMD Clock Oscillator
REVISED: 09-27-22
AK3A ABRACON-AK3A Datasheet
1Mb / 11P
   Ultra-Low Jitter, Fixed-Frequency SMD Clock Oscillator
REVISED: 09-27-22
logo
Vanlong Technology Co.,...
PO321 VANLONG-PO321 Datasheet
37Kb / 1P
   Fixed Frequency Crystal Oscillator
logo
Microchip Technology
MX55 MICROCHIP-MX55 Datasheet
1Mb / 28P
   Low Jitter Crystal Oscillator
10/25/17
logo
Vanlong Technology Co.,...
PO300F VANLONG-PO300F Datasheet
39Kb / 1P
   Fixed Frequency Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com