Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD17573Q5B Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza CSD17573Q5B
Descripción Electrónicos  3 V N-Channel NexFET Power MOSFETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17573Q5B Datasheet(HTML) 3 Page - Texas Instruments

  CSD17573Q5B_16 Datasheet HTML 1Page - Texas Instruments CSD17573Q5B_16 Datasheet HTML 2Page - Texas Instruments CSD17573Q5B_16 Datasheet HTML 3Page - Texas Instruments CSD17573Q5B_16 Datasheet HTML 4Page - Texas Instruments CSD17573Q5B_16 Datasheet HTML 5Page - Texas Instruments CSD17573Q5B_16 Datasheet HTML 6Page - Texas Instruments CSD17573Q5B_16 Datasheet HTML 7Page - Texas Instruments CSD17573Q5B_16 Datasheet HTML 8Page - Texas Instruments CSD17573Q5B_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CSD17573Q5B
www.ti.com
SLPS492A – JUNE 2014 – REVISED FEBRUARY 2015
5 Specifications
5.1 Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-Source Voltage
VGS = 0 V, ID = 250 μA
30
V
IDSS
Drain-to-Source Leakage Current
VGS = 0 V, VDS = 24 V
1
μA
IGSS
Gate-to-Source Leakage Current
VDS = 0 V, VGS = 20 V
100
nA
VGS(th)
Gate-to-Source Threshold Voltage
VDS = VGS, ID = 250 μA
1.1
1.4
1.8
V
VGS = 4.5 V, ID = 35 A
1.19
1.45
m
RDS(on)
Drain-to-Source On-Resistance
VGS = 10 V, ID = 35 A
0.84
1.00
m
gƒs
Transconductance
VDS = 15 V, ID = 35 A
181
S
DYNAMIC CHARACTERISTICS
Ciss
Input Capacitance
6920
9000
pF
Coss
Output Capacitance
VGS = 0 V, VDS = 15 V, ƒ = 1 MHz
769
1000
pF
Crss
Reverse Transfer Capacitance
300
390
pF
RG
Series Gate Resistance
0.9
1.8
Qg
Gate Charge Total (4.5 V)
49
64
nC
Qgd
Gate Charge Gate-to-Drain
11.9
nC
VDS = 15 V, ID = 35 A
Qgs
Gate Charge Gate-to-Source
17.1
nC
Qg(th)
Gate Charge at Vth
8.6
nC
Qoss
Output Charge
VDS = 30 V, VGS = 0 V
21
nC
td(on)
Turn On Delay Time
6
ns
tr
Rise Time
20
ns
VDS = 15 V, VGS = 10 V,
IDS = 35 A, RG = 0 Ω
td(off)
Turn Off Delay Time
40
ns
tƒ
Fall Time
7
ns
DIODE CHARACTERISTICS
VSD
Diode Forward Voltage
ISD = 35 A, VGS = 0 V
0.8
1
V
Qrr
Reverse Recovery Charge
29
nC
VDS= 15 V, IF = 35 A,
di/dt = 300 A/
μs
trr
Reverse Recovery Time
21
ns
5.2 Thermal Information
(TA = 25°C unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJC
Junction-to-Case Thermal Resistance(1)
0.8
°C/W
RθJA
Junction-to-Ambient Thermal Resistance (1)(2)
50
(1)
RθJC is determined with the device mounted on a 1 inch
2 (6.45 cm2), 2 oz. (0.071 mm thick) Cu pad on a 1.5 inches × 1.5 inches
(3.81 cm × 3.81 cm), 0.06 inch (1.52 mm) thick FR4 PCB. RθJC is specified by design, whereas RθJA is determined by the user’s board
design.
(2)
Device mounted on FR4 material with 1 inch2 (6.45 cm2), 2 oz. (0.071 mm thick) Cu.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CSD17573Q5B


Número de pieza similar - CSD17573Q5B_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD17573Q5B TI-CSD17573Q5B_15 Datasheet
973Kb / 15P
[Old version datasheet]   CSD17573Q5B 30 V N-Channel NexFET Power MOSFETs
More results

Descripción similar - CSD17573Q5B_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD17581Q5A TI1-CSD17581Q5A Datasheet
337Kb / 13P
[Old version datasheet]   V N-Channel NexFET Power MOSFETs
CSD16556Q5B TI-CSD16556Q5B Datasheet
908Kb / 12P
[Old version datasheet]   25-V N-Channel NexFET Power MOSFETs
CSD18503KCS TI-CSD18503KCS Datasheet
740Kb / 8P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
CSD18534KCS TI-CSD18534KCS Datasheet
843Kb / 8P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18532NQ5B TI-CSD18532NQ5B Datasheet
1Mb / 12P
[Old version datasheet]   60-V, N-Channel NexFET??Power MOSFETs
CSD18563Q5A TI-CSD18563Q5A Datasheet
421Kb / 10P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18502Q5B TI-CSD18502Q5B Datasheet
1Mb / 12P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
CSD18534Q5A TI-CSD18534Q5A Datasheet
777Kb / 12P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD19503KCS TI1-CSD19503KCS Datasheet
768Kb / 10P
[Old version datasheet]   80 V N-Channel NexFET Power MOSFETs
CSD17551Q3A TI-CSD17551Q3A Datasheet
1Mb / 12P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com