Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD18531Q5A Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza CSD18531Q5A
Descripción Electrónicos  60V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18531Q5A Datasheet(HTML) 4 Page - Texas Instruments

  CSD18531Q5A_16 Datasheet HTML 1Page - Texas Instruments CSD18531Q5A_16 Datasheet HTML 2Page - Texas Instruments CSD18531Q5A_16 Datasheet HTML 3Page - Texas Instruments CSD18531Q5A_16 Datasheet HTML 4Page - Texas Instruments CSD18531Q5A_16 Datasheet HTML 5Page - Texas Instruments CSD18531Q5A_16 Datasheet HTML 6Page - Texas Instruments CSD18531Q5A_16 Datasheet HTML 7Page - Texas Instruments CSD18531Q5A_16 Datasheet HTML 8Page - Texas Instruments CSD18531Q5A_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
GATE
Source
DRAIN
M0137-01
GATE
Source
DRAIN
M0137-02
CSD18531Q5A
SLPS321E – JUNE 2012 – REVISED AUGUST 2015
www.ti.com
Max RθJA = 50°C/W
Max RθJA = 125°C/W
when mounted on
when mounted on a
1 inch2 (6.45 cm2) of
minimum pad area of
2 oz. (0.071 mm thick)
2 oz. (0.071 mm thick)
Cu.
Cu.
5.3 Typical MOSFET Characteristics
(TA = 25°C unless otherwise stated)
Figure 1. Transient Thermal Impedance
4
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: CSD18531Q5A


Número de pieza similar - CSD18531Q5A_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD18531Q5A TI1-CSD18531Q5A_12 Datasheet
1Mb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
More results

Descripción similar - CSD18531Q5A_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD18542KCS TI1-CSD18542KCS Datasheet
468Kb / 11P
[Old version datasheet]   60V N-Channel NexFET Power MOSFET
CSD18534Q5A TI1-CSD18534Q5A_16 Datasheet
420Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFET
CSD18533Q5A TI1-CSD18533Q5A_16 Datasheet
822Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFET
CSD18531Q5A TI1-CSD18531Q5A Datasheet
699Kb / 10P
[Old version datasheet]   60V N-Channel NexFET??Power MOSFETs
CSD18540Q5B TI1-CSD18540Q5B_16 Datasheet
438Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18532Q5B TI1-CSD18532Q5B_16 Datasheet
877Kb / 14P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18537NQ5A TI1-CSD18537NQ5A_16 Datasheet
699Kb / 14P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18540Q5B TI-CSD18540Q5B_15 Datasheet
974Kb / 15P
[Old version datasheet]   CSD18540Q5B 60V N-Channel NexFET Power MOSFETs
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com