Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD18531Q5A Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza CSD18531Q5A
Descripción Electrónicos  60V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18531Q5A Datasheet(HTML) 10 Page - Texas Instruments

Back Button CSD18531Q5A_16 Datasheet HTML 5Page - Texas Instruments CSD18531Q5A_16 Datasheet HTML 6Page - Texas Instruments CSD18531Q5A_16 Datasheet HTML 7Page - Texas Instruments CSD18531Q5A_16 Datasheet HTML 8Page - Texas Instruments CSD18531Q5A_16 Datasheet HTML 9Page - Texas Instruments CSD18531Q5A_16 Datasheet HTML 10Page - Texas Instruments CSD18531Q5A_16 Datasheet HTML 11Page - Texas Instruments CSD18531Q5A_16 Datasheet HTML 12Page - Texas Instruments CSD18531Q5A_16 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Ø 1.50
+0.10
–0.00
4.00 ±0.10 (See Note 1)
R 0.30 TYP
Ø 1.50 MIN
A0
K0
0.30 ±0.05
R 0.30 MAX
A0 = 6.50 ±0.10
B0 = 5.30 ±0.10
K0 = 1.40 ±0.10
M0138-01
2.00 ±0.05
8.00 ±0.10
B0
CSD18531Q5A
SLPS321E – JUNE 2012 – REVISED AUGUST 2015
www.ti.com
7.3 Q5A Tape and Reel Information
Notes:
1. 10 sprocket hole-pitch cumulative tolerance ±0.2
2. Camber not to exceed 1 mm in 100 mm, noncumulative over 250 mm
3. Material: black static-dissipative polystyrene
4. All dimensions are in mm (unless otherwise specified)
5. A0 and B0 measured on a plane 0.3 mm above the bottom of the pocket
10
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: CSD18531Q5A


Número de pieza similar - CSD18531Q5A_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD18531Q5A TI1-CSD18531Q5A_12 Datasheet
1Mb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
More results

Descripción similar - CSD18531Q5A_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD18542KCS TI1-CSD18542KCS Datasheet
468Kb / 11P
[Old version datasheet]   60V N-Channel NexFET Power MOSFET
CSD18534Q5A TI1-CSD18534Q5A_16 Datasheet
420Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFET
CSD18533Q5A TI1-CSD18533Q5A_16 Datasheet
822Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFET
CSD18531Q5A TI1-CSD18531Q5A Datasheet
699Kb / 10P
[Old version datasheet]   60V N-Channel NexFET??Power MOSFETs
CSD18540Q5B TI1-CSD18540Q5B_16 Datasheet
438Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18532Q5B TI1-CSD18532Q5B_16 Datasheet
877Kb / 14P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18537NQ5A TI1-CSD18537NQ5A_16 Datasheet
699Kb / 14P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18540Q5B TI-CSD18540Q5B_15 Datasheet
974Kb / 15P
[Old version datasheet]   CSD18540Q5B 60V N-Channel NexFET Power MOSFETs
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com