Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD18531Q5AT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CSD18531Q5AT
Descripción Electrónicos  60V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18531Q5AT Datasheet(HTML) 2 Page - Texas Instruments

  CSD18531Q5AT Datasheet HTML 1Page - Texas Instruments CSD18531Q5AT Datasheet HTML 2Page - Texas Instruments CSD18531Q5AT Datasheet HTML 3Page - Texas Instruments CSD18531Q5AT Datasheet HTML 4Page - Texas Instruments CSD18531Q5AT Datasheet HTML 5Page - Texas Instruments CSD18531Q5AT Datasheet HTML 6Page - Texas Instruments CSD18531Q5AT Datasheet HTML 7Page - Texas Instruments CSD18531Q5AT Datasheet HTML 8Page - Texas Instruments CSD18531Q5AT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CSD18531Q5A
SLPS321E – JUNE 2012 – REVISED AUGUST 2015
www.ti.com
Table of Contents
6.1
Community Resources.............................................. 7
1
Features .................................................................. 1
6.2
Trademarks ............................................................... 7
2
Applications ........................................................... 1
6.3
Electrostatic Discharge Caution ................................ 7
3
Description ............................................................. 1
6.4
Glossary .................................................................... 7
4
Revision History..................................................... 2
7
Mechanical Packaging, and Orderable
5
Specifications......................................................... 3
Information ............................................................. 8
5.1
Electrical Characteristics........................................... 3
7.1
Q5A Package Dimensions ........................................ 8
5.2
Thermal Information .................................................. 3
7.2
Recommended Stencil Opening ............................... 9
5.3
Typical MOSFET Characteristics .............................. 4
7.3
Q5A Tape and Reel Information ............................. 10
6
Device and Documentation Support.................... 7
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (May 2015) to Revision E
Page
Corrected device size in description from m to mm. ............................................................................................................. 1
Corrected package type to SON ........................................................................................................................................... 1
Changes from Revision C (March 2015) to Revision D
Page
Added Community Resources ............................................................................................................................................... 7
Changes from Revision B (October 2012) to Revision C
Page
Added part number to title ..................................................................................................................................................... 1
Changed Qg value to 36 nC, measured at 10 V..................................................................................................................... 1
Added 7" reel to Ordering Information ................................................................................................................................... 1
Increase max pulsed current to 370 A .................................................................................................................................. 1
Added line for max power dissipation with the case temperature held to 25°C .................................................................... 1
Updated pulsed current conditions ........................................................................................................................................ 1
Updated Figure 1 to show ZθJC curves ................................................................................................................................... 4
Updated Figure 10 ................................................................................................................................................................. 6
Updated Figure 12 ................................................................................................................................................................. 6
Changes from Revision A (June 2012) to Revision B
Page
Changed the Transconductance TYP value From: 177 S To: 128 S. .................................................................................... 3
Changed the Turn On and Turn Off Delay Time, Rise and Fall Time Test Conditions From: IDS = 22 A, RG = 2 Ω To:
IDS = 22 A, RG = 0 Ω ............................................................................................................................................................... 3
Changed the Qrr Reverse Recovery Charge TYP value From: 68 nC To: 100 nC ................................................................ 3
Changes from Original (June 2012) to Revision A
Page
Added TA = 25°C to the Product Summary table ................................................................................................................... 1
2
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: CSD18531Q5A


Número de pieza similar - CSD18531Q5AT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD18531Q5A TI1-CSD18531Q5A Datasheet
699Kb / 10P
[Old version datasheet]   60V N-Channel NexFET??Power MOSFETs
CSD18531Q5A TI1-CSD18531Q5A_12 Datasheet
1Mb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
More results

Descripción similar - CSD18531Q5AT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD18542KCS TI1-CSD18542KCS Datasheet
468Kb / 11P
[Old version datasheet]   60V N-Channel NexFET Power MOSFET
CSD18534Q5A TI1-CSD18534Q5A_16 Datasheet
420Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFET
CSD18533Q5A TI1-CSD18533Q5A_16 Datasheet
822Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFET
CSD18531Q5A TI1-CSD18531Q5A Datasheet
699Kb / 10P
[Old version datasheet]   60V N-Channel NexFET??Power MOSFETs
CSD18540Q5B TI1-CSD18540Q5B_16 Datasheet
438Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18532Q5B TI1-CSD18532Q5B_16 Datasheet
877Kb / 14P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18537NQ5A TI1-CSD18537NQ5A_16 Datasheet
699Kb / 14P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18540Q5B TI-CSD18540Q5B_15 Datasheet
974Kb / 15P
[Old version datasheet]   CSD18540Q5B 60V N-Channel NexFET Power MOSFETs
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com