Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD18534Q5AT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CSD18534Q5AT
Descripción Electrónicos  60V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18534Q5AT Datasheet(HTML) 1 Page - Texas Instruments

  CSD18534Q5AT Datasheet HTML 1Page - Texas Instruments CSD18534Q5AT Datasheet HTML 2Page - Texas Instruments CSD18534Q5AT Datasheet HTML 3Page - Texas Instruments CSD18534Q5AT Datasheet HTML 4Page - Texas Instruments CSD18534Q5AT Datasheet HTML 5Page - Texas Instruments CSD18534Q5AT Datasheet HTML 6Page - Texas Instruments CSD18534Q5AT Datasheet HTML 7Page - Texas Instruments CSD18534Q5AT Datasheet HTML 8Page - Texas Instruments CSD18534Q5AT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
0
4
8
12
16
20
24
28
0
2
4
6
8
10
12
14
16
18
20
VGS - Gate-to- Source Voltage (V)
TC = 25°C Id = 14A
TC = 125ºC Id = 14A
G001
0
1
2
3
4
5
6
7
8
9
10
0
4
8
12
16
20
Qg - Gate Charge (nC)
ID = 14A
VDS = 30V
G001
1
D
2
D
3
D
4
D
D
5
G
6
S
7
S
8
S
P0093-01
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
CSD18534Q5A
SLPS389D – OCTOBER 2012 – REVISED JUNE 2015
CSD18534Q5A 60 V N-Channel NexFET™ Power MOSFET
1 Features
Product Summary
1
Ultra-Low Qg and Qgd
TA = 25°C
TYPICAL VALUE
UNIT
Low Thermal Resistance
VDS
Drain-to-source voltage
60
V
Avalanche Rated
Qg
Gate charge total (10 V)
17
nC
Qgd
Gate charge gate-to-drain
3.5
nC
Logic Level
VGS = 4.5 V
9.9
m
Pb Free Terminal Plating
RDS(on)
Drain-to-source on-resistance
VGS = 10 V
7.8
m
RoHS Compliant
VGS(th)
Threshold voltage
1.9
V
Halogen Free
SON 5 mm × 6 mm Plastic Package
Ordering Information(1)
DEVICE
QTY
MEDIA
PACKAGE
SHIP
2 Applications
CSD18534Q5A
2500 13-Inch Reel
SON 5 mm × 6 mm
Tape and
Plastic Package
Reel
DC-DC Conversion
CSD18534Q5AT
250
7-Inch Reel
Secondary Side Synchronous Rectifier
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Isolated Converter Primary Side Switch
Motor Control
Absolute Maximum Ratings
TA = 25°C
VALUE
UNIT
3 Description
VDS
Drain-to-source voltage
60
V
This 7.8 m
Ω, 60 V, SON 5 × 6 mm NexFET™ power
VGS
Gate-to-source voltage
±20
V
MOSFET is designed to minimize losses in power
Continuous drain current (package limited)
50
conversion applications.
Continuous drain current (silicon limited), TC
ID
69
A
= 25°C
Top View
Continuous drain current, TA = 25°C
(1)
13
IDM
Pulsed drain current, TA = 25°C
(2)
229
A
Power dissipation(1)
3.1
PD
W
Power dissipation, TC = 25°C
77
TJ,
Operating junction,
–55 to 150
°C
Tstg
Storage temperature
Avalanche energy, single pulse
EAS
80
mJ
ID = 40 A, L = 0.1mH, RG = 25 Ω
(1) Typical RθJA = 40°C/W on a 1 inch
2, 2 oz. Cu pad on a
0.06 inch thick FR4 PCB.
(2) Max RθJC = 2.0°C/W, pulse duration ≤100 μs, duty cycle ≤1%
RDS(on) vs VGS
Gate Charge
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - CSD18534Q5AT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD18534Q5A TI-CSD18534Q5A Datasheet
777Kb / 12P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18534Q5A TI-CSD18534Q5A Datasheet
2Mb / 49P
[Old version datasheet]   LM5141-Q1 Wide Input Range Synchronous Buck Controller
More results

Descripción similar - CSD18534Q5AT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD18542KCS TI1-CSD18542KCS Datasheet
468Kb / 11P
[Old version datasheet]   60V N-Channel NexFET Power MOSFET
CSD18531Q5A TI1-CSD18531Q5A_16 Datasheet
362Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFET
CSD18533Q5A TI1-CSD18533Q5A_16 Datasheet
822Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFET
CSD18531Q5A TI1-CSD18531Q5A Datasheet
699Kb / 10P
[Old version datasheet]   60V N-Channel NexFET??Power MOSFETs
CSD18540Q5B TI1-CSD18540Q5B_16 Datasheet
438Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18532Q5B TI1-CSD18532Q5B_16 Datasheet
877Kb / 14P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18537NQ5A TI1-CSD18537NQ5A_16 Datasheet
699Kb / 14P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18540Q5B TI-CSD18540Q5B_15 Datasheet
974Kb / 15P
[Old version datasheet]   CSD18540Q5B 60V N-Channel NexFET Power MOSFETs
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com