Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD23280F3 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CSD23280F3
Descripción Electrónicos  12V P-Channel FemtoFET MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CSD23280F3 Datasheet(HTML) 5 Page - Texas Instruments

  CSD23280F3 Datasheet HTML 1Page - Texas Instruments CSD23280F3 Datasheet HTML 2Page - Texas Instruments CSD23280F3 Datasheet HTML 3Page - Texas Instruments CSD23280F3 Datasheet HTML 4Page - Texas Instruments CSD23280F3 Datasheet HTML 5Page - Texas Instruments CSD23280F3 Datasheet HTML 6Page - Texas Instruments CSD23280F3 Datasheet HTML 7Page - Texas Instruments CSD23280F3 Datasheet HTML 8Page - Texas Instruments CSD23280F3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TC - Case Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
150
175
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
D008
VGS = -1.8 V
VGS = -2.5 V
VGS = -4.5 V
-VSD - Source-To-Drain Voltage (V)
0
0.2
0.4
0.6
0.8
1
0.0001
0.001
0.01
0.1
1
10
D009
TC = 25qC
TC = 125qC
TC - Case Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
150
175
0.25
0.35
0.45
0.55
0.65
0.75
0.85
0.95
D006
-VGS - Gate-To-Source Voltage (V)
0
1
2
3
4
5
6
7
8
0
50
100
150
200
250
300
350
D007
TC = 25°C, I D = -0.4 A
TC = 125°C, I D = -0.4 A
Qg - Gate Charge (nC)
0
0.2
0.4
0.6
0.8
1
1.2
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
D004
-VDS - Drain-to-Source Voltage (V)
0
2
4
6
8
10
12
1
10
100
1000
D005
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
5
CSD23280F3
www.ti.com
SLPS601 – APRIL 2016
Product Folder Links: CSD23280F3
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical MOSFET Characteristics (continued)
TA = 25°C (unless otherwise stated)
VDS = –6 V
ID = –0.4 A
Figure 4. Gate Charge
Figure 5. Capacitance
ID = –250 µA
Figure 6. Threshold Voltage vs Temperature
Figure 7. On-State Resistance vs Gate-to-Source Voltage
VGS = –4.5 V
ID = –0.4 A
Figure 8. Normalized On-State Resistance vs Temperature
Figure 9. Typical Diode Forward Voltage


Número de pieza similar - CSD23280F3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD23285F5 TI1-CSD23285F5 Datasheet
1Mb / 14P
[Old version datasheet]   12-V, P-Channel FemtoFET MOSFET
CSD23285F5T TI1-CSD23285F5T Datasheet
1Mb / 14P
[Old version datasheet]   12-V, P-Channel FemtoFET MOSFET
More results

Descripción similar - CSD23280F3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD25480F3 TI1-CSD25480F3 Datasheet
1Mb / 14P
[Old version datasheet]   20V P-Channel FemtoFET MOSFET
CSD25501F3 TI1-CSD25501F3 Datasheet
1Mb / 13P
[Old version datasheet]   ??0-V P-Channel FemtoFET MOSFET
CSD23285F5 TI1-CSD23285F5 Datasheet
1Mb / 14P
[Old version datasheet]   12-V, P-Channel FemtoFET MOSFET
CSD23382F4 TI1-CSD23382F4 Datasheet
761Kb / 13P
[Old version datasheet]   12 V P-Channel FemtoFET MOSFET
CSD25481F4 TI1-CSD25481F4_16 Datasheet
801Kb / 13P
[Old version datasheet]   20 V P-Channel FemtoFET MOSFET
CSD25484F4 TI1-CSD25484F4 Datasheet
1Mb / 15P
[Old version datasheet]   20 V P-Channel FemtoFET MOSFET
CSD25485F5 TI1-CSD25485F5 Datasheet
631Kb / 12P
[Old version datasheet]   20-V P-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4_16 Datasheet
801Kb / 13P
[Old version datasheet]   12 V P-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4 Datasheet
786Kb / 12P
[Old version datasheet]   CSD23381F4, 12 V P-Channel FemtoFET MOSFET
CSD25483F4 TI1-CSD25483F4 Datasheet
787Kb / 12P
[Old version datasheet]   CSD25483F4, 20 V P-Channel FemtoFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com