Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8349 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD8349
Descripción Electrónicos  700 MHz to 2700 MHz Quadrature Modulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8349 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8349 Datasheet HTML 6Page - Analog Devices AD8349 Datasheet HTML 7Page - Analog Devices AD8349 Datasheet HTML 8Page - Analog Devices AD8349 Datasheet HTML 9Page - Analog Devices AD8349 Datasheet HTML 10Page - Analog Devices AD8349 Datasheet HTML 11Page - Analog Devices AD8349 Datasheet HTML 12Page - Analog Devices AD8349 Datasheet HTML 13Page - Analog Devices AD8349 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD8349
Rev. 0 | Page 10 of 28
–70
–60
–50
–55
–65
–40
–45
–30
–35
–20
–25
–10
–15
–14
–10
–6
–8
–12
–2
–4
2
0
6
4
10
8
0.2 0.4 0.6 0.8 1.0
1.4
2.4
1.2
1.6 1.8 2.0
2.6 2.8 3.0
BASEBAND DIFFERENTIAL INPUT VOLTAGE (V p-p)
2.2
SSB, dBm
3USB, dBc
USB, dBC
LO, dBm
Figure 19. Third Order Distortion (3USB), Carrier Feedthrough, Sideband
Suppression, and SSB POUT vs. Baseband Differential Input Level
(FLO = 900 MHz, FBB = 1 MHz, I and Q Inputs Driven in Quadrature, TA = 25°C)
–70
–60
–50
–55
–65
–40
–45
–30
–35
–20
–25
–10
–15
–14
–10
–6
–8
–12
–2
–4
2
0
6
4
10
8
0.2 0.4 0.6 0.8 1.0
1.4
2.4
1.2
1.6 1.8 2.0
2.6 2.8 3.0
BASEBAND DIFFERENTIAL INPUT VOLTAGE (V p-p)
2.2
LO, dBm
USB, dBc
3USB, dBc
SSB, dBm
Figure 20. Third Order Distortion (3USB), Carrier Feedthrough, Sideband
Suppression, and SSB POUT vs. Baseband Differential Input Level
(FLO = 1900 MHz, FBB = 1 MHz, I and Q Inputs Driven in Quadrature, TA = 25°C)
–70
–60
–50
–55
–65
–40
–45
–30
–35
–20
–25
–10
–15
–14
–10
–6
–8
–12
–2
–4
2
0
6
4
10
8
0.2 0.4 0.6 0.8 1.0
1.4
2.4
1.2
1.6 1.8 2.0
2.6 2.8 3.0
BASEBAND DIFFERENTIAL INPUT VOLTAGE (V p-p)
2.2
SSB, dBm
3USB, dBc
LO, dBm
USB, dBc
Figure 21. Third Order Distortion (3USB), Carrier Feedthrough, Sideband
Suppression, and SSB POUT vs. Baseband Differential Input Level
(FLO = 2140 MHz, FBB = 1 MHz, I and Q Inputs Driven in Quadrature, TA = 25°C)
110
115
120
125
130
135
160
140
145
150
155
–40 –30 –20 –10
0
10203040
TEMPERATURE (
°C)
60
50
70
80
VS = 5V
VS = 5.25V
VS = 4.75V
Figure 22. Power Supply Current vs. Temperature
500
200
NO TERMINATION
Figure 23. Smith Chart of LOIP Port S11 (LOIN Pin AC-Coupled
to Ground) Curves with Balun and External Termination
Resistors Also Shown (TA = 25°C)
–40
–35
–30
–25
–20
–15
–10
–5
0
700
900
1100 1300 1500 1700 1900 2100 2300 2500 2700
FREQUENCY (MHz)
VS = 5V
Figure 24. Return Loss
S
22
of V
OUT
Output (TA = 25°C)


Número de pieza similar - AD8349

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8349 AD-AD8349 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
AD8349 AD-AD8349 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
AD8349 AD-AD8349 Datasheet
209Kb / 8P
   Correcting Imperfections in IQ Modulators to Improve RF Signal Fidelity
REV. 0
AD8349AREZ AD-AD8349AREZ Datasheet
503Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. B
AD8349AREZ-RL7 AD-AD8349AREZ-RL7 Datasheet
503Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. B
More results

Descripción similar - AD8349

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8349AREZ AD-AD8349AREZ Datasheet
503Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. B
AD8349 AD-AD8349_15 Datasheet
503Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. B
logo
ATMEL Corporation
T0790 ATMEL-T0790 Datasheet
241Kb / 14P
   700 MHz - 2700 MHz Direct Quadrature Modulator
logo
List of Unclassifed Man...
STQ-2016-3 ETC1-STQ-2016-3 Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
logo
SIRENZA MICRODEVICES
STQ-2016-3 SIRENZA-STQ-2016-3 Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
STQ-2016 SIRENZA-STQ-2016 Datasheet
389Kb / 8P
   700-2500 MHz Direct Quadrature Modulator
logo
Analog Devices
ADRF6807 AD-ADRF6807 Datasheet
1,004Kb / 36P
   700 MHz to 1050 MHz Quadrature
REV. B
logo
Hittite Microwave Corpo...
HMC696LP4E HITTITE-HMC696LP4E Datasheet
414Kb / 10P
   SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 20 - 2700 MHz
HMC696LP4E HITTITE-HMC696LP4E_08 Datasheet
414Kb / 6P
   SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 20 - 2700 MHz
logo
ATMEL Corporation
T0790-6CP ATMEL-T0790-6CP Datasheet
356Kb / 14P
   700 MHz to 2700 MHz Operating Frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com