Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUF16821-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza BUF16821-Q1
Descripción Electrónicos  Programmable Gamma-Voltage Generator
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

BUF16821-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BUF16821-Q1 Datasheet HTML 6Page - Texas Instruments BUF16821-Q1 Datasheet HTML 7Page - Texas Instruments BUF16821-Q1 Datasheet HTML 8Page - Texas Instruments BUF16821-Q1 Datasheet HTML 9Page - Texas Instruments BUF16821-Q1 Datasheet HTML 10Page - Texas Instruments BUF16821-Q1 Datasheet HTML 11Page - Texas Instruments BUF16821-Q1 Datasheet HTML 12Page - Texas Instruments BUF16821-Q1 Datasheet HTML 13Page - Texas Instruments BUF16821-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Analog
(9 V to 20 V)
Digital
(2.0 V to 5.5 V)
BKSEL
A0
SCL
SDA
VCOM2
VCOM1
Control IF
OUT15
OUT16
Device
OUT1
OUT2
1
BUF16821-Q1
SBOS712 – MAY 2014
www.ti.com
7 Detailed Description
7.1 Overview
The BUF16821-Q1 programmable voltage reference allows fast and easy adjustment of 16 programmable
gamma reference outputs and two VCOM outputs, each with 10-bit resolution. The device is programmed
through a high-speed, I2C interface. The final gamma and VCOM values can be stored in the onboard,
nonvolatile memory. To allow for programming errors or liquid crystal display (LCD) panel rework, the device
supports up to 16 write operations to the onboard memory. The device has two separate memory banks, allowing
simultaneous storage of two different gamma curves to facilitate dynamic switching between gamma curves.
Figure 19 illustrates a typical configuration of the device.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Two-Wire Bus Overview
The device communicates over an industry-standard, two-wire interface to receive data in slave mode. This
standard uses a two-wire, open-drain interface that supports multiple devices on a single bus. Bus lines are
driven to a logic low level only. The device that initiates the communication is called a master, and the devices
controlled by the master are slaves. The master generates the serial clock on the clock signal line (SCL),
controls the bus access, and generates the start and stop conditions.
To address a specific device, the master initiates a start condition by pulling the data signal line (SDA) from a
high to a low logic level while SCL is high. All slaves on the bus shift in the slave address byte on the SCL rising
edge, with the last bit indicating whether a read or write operation is intended. During the ninth clock pulse, the
slave being addressed responds to the master by generating an acknowledge and pulling SDA low.
Data transfer is then initiated and eight bits of data are sent, followed by an acknowledge bit. During data
transfer, SDA must remain stable while SCL is high. Any change in SDA while SCL is high is interpreted as a
start or stop condition.
10
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: BUF16821-Q1


Número de pieza similar - BUF16821-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EPCOS
BUF16821 EPCOS-BUF16821 Datasheet
826Kb / 29P
   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
Texas Instruments
BUF16821 TI-BUF16821 Datasheet
826Kb / 29P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF16821 TI-BUF16821 Datasheet
813Kb / 30P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF16821 TI1-BUF16821 Datasheet
1Mb / 31P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
BUF16821 TI1-BUF16821 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM
More results

Descripción similar - BUF16821-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
BUF12840 TI-BUF12840 Datasheet
378Kb / 8P
[Old version datasheet]   Programmable Gamma-Voltage Generator
BUF12840 TI1-BUF12840_15 Datasheet
1Mb / 31P
[Old version datasheet]   Programmable Gamma-Voltage Generator
BUF08630 TI-BUF08630 Datasheet
430Kb / 8P
[Old version datasheet]   Programmable Gamma-Voltage Generator
logo
ON Semiconductor
NCS12802 ONSEMI-NCS12802 Datasheet
1,021Kb / 21P
   Programmable Gamma Voltage Reference Generator with Integrated Auto-read
June, 2012 ??Rev. 0
logo
Texas Instruments
BUF08630 TI1-BUF08630_14 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM
logo
Maxim Integrated Produc...
MAX5679 MAXIM-MAX5679 Datasheet
82Kb / 2P
   Digitally Programmable LCD Gamma Reference Generator with Digital Voltage Reference
11/9/2009
logo
Burr-Brown (TI)
BUF20800 BURR-BROWN-BUF20800 Datasheet
752Kb / 27P
   18-Channel GAMMA VOLTAGE GENERATOR with Two Programmable VCOM Channels
logo
Texas Instruments
BUF20800-Q1 TI1-BUF20800-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   18-CHANNEL GAMMA VOLTAGE GENERATOR WITH TWO PROGRAMMABLE VCOM CHANNELS
logo
Burr-Brown (TI)
BUF20820 BURR-BROWN-BUF20820 Datasheet
1Mb / 32P
   18-Channel GAMMA VOLTAGE GENERATOR with Two Programmable VCOM Channels
logo
Texas Instruments
BUF18830 TI1-BUF18830 Datasheet
410Kb / 9P
[Old version datasheet]   Programmable GAMMA-VOLTAGE GENERATOR with Two High Slew Rate VCOMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com