Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS65168 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS65168
Descripción Electrónicos  Programmable Gamma-Voltage Generator and High Slew Rate VCOM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65168 Datasheet(HTML) 3 Page - Texas Instruments

  TPS65168 Datasheet HTML 1Page - Texas Instruments TPS65168 Datasheet HTML 2Page - Texas Instruments TPS65168 Datasheet HTML 3Page - Texas Instruments TPS65168 Datasheet HTML 4Page - Texas Instruments TPS65168 Datasheet HTML 5Page - Texas Instruments TPS65168 Datasheet HTML 6Page - Texas Instruments TPS65168 Datasheet HTML 7Page - Texas Instruments TPS65168 Datasheet HTML 8Page - Texas Instruments TPS65168 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
BUF08630
www.ti.com
SBOS515A – OCTOBER 2010 – REVISED AUGUST 2012
ELECTRICAL CHARACTERISTICS
Boldface limits apply over the specified temperature range, TA = –40°C to +95°C.
At TA = +25°C, VS = +18 V, VSH = 9.0 V, VSD = +2 V, and CL = 200 pF, unless otherwise noted.
BUF08630
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG GAMMA BUFFER CHANNELS
Reset value
Code = 512
9
V
OUT1, 4 output swing: high
Code = 1023, sourcing 10 mA
17.7
17.85
V
OUT1, 4 output swing: low
Code = 512, sinking 10 mA
VSH + 0.07
VSH + 0.3
V
OUT2, 3 output swing: high
Code = 1023, sourcing 10 mA
17.5
17.85
V
OUT2, 3 output swing: low
Code = 512, sinking 10 mA
VSH + 0.07
VSH + 0.5
V
OUT5, 8 output swing: high
Code = 511, sourcing 10 mA
VSH – 0.3
VSH – 0.15
V
OUT5, 8 output swing: low
Code = 0, sinking 10 mA
0.05
0.3
V
OUT6, 7 output swing: high
Code = 511, sourcing 10 mA
VSH – 0.5
VSH – 0.15
V
OUT6, 7 output swing: low
Code = 0, sinking 10 mA
0.05
0.5
V
VCOM output swing: high
(1)
Code = 960, sourcing 400 mA
13
15.3
V
VCOM output swing: low
(1)
Code = 0, sinking 400 mA
3.8
5
V
vs Temperature
Code = 0, sinking 400 mA
6
V
VCOM slew rate
(2)
RLOAD = 60 Ω, CLOAD = 100 pF
45
V/
μs
Continuous output current
Note (3)
30
mA
Output accuracy, VCOM
(4)
Code = 512
±20
±50
mV
vs Temperature
Code = 512
±25
μV/°C
Output accuracy, OUT1 to OUT4
Code = 768, VSH = 9 V, VS = 18 V
±20
±50
mV
vs Temperature
Code = 768
±25
μV/°C
Output accuracy, OUT5 to OUT8
Code = 256, VSH = 9 V, VS = 18 V
±20
±50
mV
vs Temperature
Code = 256
±25
μV/°C
Integral nonlinearity(4)
INL
0.3
LSB
Differential nonlinearity(4)
DNL
0.3
LSB
OUT1 to OUT4 code = 768, IOUT = +5-mA to –5-mA step
0.5
1.5
mV/mA
Load regulation
REG
OUT5 to OUT8 code = 256, IOUT = +5-mA to –5-mA step
0.5
1.5
mV/mA
OTP MEMORY
Number of OTP write cycles
16
Cycles
Memory retention
100
Years
ANALOG POWER SUPPLY
Operating range
9
20
V
OUT1 to OUT4 set code = 768,
Total analog supply current
IS
6.9
11
mA
OUT5 to OUT8 set code = 256, no load
Over temperature
11
mA
DIGITAL
Logic 1 input voltage
VIH
0.7 × VSD
V
Logic 0 input voltage
VIL
0.3 × VSD
V
Logic 0 output voltage
VOL
ISINK = 3-mA
0.15
0.4
V
Input leakage
±0.01
±10
μA
Standard/Fast mode
400
kHz
Clock frequency
fCLK
High-Speed mode
3.4
MHz
DIGITAL POWER SUPPLY
Specified range
DVDD
2.0
5.5
V
Digital supply current(3)
DIDD
Outputs at reset values, no load, two-wire bus inactive
115
180
μA
Over temperature
115
180
μA
(1)
The BUF08630 VCOM DAC limits can be programmed. These default limits apply if the device is not programmed. See the
Programmable Vcom Limits section.
(2)
See Figure 19, Large-Signal Step Response, VCOM.
(3)
Observe maximum power dissipation.
(4)
The VCOM output voltage is limited to codes 0 to 960 because of the common-mode input range of the VCOM amplifier. This limitation is
for VCOM only; it does not affect DAC OUT1 to 8.
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: BUF08630


Número de pieza similar - TPS65168

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65168RSBR TI-TPS65168RSBR Datasheet
71Kb / 4P
[Old version datasheet]   To request a full data sheet, please send an email to
More results

Descripción similar - TPS65168

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
BUF08832 TI-BUF08832 Datasheet
800Kb / 30P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
BUF08832 TI1-BUF08832_14 Datasheet
1Mb / 31P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
BUF18830 TI1-BUF18830 Datasheet
410Kb / 9P
[Old version datasheet]   Programmable GAMMA-VOLTAGE GENERATOR with Two High Slew Rate VCOMs
logo
Lowpower Semiconductor ...
LP6299 POWER-LP6299 Datasheet
687Kb / 11P
   Programmable Gamma and VCOM Buffers
logo
Texas Instruments
BUF16821 TI-BUF16821_1 Datasheet
813Kb / 30P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
EPCOS
BUF16821 EPCOS-BUF16821 Datasheet
826Kb / 29P
   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
Burr-Brown (TI)
BUF16820 BURR-BROWN-BUF16820 Datasheet
672Kb / 30P
   14-Channel GAMMA VOLTAGE GENERATOR with Programmable VCOM Outputs and OTP Memory
logo
Texas Instruments
BUF22821 TI-BUF22821 Datasheet
751Kb / 25P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
Burr-Brown (TI)
BUF20800 BURR-BROWN-BUF20800 Datasheet
752Kb / 27P
   18-Channel GAMMA VOLTAGE GENERATOR with Two Programmable VCOM Channels
logo
Texas Instruments
BUF20800-Q1 TI1-BUF20800-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   18-CHANNEL GAMMA VOLTAGE GENERATOR WITH TWO PROGRAMMABLE VCOM CHANNELS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com