Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUF12840AIRGET Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza BUF12840AIRGET
Descripción Electrónicos  Programmable Gamma-Voltage Generator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

BUF12840AIRGET Datasheet(HTML) 7 Page - Texas Instruments

Back Button BUF12840AIRGET Datasheet HTML 3Page - Texas Instruments BUF12840AIRGET Datasheet HTML 4Page - Texas Instruments BUF12840AIRGET Datasheet HTML 5Page - Texas Instruments BUF12840AIRGET Datasheet HTML 6Page - Texas Instruments BUF12840AIRGET Datasheet HTML 7Page - Texas Instruments BUF12840AIRGET Datasheet HTML 8Page - Texas Instruments BUF12840AIRGET Datasheet HTML 9Page - Texas Instruments BUF12840AIRGET Datasheet HTML 10Page - Texas Instruments BUF12840AIRGET Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
BUF12840
www.ti.com
SBOS519A
– OCTOBER 2010 – REVISED JULY 2011
APPLICATION INFORMATION
GENERAL
from a high to a low logic level while SCL is high. All
slaves on the bus shift in the slave address byte on
The BUF12840 programmable voltage reference
the rising edge of SCL, with the last bit indicating
allows fast and easy adjustment of 12 programmable
whether a read or write operation is intended. During
gamma reference outputs, each with 10-bit resolution.
the ninth clock pulse, the slave being addressed
The BUF12840 is programmed through a high-speed,
responds
to
the
master
by
generating
an
two-wire interface. The final gamma values can be
Acknowledge and pulling SDA low.
automatically loaded from an external EEPROM. The
BUF12840 has two separate memory banks, allowing
Data transfer is then initiated and eight bits of data
simultaneous storage of two different gamma curves
are sent, followed by an Acknowledge bit. During
to facilitate dynamic switching between gamma
data transfer, SDA must remain stable while SCL is
curves.
high. Any change in SDA while SCL is high is
interpreted as a START or STOP condition.
The BUF12840 can be powered using an analog
supply voltage from 9V to 20V, and a digital supply
Once all data have been transferred, the master
from 2V to 5.5V. The digital supply must be applied
generates a STOP condition, indicated by pulling
before the analog supply to avoid excessive current
SDA from low to high while SCL is high. The
and power consumption, or possibly even damage to
BUF12840 acts as a slave device after 10ms; before
the device if left connected only to the analog supply
that, it is the master and drives SCL and SDA.
for extended periods of time. See Figure 10 for a
typical configuration of the BUF12840. Note that the
ADDRESSING THE BUF12840
analog power, VS, does not need to be on during any
The address of the BUF12840 is 111010x, where x is
interface communication.
the state of the A0 pin. When the A0 pin is low, the
device acknowledges on address 74h (1110100). If
TWO-WIRE BUS OVERVIEW
the A0 pin is high, the device acknowledges on
The
BUF12840
communicates
over
an
address 75h (1110101). Table 1 shows the A0 pin
industry-standard, two-wire interface to receive data
settings and the BUF12840 address options.
in
slave
mode.
This
model
uses
a
two-wire,
Other valid addresses are possible through a simple
open-drain interface that supports multiple devices on
mask change. Contact your TI representative for
a single bus. Bus lines are driven to a logic low level
information.
only. The device that initiates the communication is
called a master, and the devices controlled by the
Table 1. Quick Reference of BUF12840 Addresses
master are slaves. The master generates the serial
BUF12840 ADDRESS
ADDRESS
clock on the clock signal line (SCL), controls the bus
access, and generates the START and STOP
A0 pin is low
1110100
(device acknowledges on address 74h)
conditions.
A0 pin is high
To address a specific device, the master initiates a
1110101
(device acknowledges on address 75h)
START condition by pulling the data signal line (SDA)
Table 2. Quick Reference of Command Codes
COMMAND
CODE
General-Call Reset
Address byte of 00h followed by a data byte of 06h.
00001xxx, with SCL
≤ 400kHz; where xxx are bits unique to the Hs-capable master. This
High-Speed Mode
byte is called the Hs master code.
Copyright
© 2010–2011, Texas Instruments Incorporated
7


Número de pieza similar - BUF12840AIRGET

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
BUF12840 TI-BUF12840 Datasheet
378Kb / 8P
[Old version datasheet]   Programmable Gamma-Voltage Generator
BUF12840 TI1-BUF12840 Datasheet
1Mb / 32P
[Old version datasheet]   Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
BUF12840 TI-BUF12840_12 Datasheet
395Kb / 26P
[Old version datasheet]   Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
BUF12840 TI1-BUF12840_14 Datasheet
1Mb / 32P
[Old version datasheet]   Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
More results

Descripción similar - BUF12840AIRGET

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
BUF12840 TI-BUF12840 Datasheet
378Kb / 8P
[Old version datasheet]   Programmable Gamma-Voltage Generator
BUF16821-Q1 TI1-BUF16821-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Programmable Gamma-Voltage Generator
BUF08630 TI-BUF08630 Datasheet
430Kb / 8P
[Old version datasheet]   Programmable Gamma-Voltage Generator
logo
ON Semiconductor
NCS12802 ONSEMI-NCS12802 Datasheet
1,021Kb / 21P
   Programmable Gamma Voltage Reference Generator with Integrated Auto-read
June, 2012 ??Rev. 0
logo
Texas Instruments
BUF08630 TI1-BUF08630_14 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM
logo
Maxim Integrated Produc...
MAX5679 MAXIM-MAX5679 Datasheet
82Kb / 2P
   Digitally Programmable LCD Gamma Reference Generator with Digital Voltage Reference
11/9/2009
logo
Burr-Brown (TI)
BUF20800 BURR-BROWN-BUF20800 Datasheet
752Kb / 27P
   18-Channel GAMMA VOLTAGE GENERATOR with Two Programmable VCOM Channels
logo
Texas Instruments
BUF20800-Q1 TI1-BUF20800-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   18-CHANNEL GAMMA VOLTAGE GENERATOR WITH TWO PROGRAMMABLE VCOM CHANNELS
logo
Burr-Brown (TI)
BUF20820 BURR-BROWN-BUF20820 Datasheet
1Mb / 32P
   18-Channel GAMMA VOLTAGE GENERATOR with Two Programmable VCOM Channels
logo
Texas Instruments
BUF18830 TI1-BUF18830 Datasheet
410Kb / 9P
[Old version datasheet]   Programmable GAMMA-VOLTAGE GENERATOR with Two High Slew Rate VCOMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com