Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0734035114 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 0734035114
Descripción Electrónicos  50 Ohms, FAKRA SMB Jack, Right Angle, Through Hole, Brass Body
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0734035114 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0734035114 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 07/25/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0734035114
Status:
Active
Overview:
FAKRA II SMB and FAKRA RF Connector Systems
Description:
50 Ohms, FAKRA SMB Jack, Right Angle, Through Hole, Brass Body, Keying Option
E, Green
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
RF/Coax Connectors
Series
73403
Overview
FAKRA II SMB and FAKRA RF Connector Systems
Product Name
FAKRA, SMB
Style
PCB
UPC
883906687656
Wire/Cable Type
N/A
Physical
Gender
Jack
Keying to Mating Part
Yes
Net Weight
4.441/g
Orientation
Right Angle
PCB Mounting
Through Hole
Packaging Type
Tray
Panel Mount
No
Panel Mount Method
N/A
Reverse Polar
No
Electrical
Impedance
50#
Solder Process Data
Duration at Max. Process Temperature (seconds)
010
Lead-freeProcess Capability
SMC&WAVE
Max. Cycles at Max. Process Temperature
002
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-73403-511, SD-73403-511-PKG
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant with
Exemption 6(c)
REACH SVHC
Not Contained Per -
ED/21/2016 (20 June
2016)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
50 Image
ELV
Not Relevant
Search Parts in this Series
73403 Series
This document was generated on 07/25/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - 0734035114

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0734035114 MOLEX-0734035114_V01 Datasheet
38Kb / 1P
   50 Ohms, FAKRA SMB Jack, Right-Angle, Through Hole, Brass Body, Keying Option E, Green
More results

Descripción similar - 0734035114

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0734035118 MOLEX11-0734035118 Datasheet
47Kb / 1P
   50 Ohms, FAKRA SMB Jack, Right Angle, Through Hole, Brass Body
0734035122 MOLEX11-0734035122 Datasheet
47Kb / 1P
   50 Ohms, FAKRA SMB Jack, Right Angle, Through Hole, Brass Body
0734035117 MOLEX11-0734035117 Datasheet
47Kb / 1P
   50 Ohms, FAKRA SMB Jack, Right Angle, Through Hole, Brass Body,
0734035121 MOLEX11-0734035121 Datasheet
47Kb / 1P
   50 Ohms, FAKRA SMB Jack, Right Angle, Through Hole, Brass Body,
0734035115 MOLEX11-0734035115 Datasheet
47Kb / 1P
   50 Ohms, FAKRA SMB Jack, Right Angle, Through Hole, Brass Body
0734035113 MOLEX11-0734035113 Datasheet
47Kb / 1P
   50 Ohms, FAKRA SMB Jack, Right Angle, Through Hole, Brass Body
0734035119 MOLEX11-0734035119 Datasheet
47Kb / 1P
   50 Ohms, FAKRA SMB Jack, Right Angle, Through Hole, Brass Body
0734035116 MOLEX11-0734035116 Datasheet
47Kb / 1P
   50 Ohms, FAKRA SMB Jack, Right Angle, Through Hole, Brass Body
0734035120 MOLEX11-0734035120 Datasheet
47Kb / 1P
   50 Ohms, FAKRA SMB Jack, Right Angle, Through Hole, Brass Body
0734035123 MOLEX11-0734035123 Datasheet
47Kb / 1P
   50 Ohms, FAKRA SMB Jack, Right Angle, Through Hole, Brass Body
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com