Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DS50PCI402 Datasheet(PDF) 26 Page - Texas Instruments

No. de pieza DS50PCI402
Descripción Electrónicos  DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DS50PCI402 Datasheet(HTML) 26 Page - Texas Instruments

Back Button DS50PCI402_15 Datasheet HTML 22Page - Texas Instruments DS50PCI402_15 Datasheet HTML 23Page - Texas Instruments DS50PCI402_15 Datasheet HTML 24Page - Texas Instruments DS50PCI402_15 Datasheet HTML 25Page - Texas Instruments DS50PCI402_15 Datasheet HTML 26Page - Texas Instruments DS50PCI402_15 Datasheet HTML 27Page - Texas Instruments DS50PCI402_15 Datasheet HTML 28Page - Texas Instruments DS50PCI402_15 Datasheet HTML 29Page - Texas Instruments DS50PCI402_15 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
DS50PCI402
SNLS320H – APRIL 2010 – REVISED MARCH 2013
www.ti.com
Table 10. SMBus Register Map (continued)
0x35
CH5 - CHA1
7:0
CH5 OA1 DEM
R/W
0x03
OA1 DEM Control
DE Control
[7]: DEM TYPE (Compatibility = 0 / Enhanced = 1)
[6:0]: DEM Level Control
Pin [DEM1 DEM0] = Register [TYPE] [Level Control]
= Hex Value
00 = 00000001 = 01'h = 0.0 dB
01 = 11101000 = E8'h =
−3.5 dB
11 = 10001000 = 88'h =
−6.0 dB
0F = 10010000 = 90'h =
−9.0 dB
1F = 10100000 = A0'h =
−12.0 dB
F0 = 10010000 = 90'h =
−9.0 dB
F1 = 10100000 = A0'h =
−12.0 dB
FF = 11000000 = C0'h = Reserved
0x36
CH5 - CHA1
7:4
Reserved
R/W
0x00
Set bits to 0.
IDLE Threshold
3:0
IDLE threshold
De-assert = [3:2], assert = [1:0]
00 = 110 mV, 70 mV (Default)
01 = 150 mV, 110 mV
10 = 170 mV, 130 mV
11 = 190 mV, 150 mV
0x39
CH6 - CHA2
7:6
Reserved
R/W
0x00
Set bits to 0.
IDLE RATE Select
5
IDLE auto
0: Allow IDLE_sel control in Bit 4
1: Automatic IDLE detect
4
IDLE select
0: Output is ON (SD is disabled)
1: Output is muted (electrical idle)
3:2
Reserved
Set bits to 0.
1
RATE auto
0: Allow RATE_sel control in Bit 0
1: Automatic RATE detect
0
RATE select
0: 2.5 Gbps
1: 5.0 Gbps
0x3A
CH6 - CHA2
7:6
Reserved
R/W
0x20
Set bits to 0.
EQ Control
5:0
CH6 IA2 EQ
IA2 EQ Control - total of 24 levels
(3 gain stages with 8 settings)
[5]: Enable EQ
[4:3]: Gain Stage Control
[2:0]: Boost Level Control
Pin [EQ1 EQ0] = Register [EN] [GST] [BST] = Hex
Value
FF = 100000 = 20'h = Bypass (Default)
11 = 101010 = 2A'h
00 = 110000 = 30'h
F0 = 110010 = 32'h
10 = 111001 = 39'h
F1 = 110101 = 35'h
01 = 110111 = 37'h
0F = 111011 = 3B'h
1F = 111101 = 3D'h
0x3B
CH6 - CHA2
7
Reserved
R/W
0x03
Set bit to 0.
VOD Control
5:0
CH6 OA2 VOD
OA2 VOD Control
03'h = 600 mV (Default)
07'h = 800 mV
0F'h = 1000 mV
1F'h = 1200 mV
26
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: DS50PCI402


Número de pieza similar - DS50PCI402_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DS50PCI402 TI1-DS50PCI402_14 Datasheet
904Kb / 35P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
More results

Descripción similar - DS50PCI402_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DS50PCI402SQ TI-DS50PCI402SQ Datasheet
1Mb / 38P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402 TI1-DS50PCI402 Datasheet
743Kb / 36P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402 TI1-DS50PCI402_14 Datasheet
904Kb / 35P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI402 TI1-DS80PCI402_15 Datasheet
3Mb / 54P
[Old version datasheet]   2.5-Gbps / 5.0-Gbps / 8.0-Gbps 4-Lane PCI-Express Repeater With Equalization and De-Emphasis
DS80PCI402 TI1-DS80PCI402 Datasheet
1Mb / 39P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps / 8.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI401 TI1-DS50PCI401_13 Datasheet
1Mb / 36P
[Old version datasheet]   DS50PCI401 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI102 TI1-DS80PCI102_15 Datasheet
3Mb / 46P
[Old version datasheet]   2.5-Gbps / 5.0-Gbps / 8.0-Gbps 1-Lane PCI-Express Repeater With Equalization and De-Emphasis
logo
National Semiconductor ...
DS50PCI401 NSC-DS50PCI401 Datasheet
939Kb / 32P
   2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Transceiver with Equalization and De-Emphasis
logo
Texas Instruments
DS80PCI102 TI1-DS80PCI102 Datasheet
278Kb / 6P
[Old version datasheet]   DS80PCI102 2.5 Gbps / 5.0 Gbps / 8.0 Gbps 1 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI800 TI1-DS80PCI800 Datasheet
1Mb / 39P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps / 8.0 Gbps 8 Channel PCI Express Repeater with Equalization and De-Emphasis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com