Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DS64BR111 Datasheet(PDF) 28 Page - Texas Instruments

No. de pieza DS64BR111
Descripción Electrónicos  DS64BR111 Ultra Low Power 6.4 Gbps 2-Channel Repeaters with Input Equalization and Output De-Emphasis
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DS64BR111 Datasheet(HTML) 28 Page - Texas Instruments

Back Button DS64BR111_13 Datasheet HTML 24Page - Texas Instruments DS64BR111_13 Datasheet HTML 25Page - Texas Instruments DS64BR111_13 Datasheet HTML 26Page - Texas Instruments DS64BR111_13 Datasheet HTML 27Page - Texas Instruments DS64BR111_13 Datasheet HTML 28Page - Texas Instruments DS64BR111_13 Datasheet HTML 29Page - Texas Instruments DS64BR111_13 Datasheet HTML 30Page - Texas Instruments DS64BR111_13 Datasheet HTML 31Page - Texas Instruments DS64BR111_13 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
DS64BR111
SNLS343C – SEPTEMBER 2011 – REVISED APRIL 2013
www.ti.com
Table 9. SMBus Register Map (continued)
Address
Register
Bits
Field
Type
Default
EEPROM
Description
Name
Reg Bit
0x17
CH B
7
Sel_scp
R/W
0xED
Yes
1 = Short Circuit Protection ON
Control 1
0 = Short Circuit Protection OFF
6
Reserved
Yes
Set bit to 1
5:3
Reserved
Yes
Set bits to = 101'b
2:0
Reserved
Set bits to = 101'b
0x18
CH B
7:5
Reserved
R
0x82
Set bits to = 100'b
Control 2
4
Reserved
R/W
Set bit to 0
3
Reserved
Set bit to 0
2:0
DEM [2:0]
Yes
De-Emphasis (Default = -3.5 dB)
000'b = -0.0 dB
001'b = -1.5 dB
010'b = -3.5 dB
011'b = -6.0 dB
100'b = -8.0 dB
101'b = -9.0 dB
110'b = -10.5 dB
111'b = -12.0 dB
0x19
CH B
7
Slow OOB
R/W
0x00
Yes
Slow OOB Enable (1); Disable (0)
Idle
6:4
Reserved
Set bits to 000'b.
Threshold
3:2
idle_thA[1:0]
Yes
Assert Thresholds
Use only if register 0x08 [6] = 1
00 = 180 mV (Default)
01 = 160 mV
10 = 210 mV
11= 190 mV
1:0
idle_thD[1:0]
Yes
De-assert Thresholds
Use only if register 0x08 [6] = 1
00 = 110 mV (Default)
01 = 100 mV
10 = 150 mV
11= 130 mV
0x23
BR111 CH A
7:6
Reserved
R/W
0x00
Set bits to 00'b.
VOD
4:2
VOD_CH0[2:0]
Yes
DS64BR111 VOD Controls for CH A (Default =
000'b)
000'b = 700 mV
001'b = 800 mV
010'b = 900 mV
011'b = 1000 mV
100'b = 1100 mV
101'b = 1200 mV
110'b = 1300 mV
1:0
Reserved
Set bits to 00'b.
0x25
Reserved
7:5
Reserved
R/W
0xAD
Set bits to 101'b.
4:2
Reserved
Yes
Set bits to 011'b.
1:0
Reserved
Set bits to 01'b.
0x28
Idle Control
7
Reserved
R/W
0x00
6
Override Fast Idle
Yes
5:4
en_high_idle_th[1:0]
Yes
Enable high SD thresholds
[5]: CH A
[4]: CH B
3:2
en_fast_idle[1:0]
Yes
Enable Fast IDLE
[3]: CH A
[2]: CH B
1:0
Reserved
Yes
Set bits to 00'b.
28
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: DS64BR111


Número de pieza similar - DS64BR111_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DS64BR111SQ TI1-DS64BR111SQ Datasheet
678Kb / 39P
[Old version datasheet]   Ultra Low Power 6.4 Gbps 2-Channel Repeaters with Input Equalization and Output De-Emphasis
DS64BR111SQE TI1-DS64BR111SQE Datasheet
678Kb / 39P
[Old version datasheet]   Ultra Low Power 6.4 Gbps 2-Channel Repeaters with Input Equalization and Output De-Emphasis
More results

Descripción similar - DS64BR111_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DS64BR111 TI1-DS64BR111 Datasheet
678Kb / 39P
[Old version datasheet]   Ultra Low Power 6.4 Gbps 2-Channel Repeaters with Input Equalization and Output De-Emphasis
DS100BR111A TI1-DS100BR111A Datasheet
3Mb / 35P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeaters with Input Equalization and Output De-Emphasis
DS100BR111A TI1-DS100BR111A_14 Datasheet
6Mb / 39P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeaters with Input Equalization and Output De-Emphasis
DS100BR111A TI1-DS100BR111A_15 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 1-Lane Repeaters with Input Equalization and Output De-Emphasis
DS100BR210 TI1-DS100BR210_15 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS100BR210 TI1-DS100BR210 Datasheet
1Mb / 39P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS100BR210 TI1-DS100BR210_14 Datasheet
1Mb / 44P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS100BR111 TI1-DS100BR111 Datasheet
1Mb / 39P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS100BR111 TI1-DS100BR111_13 Datasheet
1Mb / 43P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS125BR800 TI1-DS125BR800 Datasheet
1Mb / 59P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel Repeater With Input Equalization and Output De-Emphasis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com